Part Number Hot Search : 
70506 X84C3 1N5392 SI3586 UM232E CR2032 A2210 KSC3953
Product Description
Full Text Search
 

To Download ADV7520NK08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC) ADV7520NK
FEATURES
General Low power HDMI/DVI transmitter ideal for portable applications CEC controller and buffer reduce system overhead Compatible with HDMI v.1.3, DVI v.1.0, and HDCP 1.3 Supports xvYCC functionality Single 1.8 V power supply Video/audio inputs accept logic levels from 1.8 V to 3.3 V Digital video 80 MHz operation supports all HDTV resolutions from 480i to 1080i Programmable 2-way color space converter Supports RGB, YCbCr, and DDR Supports ITU656-based embedded syncs Automatic input video format timing detection (CEA-861D) Digital audio Supports standard S/PDIF for stereo LPCM or compressed audio up to 192 kHz 8-channel, uncompressed LPCM I2S audio up to 192 kHz Special features for easy system design On-chip MPU with I2C master to perform HDCP operations and EDID reading operations 5 V tolerant I2C and HPD I/Os, no extra device needed No audio master clock needed for supporting S/PDIF and I2S On-chip MPU reports HDMI events through interrupts and registers
FUNCTIONAL BLOCK DIAGRAM
SCL SDA MCL MDA INT
I2C SLAVE
HDCP CORE
HDCP AND EDID MICROCONTROLLER
HPD
REGISTERCON FIGURATION LOGIC CLK VSYNC HSYNC DE D[23:0] VIDEO DATA CAPTURE
I2C MASTER CEC CONTROLLER BUFFER SYNC ADJUSTMENT AND GENERATION
DDCSCL DDCSDA CEC
Tx0[1:0] S/PDIF MCLK I2S[3:0] LRCLK SCLK AUDIO DATA CAPTURE COLOR SPACE CONVERSION Tx1[1:0] HDMI Tx CORE Tx2[1:0] TxC[1:0]
ADV7520NK
Figure 1.
The ADV7520NK supports both S/PDIF and 8-channel I2S audio. Its high fidelity, 8-channel I2S can transmit either stereo or 7.1 surround audio at 192 kHz. The S/PDIF can carry stereo linear pulse-code modulation (LPCM) audio or compressed audio, including Dolby(R) Digital and DTS(R). The ADV7520NK helps reduce system design complexity and cost by incorporating such features as an internal microprocessor for high-bandwidth digital content protection (HDCP) operations, an I2C(R) master for extended display identification data (EDID) reading, a single 1.8 V power supply, and 5 V tolerance on the I2C and hot plug detect pins. For additional information and resources, see the Applications Information section. Fabricated in an advanced CMOS process, the ADV7520NK is available in a space saving, 76-ball CSP_BGA. The package is RoHS compliant and is specified for -25C to +90C operation.
APPLICATIONS
Digital video cameras Digital still cameras Personal media players Cellular handsets DVD players and recorders Digital set-top boxes A/V receivers HDMI repeater/splitter
GENERAL DESCRIPTION
The ADV7520NK is an 80 MHz, high definition multimedia interface (HDMITM) v.1.3 transmitter with consumer electronic control (CEC). It supports HDTV formats up to 720p and 1080i and computer graphic resolutions up to XGA (1024 x 768 @ 75 Hz). With the inclusion of HDCP, the ADV7520NK allows the secure transmission of protected content, as specified by the HDCP 1.3 protocol.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved.
06968-001
ADV7520NK TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 Explanation of Test Levels............................................................4 ESD Caution...................................................................................4 Applications Information .................................................................5 Design Resources ..........................................................................5 Document Conventions ...............................................................5 Outline Dimensions ..........................................................................6 Ordering Guide .............................................................................6
REVISION HISTORY
1/08--Revision 0: Initial Version
Rev. 0 | Page 2 of 8
ADV7520NK SPECIFICATIONS
Table 1.
Parameter DIGITAL INPUTS Input Voltage, High (VIH) Input Voltage, Low (VIL) Input Capacitance THERMAL CHARACTERISTICS Thermal Resistance Junction-to-Case BGA (JC) Junction-to-Ambient (JA) Ambient Temperature DC SPECIFICATIONS Input Leakage Current (IIL) AC SPECIFICATIONS CLK Frequency TMDS Output CLK Duty Cycle Input Data Setup Time Input Data Hold Time TMDS Differential Swing VSYNC and HSYNC Delay from DE Falling Edge VSYNC and HSYNC Delay to DE Rising Edge Differential Output Swing Low-to-High Transition Time High-to-Low Transition Time AUDIO AC TIMING Sample Rate I2S Setup Time I2S Hold Time
1 2
Conditions
Temp Full Full 25C
Test Level 1 VI VI VIII
Min 1.4 -0.3
Typ
Max 3.5 +0.7 1.5
Unit V V pF
Full Full Full Full Full Full
V V V VI IV IV IV IV VI IV IV VII VII IV IV IV
-25 -1 13.5 48 1 0.7 900
15.2 59 +25
+90 +1 80 52
C/W C/W C A MHz % ns ns mV UI 2 UI2 ps ps
1000 1 1 175 175
1100
25C 25C I2S and S/PDIF Full 25C 25C
75 75 32 2 2
192
kHz ns ns
See the Explanation of Test Levels section. UI = unit interval.
Rev. 0 | Page 3 of 8
ADV7520NK ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Digital Inputs Digital Output Current Operating Temperature Range Storage Temperature Range Maximum Junction Temperature Maximum Case Temperature Rating -0.3 V to +5 V 20 mA -40C to +100C -65C to +150C 150C 150C
EXPLANATION OF TEST LEVELS
I. II. III. IV. V. VI. VII. VIII. 100% production tested. 100% production tested at 25C and sample tested at specified temperatures. Sample tested only. Parameter is guaranteed by design and characterization testing. Parameter is a typical value only. 100% production tested at 25C; guaranteed by design and characterization testing. Limits defined by HDMI specification; guaranteed by design and characterization testing. Guaranteed by design.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
Rev. 0 | Page 4 of 8
ADV7520NK APPLICATIONS INFORMATION
DESIGN RESOURCES
The following resources, as well as evaluation kits, reference design schematics, and other support documentation, are available after signing an NDA available from flatpanel_apps@analog.com. Users can access a programming guide, a hardware user guide, a software driver user guide, and software driver source code after signing an NDA. Other references include the following: EIA/CEA-861, a technical specifications document, describes audio and video InfoFrames, as well as the E-EDID structure for HDMI. It is available from the Consumer Electronics Association (CEA). HDMI v.1.3, a defining document for HDMI v.1.3, and the HDMI Compliance Test Specification v.1.3 are available from HDMI Licensing, LLC. HDCP Specification v.1.3, the defining technical specifications document for the HDCP v.1.3, is available from Digital Content Protection, LLC.
DOCUMENT CONVENTIONS
In this data sheet, data is represented using the conventions described in Table 3. Table 3. Document Conventions
Data Type 0xNN 0bNN NN Bit Format Hexadecimal (Base 16) numbers are represented using the C language notation, preceded by 0x. Binary (Base 2) numbers are represented using the C language notation, preceded by 0b. Decimal (Base 10) numbers are represented using no additional prefixes or suffixes. Bits are numbered in little endian format; that is, the least significant bit of a byte or word is referred to as Bit 0.
Rev. 0 | Page 5 of 8
ADV7520NK OUTLINE DIMENSIONS
6.10 6.00 SQ 5.90 A1 CORNER INDEX AREA
10 9 8 76 5 4 321 A B
BALL A1 PAD CORNER TOP VIEW
4.50 BSC SQ 0.50 BSC
C D E F G H J K
DETAIL A *1.40 MAX
0.75 REF
BOTTOM VIEW DETAIL A
0.65 MIN
0.15 MIN COPLANARITY 0.08 MAX
0.35 SEATING 0.30 PLANE 0.25 BALL DIAMETER *COMPLIANT TO JEDEC STANDARDS MO-225 WITH THE EXCEPTION TO PACKAGE HEIGHT.
Figure 2. 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA] 6 mm x 6 mm x 1.4 mm (BC-76-1) Dimensions shown in millimeters
ORDERING GUIDE
Model ADV7520NKBBCZ-80 1 ADV7520NKBBCZRL-801 ADV7520NK/PCBZ1
1
Temperature Range -25C to +90C -25C to +90C
Package Description 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA] 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA] Evaluation Board
010807-A
Package Option BC-76-1 BC-76-1
Z = RoHS Compliant Part.
Rev. 0 | Page 6 of 8
ADV7520NK NOTES
Rev. 0 | Page 7 of 8
ADV7520NK NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
(c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D06968-0-1/08(0)
Rev. 0 | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of ADV7520NK08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X