Part Number Hot Search : 
D3055 BT151X KBK10B PT2250A M38C81M2 40N25 M38C81M2 90583C
Product Description
Full Text Search
 

To Download AD74303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultralow Noise BiFET Op Amp AD743
FEATURES Ultralow Noise Performance 2.9 nV/Hz at 10 kHz 0.38 V p-p, 0.1 Hz to 10 Hz 6.9 fA/Hz Current Noise at 1 kHz Excellent DC Performance 0.5 mV Max Offset Voltage 250 pA Max Input Bias Current 1000 V/mV Min Open-Loop Gain AC Performance 2.8 V/ s Slew Rate 4.5 MHz Unity-Gain Bandwidth THD = 0.0003% @ 1 kHz Available in Tape and Reel in Accordance with EIA-481A Standard APPLICATIONS Sonar Preamplifiers High Dynamic Range Filters (>140 dB) Photodiode and IR Detector Amplifiers Accelerometers GENERAL DESCRIPTION CONNECTION DIAGRAMS 8-Lead PDIP (N)
NULL -IN +IN -VS 1 2 3 4 TOP VIEW
16-Lead SOIC (R)
NC OFFSET NULL -IN NC +IN -VS NC NC 1 2 3 4 5 6 7 8 TOP VIEW
AD743
8 NC
7 6 5 +VS OUT NULL
8 16 NC
AD743
15 NC 14 NC 13 +VS
12 OUTPUT 11 OFFSET NULL
NC = NO CONNECT
10 NC 9 NC
NC = NO CONNECT
The AD743 is an ultralow noise, precision, FET input, monolithic operational amplifier. It offers a combination of the ultralow voltage noise generally associated with bipolar input op amps and the very low input current of a FET input device. Furthermore, the AD743 does not exhibit an output phase reversal when the negative common-mode voltage limit is exceeded. The AD743's guaranteed, maximum input voltage noise of 4.0 nV/Hz at 10 kHz is unsurpassed for a FET input monolithic op amp, as is the maximum 1.0 V p-p, 0.1 Hz to 10 Hz noise. The AD743 also has excellent dc performance with 250 pA maximum input bias current and 0.5 mV maximum offset voltage. The AD743 is specifically designed for use as a preamp in capacitive sensors, such as ceramic hydrophones. The AD743J is rated over the commercial temperature range of 0C to 70C. The AD743 is available in a 16-lead SOIC and 8-lead PDIP.
PRODUCT HIGHLIGHTS
2. The combination of low voltage and low current noise make the AD743 ideal for charge sensitive applications such as accelerometers and hydrophones. 3. The low input offset voltage and low noise level of the AD743 provide >140 dB dynamic range. 4. The typical 10 kHz noise level of 2.9 nV/Hz permits a three op amp instrumentation amplifier, using three AD743s, to be built which exhibits less than 4.2 nV/Hz noise at 10 kHz and which has low input bias currents.
1000
R SOURCE EO R SOURCE
OP27 AND RESISTOR (--)
INPUT VOLTAGE NOISE (nV/ Hz)
100
AD743 AND RESISTOR OR OP27 AND RESISTOR
10
AD743 AND RESISTOR ( )
1. The low offset voltage and low input offset voltage drift of the AD743 coupled with its ultralow noise performance mean that the AD743 can be used for upgrading many applications now using bipolar amplifiers.
RESISTOR NOISE ONLY (- - -) 1 100 1k 10k 100k 1M 10M
SOURCE RESISTANCE ( )
Figure 1. Input Voltage Noise vs. Source Resistance
REV. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD743-SPECIFICATIONS
Parameter INPUT OFFSET VOLTAGE Initial Offset Initial Offset vs. Temperature vs. Supply (PSRR) vs. Supply (PSRR) INPUT BIAS CURRENT 3 Either Input Either Input @ TMAX Either Input Either Input, VS = 5 V INPUT OFFSET CURRENT Offset Current @ TMAX FREQUENCY RESPONSE Gain BW, Small Signal Full Power Response Slew Rate, Unity Gain Settling Time to 0.01% Total Harmonic Distortion4 (TPC 16) INPUT IMPEDANCE Differential Common Mode INPUT VOLTAGE RANGE Differential5 Common-Mode Voltage Over Maximum Operating Range 6 Common-Mode Rejection Ratio INPUT VOLTAGE NOISE
1
(@ 25 C and
15 V dc, unless otherwise noted.)
Typ 0.25 Max 1.0 1.5 Unit mV mV V/C dB dB pA nA pA pA pA nA MHz kHz V/s s % pF pF V V V dB dB V p-p nV/Hz nV/Hz nV/Hz nV/Hz fA/Hz V/mV V/mV V/mV V V V V mA V V mA
Conditions
Min
TMIN to TMAX TMIN to TMAX 12 V to 18 V2 TMIN to TMAX VCM = 0 V VCM = 0 V VCM = 10 V VCM = 0 V VCM = 0 V VCM = 0 V G = -1 VO = 20 V p-p G = -1 f = 1 kHz G = -1
90 88
2 96
150 250 30 40
400 8.8 600 200 150 2.2
4.5 25 2.8 6 0.0003 1 3 10 10 20 10 11 18
20 +13.3, -10.7 VCM = 10 V TMIN to TMAX 0.1 Hz to 10 Hz f = 10 Hz f = 100 Hz f = 1 kHz f = 10 kHz f = 1 kHz VO = 10 V, RLOAD 2 k TMIN to TMAX RLOAD = 600 RLOAD 600 RLOAD 600 TMIN to TMAX RLOAD 2 k Short Circuit 1000 800 1200 +13, -12 +13.6, -12.6 +12, -10 12 20 +13.8, -13.1 40 15 8.1 No. of Transistors 50 -10 80 78 +12 95 0.38 5.5 3.6 3.2 2.9 6.9 4000
5.0 4.0
INPUT CURRENT NOISE OPEN-LOOP GAIN
OUTPUT CHARACTERISTICS Voltage
Current POWER SUPPLY Rated Performance Operating Range Quiescent Current TRANSISTOR COUNT
4.8
18 10.0
NOTES 1 Input offset voltage specifications are guaranteed after five minutes of operation at T A = 25C. 2 Test conditions: +V S = 15 V, -VS = 12 V to 18 V; and +V S = 12 V to 18 V, -V S = 15 V. 3 Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at T A = 25C. For higher temperature, the current doubles every 10C. 4 Gain = -1, R L = 2 k, CL = 10 pF. 5 Defined as voltage between inputs, such that neither exceeds 10 V from common. 6 The AD743 does not exhibit an output phase reversal when the negative common-mode limit is exceeded. All min and max specifications are guaranteed. Specifications subject to change without notice.
-2-
REV. E
AD743
ABSOLUTE MAXIMUM RATINGS 1 ORDERING GUIDE
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and -VS Storage Temperature Range (N, R) . . . . . . . -65C to +125C Operating Temperature Range AD743J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 8-lead PDIP: JA = 100C/W, JC = 30C/W. 16-lead SOIC: JA = 100C/W, JC = 30C/W.
Model AD743JN AD743JR-16 AD743JR-16-REEL AD743JR-16-REEL7
*N = PDIP; R = SOIC.
Temperature Range 0C to 70C 0C to 70C 0C to 70C 0C to 70C
Package Option* N-8 R-16 Tape and Reel Tape and Reel
ESD SUSCEPTIBILITY
An ESD classification per method 3015.6 of MIL-STD-883C has been performed on the AD743. The AD743 is a Class 1 device, passing at 1000 V and failing at 1500 V on null Pins 1 and 5, when tested, using an IMCS 5000 automated ESD tester. Pins other than null pins fail at greater than 2500 V.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD743 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. E
-3-
AD743-Typical Performance Characteristics
(@ 25 C, VS = 15 V)
20 RLOAD = 10k
OUTPUT VOLTAGE SWING (V)
20 OUTPUT VOLTAGE SWING (V p-p) 20 RLOAD = 10k 15 POSITIVE SUPPLY
35 30 25 20 15 10 5 0 10
INPUT VOLTAGE SWING (V)
15 +VIN 10
10
-VIN 5
50
NEGATIVE SUPPLY
0
0
5 10 15 SUPPLY VOLTAGE ( V)
20
0
0
5 10 15 SUPPLY VOLTAGE ( V)
100 1k LOAD RESISTANCE ( )
10k
TPC 1. Input Voltage Swing vs. Supply Voltage
TPC 2. Output Voltage Swing vs. Supply Voltage
TPC 3. Output Voltage Swing vs. Load Resistance
12
10-6 10-7
200 100
QUIESCENT CURRENT (mA)
9
INPUT BIAS CURRENT (A)
OUTPUT IMPEDANCE ( )
10-8 10-9 10-10 10-11
10
6
1
3
0.1
0 0 5 10 15 SUPPLY VOLTAGE ( V) 20
10-12 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
0.01 10k
100k 1M 10M FREQUENCY (Hz)
100M
TPC 4. Quiescent Current vs. Supply Voltage
300
TPC 5. Input Bias Current vs. Temperature
80 70
TPC 6. Output Impedance vs. Frequency (Closed-Loop Gain = -1)
7.0
GAIN BANDWIDTH PRODUCT (MHz)
INPUT BIAS CURRENT (pA)
6.0
200
CURRENT LIMIT (mA)
60 50 40 30 20 10
+ OUTPUT CURRENT
5.0
100
- OUTPUT CURRENT
4.0
3.0
0 -12
0 -9 -6 -3 3 6 9 COMMON-MODE VOLTAGE (V)
12
0 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
2.0 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
TPC 7. Input Bias Current vs. Common-Mode Voltage
TPC 8. Short Circuit Current Limit vs. Temperature
TPC 9. Gain Bandwidth Product vs. Temperature
-4-
REV. E
AD743
100 100
3.5
150
80
80
OPEN-LOOP GAIN (dB)
OPEN-LOOP GAIN (dB)
PHASE 60 60
PHASE MARGIN (Degrees)
140
SLEW RATE (V/ s)
3.0
130
40 GAIN 20
40
120
20
2.5
0 -20 100
0 -20 100M
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
2.0 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( C)
80
0
15 5 10 SUPPLY VOLTAGE ( V)
20
TPC 10. Open-Loop Gain and Phase vs. Frequency
TPC 11. Slew Rate vs. Temperature (Gain = -1)
TPC 12. Open-Loop Gain vs. Supply Voltage, RLOAD = 2 k
120
COMMON-MODE REJECTION (dB)
120
35 30
POWER SUPPLY REJECTION (dB)
100 VCM = 10V
100
OUTPUT VOLTAGE (V p-p)
80
80 + SUPPLY 60
25 RL = 2k 20 15 10 5 0 10
60
40
40 - SUPPLY 20
20 0 100
1k
10k
100k
1M
0 100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
FREQUENCY (Hz)
100 1k FREQUENCY (Hz)
10k
TPC 13. Common-Mode Rejection vs. Frequency
TPC 14. Power Supply Rejection vs. Frequency
TPC 15. Large Signal Frequency Response
VOLTAGE NOISE (PREFERRED TO INPUT) (nV/ Hz)
CURRENT NOISE SPECTRAL DENSITY (fA/ Hz)
-70 -80 -90
THD (dB)
100
1k
CLOSED-LOOP GAIN = 10
1
100
-100 GAIN = +10 -110 -120 GAIN = -1 -130 -140 10
1
CLOSED-LOOP GAIN =
10
10
100
1k 10k FREQUENCY (Hz)
100k
0.1
1
1
10
100 1k 10k 100k FREQUENCY (Hz)
1M
10M
1
10
100 1k FREQUENCY (Hz)
10k
100k
TPC 16. Total Harmonic Distortion vs. Frequency
TPC 17. Input Voltage Noise Spectral Density
TPC 18. Input Current Noise Spectral Density
REV. E
-5-
AD743
69 63 57
NUMBER OF UNITS
51 45 39 33 27 21 15 9 3 2.5 2.7 2.9 3.1 3.3 3.5 3.8
INPUT VOLTAGE NOISE (nV/ Hz)
TPC 19. Typical Noise Distribution @ 10 kHz (602 Units)
TPC 23. Unity-Gain Follower Small Signal Pulse Response
100pF
+VS 1F 2 7 AD743 4 -VS 0.1 F 6 15 VOS ADJUST 2M 1M
2k +VS 2k VIN 2 7 AD743 3 4 -VS SQUARE WAVE INPUT 1F 0.1 F 1F 6 CL 100pF 0.1 F VOUT
3 0.1 F 1F
TPC 20. Offset Null Configuration
TPC 24. Unity-Gain Inverter
+VS 2 VIN 300 *3 7 AD743 4 -VS SQUARE WAVE INPUT 1F 0.1 F 1F 6 RL 2k CL 10pF 0.1 F VOUT
*OPTIONAL, NOT REQUIRED
TPC 21. Unity-Gain Follower
TPC 25. Unity-Gain Inverter Large Signal Pulse Response
TPC 22. Unity-Gain Follower Large Signal Pulse Response
TPC 26. Unity-Gain Inverter Small Signal Pulse Response
-6-
REV. E
AD743
OP AMP PERFORMANCE: JFET VS. BIPOLAR
The AD743 is the first monolithic JFET op amp to offer the low input voltage noise of an industry-standard bipolar op amp without its inherent input current errors. This is demonstrated in Figure 2, which compares input voltage noise versus input source resistance of the OP27 and AD743 op amps. From this figure, it is clear that at high source impedance the low current noise of the AD743 also provides lower total noise. It is also important to note that with the AD743 this noise reduction extends all the way down to low source impedances. The lower dc current errors of the AD743 also reduce errors due to offset and drift at high source impedances (Figure 3).
1000
low frequency noise performance. Random air currents can generate varying thermocouple voltages that appear as low frequency noise; therefore, sensitive circuitry should be well shielded from air flow. Keeping absolute chip temperature low also reduces low frequency noise in two ways. First, the low frequency noise is strongly dependent on the ambient temperature and increases above +25C. Second, since the gradient of temperature from the IC package to ambient is greater, the noise generated by random air currents, as previously mentioned, will be larger in magnitude. Chip temperature can be reduced both by operation at reduced supply voltages and by the use of a suitable clip-on heat sink, if possible. Low frequency current noise can be computed from the magnitude of the dc bias current
R SOURCE EO R SOURCE
OP27 AND RESISTOR (--)
INPUT VOLTAGE NOISE (nV/ Hz)
= 2qI f In B
and increases below approximately 100 Hz with a 1/f power spectral density. For the AD743, the typical value of current noise is 6.9 fA/Hz at 1 kHz. Using the formula
100
AD743 AND RESISTOR OR OP27 AND RESISTOR
10
AD743 AND RESISTOR ( )
In = 4kT / Rf
to compute the Johnson noise of a resistor, expressed as a current, one can see that the current noise of the AD743 is equivalent to that of a 3.45 108 source resistance.
RESISTOR NOISE ONLY (- - -) 1 100 1k 10k 100k 1M 10M
SOURCE RESISTANCE ( )
Figure 2. Total Input Noise Spectral Density @ 1 kHz vs. Source Resistance
100
At high frequencies, the current noise of a FET increases proportionately to frequency. This noise is due to the "real" part of the gate input impedance, which decreases with frequency. This noise component usually is not important, since the voltage noise of the amplifier impressed upon its input capacitance is an apparent current noise of approximately the same magnitude. In any FET input amplifier, the current noise of the internal bias circuitry can be coupled externally via the gate-to-source capacitances and appears as input current noise. This noise is totally correlated at the inputs, so source impedance matching will tend to cancel out its effect. Both input resistance and input capacitance should be balanced whenever dealing with source capacitances of less than 300 pF in value.
LOW NOISE CHARGE AMPLIFIERS
OP27
INPUT OFFSET VOLTAGE (mV)
10
1 AD743
0.1 100 1k 10k 100k 1M 10M SOURCE RESISTANCE ( )
As stated, the AD743 provides both low voltage and low current noise. This combination makes this device particularly suitable in applications requiring very high charge sensitivity, such as capacitive accelerometers and hydrophones. When dealing with a high source capacitance, it is useful to consider the total input charge uncertainty as a measure of system noise. Charge (Q) is related to voltage and current by the simply stated fundamental relationships Q = CV and I = dQ dt
Figure 3. Input Offset Voltage vs. Source Resistance
DESIGNING CIRCUITS FOR LOW NOISE
An op amp's input voltage noise performance is typically divided into two regions: flatband and low frequency noise. The AD743 offers excellent performance with respect to both. The figure of 2.9 nV/Hz @ 10 kHz is excellent for a JFET input amplifier. The 0.1 Hz to 10 Hz noise is typically 0.38 V p-p. The user should pay careful attention to several design details in order to optimize
As shown, voltage, current, and charge noise can all be directly related. The change in open circuit voltage (V) on a capacitor will equal the combination of the change in charge (Q/C) and the change in capacitance with a built in charge (Q/C).
REV. E
-7-
AD743
DECIBELS REFERENCED TO 1V/ Hz
Figures 4 and 5 show two ways to buffer and amplify the output of a charge output transducer. Both require using an amplifier that has a very high input impedance, such as the AD743. Figure 4 shows a model of a charge amplifier circuit. Here, amplification depends on the principle of conservation of charge at the input of amplifier A1, which requires that the charge on capacitor CS be transferred to capacitor CF, thus yielding an output voltage of Q/CF. The amplifier's input voltage noise will appear at the output amplified by the noise gain (1 + (CS/CF)) of the circuit.
CF RB* R1 R2
-100 -110 -120 -130 -140 -150 -160 -170 -180 -190 -200 -210 -220 0.01 0.1 1 10 100 FREQUENCY (Hz) 1k 10k 100k NOISE DUE TO IB ALONE NOISE DUE TO RB ALONE TOTAL OUTPUT NOISE
CS CB* RB*
A1 R1 = CS R2 CF
Figure 6. Noise at the Outputs of the Circuits of Figures 4 and 5. Gain = +10, CS = 3000 pF, RB = 22 M
*OPTIONAL, SEE TEXT
Figure 4. Charge Amplifier Circuit
R1 CB*
However, this does not change the noise contribution of RB which, in this example, dominates at low frequencies. The graph of Figure 7 shows how to select an RB large enough to minimize this resistor's contribution to overall circuit noise. When the equivalent current noise of RB ((4kT)/R equals the noise of IB (2qIB), there is diminishing return in making RB larger.
5.2 1010
R2
RB* CS RB
A2
5.2
109
*OPTIONAL, SEE TEXT
Figure 5. Model for a High Z Follower with Gain
RESISTANCE ( )
5.2
108
The circuit in Figure 5 is simply a high impedance follower with gain. Here the noise gain (1 + (R1/R2)) is the same as the gain from the transducer to the output. In both circuits, resistor RB is required as a dc bias current return. There are three important sources of noise in these circuits. Amplifiers A1 and A2 contribute both voltage and current noise, while resistor RB contributes a current noise of T f N = 4k RB where k = Boltzman's Constant = 1.381 x 10-23 joules/kelvin T = Absolute Temperature, kelvin (0C = 273.2 kelvin) f = Bandwidth--in Hz (assuming an ideal "brick wall" filter) This must be root-sum-squared with the amplifier's own current noise. Figure 6 shows that these circuits in Figures 4 and 5 have an identical frequency response and noise performance (provided that CS/CF = R1/ R2). One feature of the first circuit is that a "T" network is used to increase the effective resistance of RB and to improve the low frequency cutoff point by the same factor.
5.2
107
5.2
106 1pA
10pA
100pA INPUT BIAS CURRENT
1nA
10nA
Figure 7. Graph of Resistance vs. Input Bias Current Where the Equivalent Noise 4kT/R, Equals the Noise of the Bias Current 2qIB
To maximize dc performance over temperature, the source resistances should be balanced on each input of the amplifier. This is represented by the optional resistor RB in Figures 4 and 5. As previously mentioned, for best noise performance, care should be taken to also balance the source capacitance designated by CB. The value for CB in Figure 4 would be equal to CS in Figure 5. At values of CB over 300 pF, there is a diminishing impact on noise; capacitor CB can then be simply a large bypass of 0.01 F or greater.
-8-
REV. E
AD743
HOW CHIP PACKAGE TYPE AND POWER DISSIPATION AFFECT INPUT BIAS CURRENT
INPUT BIAS CURRENT (pA)
300
As with all JFET input amplifiers, the input bias current of the AD743 is a direct function of device junction temperature, IB approximately doubling every 10C. Figure 8 shows the relationship between the bias current and the junction temperature for the AD743. This graph shows that lowering the junction temperature will dramatically improve IB.
10-6
TA = +25 C 200
JA = 165 C/W
JA = 115 C/W
JA = 0 C/W
100
10-7
INPUT BIAS CURRENT (A)
0
10-8 TA = 25 C VS = 15V
5
10 SUPPLY VOLTAGE ( V)
15
10-9
Figure 10. Input Bias Current vs. Supply Voltage for Various Values of JA
TJ
10-10
10-11
A
(J TO DIE MOUNT)
10-12 -60
-40
-20
0
20
40
60
80
100
120
140
B
JUNCTION TEMPERATURE ( C)
(DIE MOUNT TO CASE) TA CASE
A+ B=
Figure 8. Input Bias Current vs. Junction Temperature
The dc thermal properties of an IC can be closely approximated by using the simple model of Figure 9, where current represents power dissipation, voltage represents temperature, and resistors represent thermal resistance ( in C/W).
TJ
JC CA
JC
Figure 11. Breakdown of Various Package Thermal Resistances
REDUCED POWER SUPPLY OPERATION FOR LOWER I B
PIN
JA
TA
PIN = DEVICE DISSIPATION TA = AMBIENT TEMPERATURE TJ = JUNCTION TEMPERATURE JC = THERMAL RESISTANCE--JUNCTION TO CASE CA = THERMAL RESISTANCE--CASE TO AMBIENT
Reduced power supply operation lowers IB in two ways: first, by lowering both the total power dissipation and second, by reducing the basic gate-to-junction leakage (Figure 10). Figure 12 shows a 40 dB gain piezoelectric transducer amplifier, which operates without an ac-coupling capacitor over the -40C to +85C temperature range. If the optional coupling capacitor is used, this circuit will operate over the entire -55C to +125C military temperature range.
100 C1* 108 ** CT** +5V 10k
Figure 9. Device Thermal Model
From this model, TJ = TA + JA PIN. Therefore, IB can be determined in a particular application by using Figure 8 together with the published data for JA and power dissipation. The user can modify JA by using of an appropriate clip-on heat sink, such as the Aavid No. 5801. JA is also a variable when using the AD743 in chip form. Figure 10 shows the bias current versus the supply voltage with JA as the third variable. This graph can be used to predict bias current after JA has been computed. Again, bias current will double for every 10C. The designer using the AD743 in chip form (Figure 11) must also be concerned with both JC and CA, since JC can be affected by the type of die mount technology used. Typically, JC will be in the 3C/W to 5C/W range; therefore, for normal packages, this small power dissipation level may be ignored. But, with a large hybrid substrate, JC will dominate proportionately more of the total JA.
TRANSDUCER CT 108
AD743
-5V
*OPTIONAL DC BLOCKING CAPACITOR **OPTIONAL, SEE TEXT
Figure 12. Piezoelectric Transducer
REV. E
-9-
AD743
AN INPUT IMPEDANCE COMPENSATED, SALLEN-KEY FILTER
C1 1250pF R1 110M 22M ) R3 1k
The simple high-pass filter of Figure 13 has an important source of error which is often overlooked. Even 5 pF of input capacitance in amplifier A will contribute an additional 1% of pass-band amplitude error, as well as distortion, proportional to the C/V characteristics of the input junction capacitance. The addition of the network designated Z will balance the source impedance--as seen by A--and thus eliminate these errors.
+VS
(5
R2 9k
C2 2.2 F R4 18M AD711
500k
Z
R5 18M C3 2.2 F
A 1000pF 1000pF
500k
-VS 1000pF Z 1000pF 500k 500k
AD743 B AND K MODEL 4370 OR EQUIVALENT
OUTPUT 0.8mV/pC
Figure 13. Input Impedance Compensated Sallen-Key Filter
TWO HIGH PERFORMANCE ACCELEROMETER AMPLIFIERS
Figure 14b. Accelerometer Circuit Using a DC Servo Amplifier
Two of the most popular charge-out transducers are hydrophones and accelerometers. Precision accelerometers are typically calibrated for a charge output (pC/g).* Figures 14a and 14b show two ways in which to configure the AD743 as a low noise charge amplifier for use with a wide variety of piezoelectric accelerometers. The input sensitivity of these circuits will be determined by the value of capacitor C1 and is equal to
A dc servo loop (Figure 14b) can be used to assure a dc output which is <10 mV, without the need for a large compensating resistor when dealing with bias currents as large as 100 nA. For optimal low frequency performance, the time constant of the servo loop (R4C2 = R5C3) should be R2 Time Constant 10 R11 + C1 R3
LOW NOISE HYDROPHONE AMPLIFIER
VOUT =
QOUT C1
The ratio of capacitor C1 to the internal capacitance (CT) of the transducer determines the noise gain of this circuit (1 + CT/C1). The amplifier's voltage noise will appear at its output amplified by this amount. The low frequency bandwidth of these circuits will be dependent on the value of resistor R1. If a T network is used, the effective value is R1(1 + R2/R3).
C1 1250pF R1 110M (5 22M )
Hydrophones are usually calibrated in the voltage out mode. The circuits of Figures 15a and 15b can be used to amplify the output of a typical hydrophone. Figure 15a shows a typical dc-coupled circuit. The optional resistor and capacitor serve to counteract the dc offset caused by bias currents flowing through resistor R1. Figure 15b, a variation of the original circuit, has a low frequency cutoff determined by an RC time constant equal to
Time Constant =
R3 100
1 2 x CC x 100
R2 1900
R2 9k R3 1k
C1* R4* 108 B AND K TYPE 8100 HYDROPHONE CT R1 108 AD743 OUTPUT
AD743 B AND K MODEL 4370 OR EQUIVALENT
OUTPUT 0.8mV/pC*
*pC = PICOCOULOMBS g = EARTH'S GRAVITATIONAL CONSTANT
INPUT SENSITIVITY = -179 dB re. 1V/ Pa** *OPTIONAL, SEE TEXT **1V PER MICROPASCAL
Figure 14a. Basic Accelerometer Circuit
Figure 15a. Basic Hydrophone Amplifier
-10-
REV. E
AD743
R2 1900 R3 100 CC
R4*
C1*
B AND K TYPE 8100 HYDROPHONE CT R1 108
AD743
OUTPUT
where the dc gain is 1 and the gain above the low frequency cutoff (1/(2CC(100 ))) is the same as the circuit of Figure 15a. The circuit of Figure 15c uses a dc servo loop to keep the dc output at 0 V and to maintain full dynamic range for IB up to 100 nA. The time constant of R7 and C2 should be larger than that of R1 and CT for a smooth low frequency response. The transducer shown has a source capacitance of 7500 pF. For smaller transducer capacitances (300 pF), the lowest noise can be achieved by adding a parallel RC network (R4 = R1, C1 = CT) in series with the inverting input of the AD743.
BALANCING SOURCE IMPEDANCES
INPUT SENSITIVITY = -179 dB re. 1V/ Pa** *OPTIONAL, SEE TEXT **1V PER MICROPASCAL
Figure 15b. AC-Coupled, Low Noise Hydrophone Amplifier
R2 1900 R3 100
R4* 108
C1*
OUTPUT R7 16M
As mentioned previously, it is good practice to balance the source impedances (both resistive and reactive) as seen by the inputs of the AD743. Balancing the resistive components will optimize dc performance over temperature because balancing will mitigate the effects of any bias current errors. Balancing input capacitance will minimize ac response errors due to the amplifier's input capacitance and, as shown in Figure 16, noise performance will be optimized. Figure 17 shows the required external components for noninverting (A) and inverting (B) configurations.
40
AD743
C2 0.27 F R1 108 R6 1M R5 100k AD711K 16M
RTI VOLTAGE NOISE (nV/Hz)
B AND K TYPE 8100 HYDROPHONE CT
30
20
DC OUTPUT
1mV FOR IB (AD743)
100nA
UNBALANCED 10 BALANCED 2.9nV/Hz
*OPTIONAL, SEE TEXT
Figure 15c. Hydrophone Amplifier Incorporating a DC Servo Loop
10
100 INPUT CAPACITORS (pF)
1000
Figure 16. RTI Voltage Noise vs. Input Capacitance
R1 CF CB RB R2 CS RS NONINVERTING CONNECTION A CB = CS RB = RS FOR RS >> R1 OR R2 A OUTPUT R1 B OUTPUT CB RB
RS
CS
INVERTING CONNECTION B CB = C F CS RB = R1 RS
Figure 17. Optional External Components for Balancing Source Impedances
REV. E
-11-
AD743
OUTLINE DIMENSIONS 8-Lead Plastic Dual In-Line Package [PDIP] (N-8)
Dimensions shown in inches and (millimeters)
0.375 (9.53) 0.365 (9.27) 0.355 (9.02)
8 5
16-Lead Standard Small Outline Package [SOIC] Wide Body (R-16)
Dimensions shown in millimeters and (inches)
1
4
0.295 (7.49) 0.285 (7.24) 0.275 (6.98) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.015 (0.38) MIN SEATING PLANE 0.060 (1.52) 0.050 (1.27) 0.045 (1.14)
16
9
7.60 (0.2992) 7.40 (0.2913)
0.100 (2.54) BSC 0.180 (4.57) MAX 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.022 (0.56) 0.018 (0.46) 0.014 (0.36)
0.150 (3.81) 0.135 (3.43) 0.120 (3.05)
1
8
10.65 (0.4193) 10.00 (0.3937)
0.015 (0.38) 0.010 (0.25) 0.008 (0.20)
1.27 (0.0500) BSC 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130)
2.65 (0.1043) 2.35 (0.0925)
0.75 (0.0295) 0.25 (0.0098)
45
COPLANARITY 0.10
SEATING PLANE
0.32 (0.0126) 0.23 (0.0091)
8 0
1.27 (0.0500) 0.40 (0.0157)
COMPLIANT TO JEDEC STANDARDS MO-095AA CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Revision History
Location 7/03--Data Sheet changed from REV. D to REV. E. Page
Deleted K Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Changes to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
2/02--Data Sheet changed from REV. C to REV. D.
Edits to PRODUCT DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Edits to CONNECTION DIAGRAMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Deleted AD7435 column from SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Deleted METALLIZATION PHOTOGRAPH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Edits to REDUCE POWER SUPPLY OPERATION FOR LOWER IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Deleted 8-Pin CERDIP (Q) package drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
-12-
REV. E
C00830-0-7/03(E)
10.50 (0.4134) 10.10 (0.3976)


▲Up To Search▲   

 
Price & Availability of AD74303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X