Part Number Hot Search : 
TP1101 74LS393 4ACT2 120FC 4528B BLF245C KA7806AE LTC4557
Product Description
Full Text Search
 

To Download ACT8750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief, 09-Nov-07 Advanced Information - All Information Subject to Change
ACT8750
Six Channel Integrated Power Management IC for Handheld Portable Equipment FEATURES
* Multiple Patents Pending * Six Integrated Regulators - 350mA PWM Step-Down DC/DC - 550mA PWM Step-Down DC/DC - Step-Up DC/DC with OVP for WLED Bias - 150mA Low Noise LDO - 150mA Low Noise LDO - 150mA Low Noise LDO * Minimal External Components * 4x4mm, Thin-QFN (TQFN44-24) Package - Only 0.75mm Height - RoHS Compliant
GENERAL DESCRIPTION
The patent-pending ACT8750 is a complete, costeffective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of portable handheld equipment. This device integrates two PWM step-down DC/DC converters, one step-up DC/DC converter with over-voltage protection (OVP) for WLED bias, and three low dropout linear regulators (LDOs) into a single, thin, spacesaving package. REG1 and REG2 are fixed-frequency, current-mode PWM step-down DC/DC converters that are optimized for high efficiency and are capable of supplying up to 350mA and 550mA, respectively. REG3 is a fixed-frequency, step-up DC/DC converter that safely and efficiently biases a string of up to seven white-LEDs for backlighting applications. The three LDOs are low noise, high PSRR linear regulators capable of supplying up to 150mA each. The ACT8750 is available in a tiny 4mm x 4mm 24-pin Thin-QFN package that is just 0.75mm thin.
APPLICATIONS
* Portable Devices and PDAs * Wireless Handhelds * DMB Enabled Devices * GPS Receivers, etc.
SYSTEM BLOCK DIAGRAM
Innovative Products. Active Solutions.
ActivePMUTM is a trademark of Active-Semi.
-1-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT8750
Product Brief, 09-Nov-07
PRODUCT OPTIONS
Block
REG1 REG2 REG3 REG4 REG5 REG6
Function
Step-Down DC/DC Step-Down DC/DC Step-Up DC/DC LDO LDO LDO
Output Voltage
0.645V to 3.3V
Capability
350mA 550mA
Up to 27.5V
Up to 7 WLEDs 150mA
1.4V to 3.7V
150mA 150mA
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders. Contact Active-Semi for more information regarding semi-custom output voltage combinations. : Contact factory for additional available products or custom requirements.
FUNCTIONAL BLOCK DIAGRAM
Innovative Products. Active Solutions.
-2-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.


▲Up To Search▲   

 
Price & Availability of ACT8750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X