Part Number Hot Search : 
C6464 222K163 MAX9651 390MC AN7147N PK70FG40 HVC136 16400C1
Product Description
Full Text Search
 

To Download ACT8701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief, 09-Nov-07 Advanced Information - All Information Subject to Change
ACT8701
Four Channel Integrated Power Management IC for Handheld Portable Equipment FEATURES
* Multiple Patents Pending * Li+ Battery Charger with Integrated MOSFET
- ON/OFF Control and Status Indication
GENERAL DESCRIPTION
The patent-pending ACT8701 is a complete, costeffective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of portable handheld equipment. This device integrates two step-down DC/DC converters, one stepup DC/DC converter with over-voltage protection (OVP), and a full-featured, linear-mode Li+ battery charger into a single, thin, space-saving package. REG1 and REG2 are fixed-frequency, current-mode PWM step-down DC/DC converters that are optimized for high efficiency and are capable of supplying up to 350mA and 550mA, respectively. REG3 is a fixed-frequency, step-up DC/DC converter that can be configured to generate a 3.3V buck/boost output or can be used in a wide variety of regulatedvoltage applications such as TFT panel biasing. The battery charger incorporates an internal power MOSFET for constant-current/constant-voltage thermally regulated charging of a single-cell Li+ battery. The ACT8701 is available in a tiny 4mm x 4mm 24-pin Thin-QFN package that is just 0.75mm thin.
* Three Integrated Regulators
- 350mA PWM Step-Down DC/DC - 550mA PWM Step-Down DC/DC - Step-Up DC/DC with OVP
* Minimal External Components * 4x4mm, Thin-QFN (TQFN44-24) Package
- Only 0.75mm Height - RoHS Compliant
APPLICATIONS
* Portable Devices and PDAs * Digital Media Players * Battery Operated Devices * GPS Receivers, etc.
SYSTEM BLOCK DIAGRAM
VIN CHGLEV nSTAT
Single Cell Li+ Battery Charger
Battery 100mA/500mA
REG1
Step-Down DC/DC nMSTR nIRQ nRSTO ON1 ON2 System Control
OUT1 1.2V to 3.3V Up to 350mA
REG2
Step-Down DC/DC
OUT2 1.2V to 3.3V Up to 550mA
REG3
ACT8701
Step-Up DC/DC
OUT3 Up to 27.5V
Innovative Products. Active Solutions.
ActivePMUTM is a trademark of Active-Semi.
-1-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT8701
Product Brief, 09-Nov-07
PRODUCT OPTIONS
Block
CHGR REG1 REG2 REG3
Function
Battery Charger Step-Down DC/DC
Output Voltage
4.20V (4.10V to 4.30V available) 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
Capability
100mA/500mA 350mA 550mA
Step-Down DC/DC Step-Up DC/DC Adjustable Up to 27.5V
1.5W
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders. Contact Active-Semi for more information regarding semi-custom output voltage combinations. : Contact factory for additional available products or custom requirements.
FUNCTIONAL BLOCK DIAGRAM
VSYS
BODY AND VSYS CONTROL
ACT8701
BAT Li+ Battery +
CURRENT SENSE VOLTAGE SENSE PRECONDITION
AC Adaptor or USB
4.3V to 6V
VIN
VINUVLO
nSTAT
4.0V
CHARGE STATUS
Charge Control
2.9V
THERMAL REGULATION
OUT2 CHGLEV FLOAT
110C VP1 To Battery
OUT2 nRSTO REG1 SW1 OUT1 OUT1 GP12 VSYS nMSTR
VP2 To Battery
REG2
PUSH BUTTON OUT2 nIRQ
SW2 OUT2 OUT2 GP12
System Control SW3 ON1 OVP REG3 ON2 FB3 GP3 To Battery OUT3
GA
Innovative Products. Active Solutions.
-2-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.


▲Up To Search▲   

 
Price & Availability of ACT8701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X