Part Number Hot Search : 
RM13TR ES6420E KF458BV TMEGA32 25L4005A GBC30 2590T7 B1621
Product Description
Full Text Search
 

To Download 94RC08CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thru-Hole DIP Switches
SERIES 94R
Economical, Binary Coded FEATURES * 10,000 Cycles of Operation * Gold-Plated Contacts * Sealed Contact System * Right Angle Mount * Octal, BCD & Hexadecimal Codes * Standard or Complement * RoHS Compliant DIMENSIONS
In inches (and millimeters)
.094 (2,93) .213 (5,41) .286 (7,26) .162 (4,11) .480 .443 (12,19) (11,25)
SWITCH POSITION
CODE & TRUTH TABLES:
Series 94H and 94R
Standard Output
0 1 2 3 4 5 6 7 8 9 A B C D E F
CODE OUTPUT CODE OUTPUT
1248
1248
Complement Output
.433 (11,00)
.210 (5,33)
.689 (17,50) 1.123 (28,52) .044 (1,12) DIA.
.200 (5,08)
DIP Switches
DIP 21
Pin #1
1 C 4
8 C 2
.179 (4,55)
PC board layout as viewed from the top of the switch
.059 (1,50)
.058 (1,47) DIA.
.199 (5,05) .235 (5,97)
Unless otherwise indicated, tolerances are .010 (0,25)
SPECIFICATIONS:
Electrical Ratings
Series 94H and 94R
Make-and-break Current Rating: 30 mA at 30 Vdc for 10,000 cycles of operation. Carrying Current Rating: 100 mA at 50 Vdc Contact Resistance: 50 mohms maximum initially (measured at 10 mA, 50 mVdc). 150 mohms maximum after life. Insulation Resistance:(measured at 100 Vdc across open switch contacts) Initial: 5000 Mohms minimum. After Life: 1000 Mohms minimum. Dielectric Strength: (measured across open switch contacts) Initial: 500 Vac RMS minimum. After Life: 250 Vac RMS
Moisture Resistance: 240 hours with temperature cycling and polarization. Passes insulation resistance and dielectric strength per MIL-STD-202F, Method 106 following exposure.
Materials and Finishes
Rotor and Switch Body: Plastic (UL94V-O) Contact Material: Copper alloy plated. 30 microinches minimum gold over 50 microinches minimum nickel. Shorting Member: Copper alloy plated. 30 microinches minimum gold over 50 microinches minimum nickel. Terminals: Copper alloy, matte tin plated over nickel barrier.
Dot indicates terminal to common connection. All switches are continuous rotation. Octal and Octal Complement outputs are 0 thru 7 positions. BCD and BCD Complement outputs are 0 thru 9 positions. Hexadecimal and Hexadecimal Complement outputs are 0 thru F positions. Standard codes have natural color rotors; complements have rotors in a contrasting color. Internal O-ring: Rubber BUNA-N
Soldering Information
Soldering Temperature: 260 C maximum. Cleaning: Acceptable solutions include 1-1-1 Trichlorenthane, Freon (TF, TE, or TMS), Isopropyl Alcohol and detergent (140F maximum). Solutions which are not recommended include Acetone, Methylene Chloride, and Freon TMC.
Mechanical Ratings
Mechanical Life: 10,000 cycles of operation. One cycle is a rotation through all positions and a complete return through all positions. Mechanical Shock: 1000g's, 0.5 mS, half sine per MIL-STD-202F, Method 213, Test Condition E. Vibration Resistance: 10-2000 Hz at 15G or 0.060" double amplitude per MIL-STD-202F, Method 204, Test Condition B. Operational Torque: 2 to 6 inch-ounces initially and 1.2 inch-ounces minimum after life.
ORDERING INFORMATION: Series 94R
Continuous Rotation Versions Code Octal BCD Hexadecimal Rotational Stop Versions* Code Hexadecimal No. of Positions 16 Standard Code Part Number 94RB16FT Complement Part Number 94RC16FT No. of Positions 8 10 16 Standard Code Part Number 94RB08CT 94RB10CT 94RB16CT Complement Part Number 94RC08CT 94RC10CT 94RC16CT
Environmental Ratings
Operating Temperature Range: -40 to +85C. Storage Temperature Range: -40 to +85C.
* Consult Grayhill for 8 or 10 position
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois 60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com


▲Up To Search▲   

 
Price & Availability of 94RC08CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X