Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download WP7113EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP7113EC High Efficiency Red
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101004981
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 10mA Min. WP7113EC High Efficiency Red (GaAsP/GaP) WATER CLEAR 28 Typ. 80 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
High Efficiency Red 75 30 160 5 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101004981
High Efficiency Red
WP7113EC
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101004981
PACKING & LABEL SPECIFICATIONS
WP7113EC
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101004981
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101004981
SPEC NO: DSAF2400 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/21/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101004981


▲Up To Search▲   

 
Price & Availability of WP7113EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X