Part Number Hot Search : 
2SK2312F E103M CT4060 YV26A YV26A LTC3112 BAR64 MTD1N60E
Product Description
Full Text Search
 

To Download UU9LFB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC COMMON MODE COIL
Type: UU9LFB, UU9LFBH
Product Description
16.5x11.0mm Max.(LxW), 16.5mm Max. Height. (UU9LFB) 16.5x15.5mm Max.(LxW), 12.5mm Max. Height. (UU9LFBH) Inductance range: 3.2mH28mH Rated current range: 0.130.36A In addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements.
Feature
Impedance characteristic in high frequency range is improved by split bobbin compared with UU9LF(H). Ideally used as common mode noise filter for TV, VCR, Switching power supply, NC machine, PCPC related advice, measurement and control unit.. RoHS Compliance
Dimensions (mm)
11.0 MAX. 3.4 MAX. 16.5 MAX. 2.80.3
16.5 MAX.
7.0 0.3
1 2 3
PIN#1
UU9LFB
0.6 0.1
15.5 MAX.
12.5 MAX. 3.4 MAX.
3.5 1.0
4
7.00.3
1 2 3
PIN1
16.5 MAX.
UU9LFBH
0.60.1
Dimension does not include solder used on coil. Terminal pitch is measured at the base(not from tip of the pin) Please refer to the sales offices on our website for a representative near you
www.sumida.com
4
8.00.3
8.0 0.3
1/2
AC COMMON MODE COIL
Type: UU9LFB, UU9LFBH
Schematics (Bottom)

Winding start is #1,#4 or #2,#3 #1, #2should be same polarity.
Specification(UU9LFB)
NO. 01 02 03 04 05 Part No. UU9LFBNP-B-B322 UU9LFBNP-B-B5O2 UU9LFBNP-B-B9O2 UU9LFBNP-B-B163 UU9LFBNP-B-B283 Stamp B322 B5O2 B9O2 B163 B283 Inductance(mH) (1-2)( 4-3) Min.(Typ.) 1kHz 3.2(6.3) 5.0(10.0) 9.0(18) 16.5(33) 28(56) Inductance Balance MAX.(H) 150 200 360 440 700 D.C.R. () [MAX.] (1-2)(4-3) (at 20) 1.66(1.28) 2.81(2.16) 5.0(3.9) 7.0(5.6) 13.0(10.0) Rated Current
Between (1-4) (2-3) shorted
(mA)1 360 260 180 160 130
Specification(UU9LFBH)
NO. 01 02 03 04 05 Part No. UU9LFBHNP-B-B322 UU9LFBHNP-B-B5O2 UU9LFBHNP-B-B9O2 UU9LFBHNP-B-B163 UU9LFBHNP-B-B283 Stamp B322 B502 B902 B163 B283 Inductance(mH) (1-2)( 4-3) Min.(Typ.) 1kHz 3.2(6.3) 5.0(10.0) 9.0(18) 16(33) 28(56) Inductance Balance MAX.(H) 150 200 360 440 700 D.C.R. () [MAX.] (1-2)(4-3) (at 20) 1.7(1.3) 2.8(2.2) 5.0(3.9) 7.0(5.6) 13.0(10.0) Rated Current
Between (1-4) (2-3) shorted
(mA)1 360 260 180 160 130
1. Rated current: The DC current at which the temperature rise is t40.(Ta20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of UU9LFB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X