Part Number Hot Search : 
IRKD5608 BTA31 GNTRP AP1534 GT15Q102 HV7022 BUT12 05201033
Product Description
Full Text Search
 

To Download TFB-2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filter Coils < Pin Type: TFB Series>
Type:
*Y
TFB-2D
Product Description
*E 18.2A 9.7mm Max.(LA W), 12.5mm Max. Height. *E Operating frequency:10~200kHz *E In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
*Y
Feature
*E *E *E *E
*Y
Variable shielded type with two individual coils combined. Two capacitors can be internally mounted in one section. Ideally used in VCR, Video Cameras as Audio LC filters(LPF, BPF, Delay Line and Equalizers). RoHS Compliance
Dimensions(mm)
MAX.12.5
3.0*0.5 } 1.0 *}0.2
9.2 *}0.5 5.5 *}0.2
O0.5 *}0.1
7.6
*- *-
Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal.
*Y
Testing circuit
150 Rin 630 50
*
Rout
C1
B A @ C
1st
I
2nd
50
E.V.M
S.G
C2
Rin=Rg+R1=680 Rout=200 C1=2700pF*} 5%P.P.CAPACITOR C2=2700pF*} 5%P.P.CAPACITOR
Please refer to the sales offices on our website for a representative near you www.sumida.com
5.5 *}0.2
*}0.2 3.0 5.5 17.7*0.5 }
8.5
1/1
Filter Coils < Pin Type: TFB Series>
Type:
*Y
TFB-2D
Specification(Part No: 4506-T014)
Input impedance Output impedance Center frequency Band width Attenuation Insertion loss (-3dB) 57kHz 19kHz (Rin) (Rout) 680 200 19kHz 1.3kHz(Typ.) 44dB(Typ.) 4.0dB Max.
Frequency Response (Attenuation 0dB at 19KHz)
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of TFB-2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X