Part Number Hot Search : 
512K8 MHW92 DL213 HA17824 512K8 GL317 DG202C 15111
Product Description
Full Text Search
 

To Download TC74LCX07F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX07F/FN/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX07F,TC74LCX07FN,TC74LCX07FT,TC74LCX07FK
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
The TC74LCX07 is a high-performance CMOS buffer. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The TC74LCX07 has high performance MOS N-channel transistor. (open-drain outputs) The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for inputs. All inputs are equipped with protection circuits against static discharge.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74LCX07F
Features
* * * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpz = 3.7 ns (max) (VCC = 3.0 to 3.6 V) Output current: IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: -500 mA Available in JEDEC SOP, JEITA SOP, TSSOP and VSSOP (US) Open-drain outputs Power-down protection provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 07 type
TC74LCX07FN
TC74LCX07FT
TC74LCX07FK
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A VSSOP14-P-0030-0.50
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-19
TC74LCX07F/FN/FT/FK
Pin Assignment (top view) IEC Logic Symbol
1 3 5 9 11 13 1 2 4 6 8 10 12
1A 1Y 2A 2Y 3A 3Y GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC 6A 6Y 5A 5Y 4A 4Y
1A 2A 3A 4A 5A 6A
1Y 2Y 3Y 4Y 5Y 6Y
Truth Table
Inputs A L H Outputs Y L Z
Systm Diagram (per gate)
A Y
Z: High impedance
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 2) -0.5 to VCC + 0.5 (Note 3) -50 -50 50 180 100 -65 to 150 (Note 4) V mA mA mA mW mA C Unit V V
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Output in OFF state Note 3: Low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND
2
2007-10-19
TC74LCX07F/FN/FT/FK
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 2.0 to 3.6 1.5 to 3.6 (Note 2) 0 to 5.5 0 to 5.5 (Note 3) 0 to VCC (Note 4) 24 12 -40 to 85 0 to 10 (Note 7) (Note 5) (Note 6) Unit V V V
Output current Operating temperature Input rise and fall time
IOL Topr dt/dv
mA C ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: Output in OFF state Note 4: Low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.7 to 3.0 V Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta = -40 to 85C)
Characteristics H-level L-level Symbol VIH VIL Test Condition IOL = 100 A Output voltage L-level VOL VIN = VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current Output OFF state current Power-off leakage current Quiescent supply current Increase in Icc per input IIN IOZ IOFF ICC ICC VIN = 0 to 5.5 V VIN = VIH, VOUT = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN/VOUT = 3.6 to 5.5 V VIH = VCC - 0.6 VCC (V) 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 Min 2.0 Max 0.8 0.2 0.4 0.4 0.55 5.0 5.0 10.0 10.0 10.0 500 A A A A V Unit
Input voltage
V
3
2007-10-19
TC74LCX07F/FN/FT/FK
AC Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCC (V) 2.7 3.3 0.3 2.7 3.3 0.3 (Note) 2.7 3.3 0.3 Min 1.0 0.8 1.0 0.8 Max 4.4 3.7 4.4 3.7 1.0 Unit
Output enable time
tpZL
Figure 1, Figure 2
ns
Output disable time
tpLZ
Figure 1, Figure 2
ns
Output to output skew
tosZL
ns
Note:
Parameter guaranteed by design. (tosZL = |tpZLm - tpZLn|)
Dynamic Switching Characteristics (Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 )
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol VOLP |VOLV| Test Condition VCC (V) VIH = 3.3 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V 3.3 3.3 Typ. 0.8 0.8 Unit V V
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz Test Condition VCC (V) (Note) 3.3 3.3 3.3 Typ. 7 8 5 Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/6 (per gate)
4
2007-10-19
TC74LCX07F/FN/FT/FK
AC Test Circuit
6.0 V RL Measure CL RL CL = 50 pF RL = 500
Figure 1 AC Waveform
tr 2.5 ns Input tpLZ Output Low to Off to Low Outputs enabled tf 2.5 ns 90% 1.5 V 2.7 V 10% tpZL 3.0 V 1.5 V VOL + 0.3 V Outputs disabled Outputs enabled VOL GND
Figure 2 tpLZ, tpZL
5
2007-10-19
TC74LCX07F/FN/FT/FK
Package Dimensions
Weight: 0.18 g (typ.)
6
2007-10-19
TC74LCX07F/FN/FT/FK
Package Dimensions (Note)
Note:
This package is not available in japan.
Weight: 0.12 g (typ.)
7
2007-10-19
TC74LCX07F/FN/FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
8
2007-10-19
TC74LCX07F/FN/FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
9
2007-10-19
TC74LCX07F/FN/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74LCX07F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X