Part Number Hot Search : 
TA0462A B102S 12100 GS152 AH055 PBSS41 70513 AD627
Product Description
Full Text Search
 

To Download T6963CFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T6963CFG
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
T6963CFG
DOT MATRIX LCD CONTROLLER LSI
The T6963CFG is an LCD controller designed to be used with LCD control driver LSIs and data display memories. The device has an 8-bit parallel data bus and control lines for reading or writing through an MPU interface. It can be directly connected to a TMPZ-80. It has a 128-word character generator ROM which can control an external display RAM of up to 64 Kbytes. Allocation of text, graphics and external character generator RAM can be made easily and the display window can be moved freely within the allocated memory range. The device supports a very broad range of LCD formats by allowing selection of different combinations via a set of programmable inputs. It can be used in text, graphic and combination text-and-graphic modes, and includes various attribute functions. The T6963CFG is lead (Pb)-free (Sn-Ag) product.
Features
Weight: 1.2 g (typ.)
Display format (pin-selectable) Columns : 32, 40, 64, 80 Lines : 2, 4, 6, 8, 10, 12, 14, 16, 20, 24, 28, 32 The combination of number of columns and number of lines must not cause the frequency to exceed 5.5 MHz. (See Fig. 2) Character font (pin-selectable) Horizontal dots : 5, 6, 7, 8 Vertical dots : 8 (fixed) It is necessary to set a character font in Graphic mode just as in Text mode. The oscillation frequency does not change with the font selection. Display duty : 1 / 16 to 1 / 128 A 128-word character generator ROM (code 0101) T6963CFG-0101 is built in as standard. External display memory : 64 KB Max The addresses in display memory of the text area, graphic area and external character generator area are determined by software. Read or Write operations from the CPU do not disturb the display. A crystal oscillator circuit is built in. The oscillation frequency is adjusted according to the display size. If using an external clock, use the XI pin as the clock input. (XO open.) External capacitors Crystal oscillation : 20 to 30 pF Ceramic oscillation : 30 to 100 pF Built-in feedback resistor : 900 k (typ.) Toshiba LCD driver LSIs (other than these with a built-in RAM) can be connected to the device. External display RAM must be static RAM. The T6963CFG cannot refresh D-RAM. The attribute functions can only be used in Text mode. They cannot be used in Graphic or Combination Character mode.
1
2007-05-15
T6963CFG
Block Diagram
2
2007-05-15
T6963CFG
Pin Assignment
Pin Functions
Pin Name I/O Pins for selection of LCD size
DUAL
Functions
H L H H 2 16
H L H L 4 32
H L L H 6 48
H L L L 8 64
H H H H 10 80
H H H L 12 96
H H L H 14
H H L L 16
L L H H 4 32
L L H L 8 64
L L L H 12 96
L L L L 16
L H H H 20
L H H L 24
L H L H 28
L H L L 32
MDS MDS MD0 MD1 Input MD1 MD0 LINES V-DOTS
112 128
128 160 192 224 256 2 SCREENS
1 SCREEN MD2 MD2 MD3 Input Pins for selection of number of columns MD3 Columns FS0 FS0 FS1 Input Pins for selection of font FS1 Font D0 to D7 I/O Input Data I / O pins between CPU and T6963CFG (D7 is MSB) Data Write. Write data into T6963CFG when WR = L. H H 32 H H
L H 40 L H
H L 64 H L
L L 80 L L
5x8 6x8 7x8 8x8
WR
RD
CE
Input Input
Data Read. Read data fromT6963CFG when RD = L. Chip Enable for T6963CFG. CE must be L when CPU communicates with T6963CFG.
3
2007-05-15
T6963CFG
Pin Name C/D I/O Input Input
Input
Functions
WR = L ****** C / D = H: Command Write
RD = L ****** C / D = H: Status Read
C / D = L: Data Write C / D = L: Data Read
HALT
RESET DSPON
H ****** Normal, L ****** Stops the oscillation of the clock
H ****** Normal (T6963CFG has internal pull-up resistor) L ****** Initialize T6963CFG. Text and graphic have addresses and text and graphic area settings are retained. Control pin for external DC / DC. DSPON is L when HALT is L or RESET is L. (When DSPON goes H, the column drivers are cleared.) H ****** Single-Scan L ****** Dual-Scan H ****** Sending data by odd / even separation L ****** Sending data by simple serial method DUAL SDSEL H H H L L H L L
Output
DUAL
Input
SDSEL
Input
Upper screen Lower screen
HOD, ED
ED
HOD, ED LOD, ED
ED ED
ce0 (LOD)
ce1 (LSCP)
Output
ce0
at DUAL = H Chip enable pin for display memory in the address range 0000H to 07FFH Serial data output for odd columns in lower area of LCD
LOD at DUAL = L
ce1
Output Output I/O Output Output Output Output Output Output Output Output Input Output Output Input
at DUAL = H Chip enable pin for display memory in the address range 0800H to 0FFFH Shift clock pulse output for column drivers in lower area of LCD
LSCP at DUAL = L
ce d0 to d7 ad0 to ad15 R/W ED HOD CDATA HSCP LP FR XI XO CH1, CH2
Chip enable pin for display memory of any address Data I / O pins for display memory Address outputs for display memory (ad15 = L: for upper area of LCD, ad15 = H: for lower area of LCD) Read / Write signal for display memory
SDSEL = H: Data output for even columns in both upper and lower areas of LCD
SDSEL = L: Data output for columns in both upper and lower areas of LCD Data output for odd columns in upper area of LCD Synchronous signal for row driver Shift clock pulse for column driver of upper area of LCD Latch pulse for column driver. Shift clock pulse for row driver Frame signal Crystal oscillator input Crystal oscillator output Check signal Test input. Usually open Power supply (5.0 V) Power supply (0 V)
T1 , T2
VDD VSS
4
2007-05-15
T6963CFG
Functional Definition
After power on, it is necessary to reset. RESET is kept L between 5 clocks up (oscillation clock). When HALT = L, the oscillation stops. The power supply for the LCD must now be turned off, to protect the LCD from DC bias. The HALT function includes the RESET function. The column / line counter and display register are cleared by RESET. (Other registers are not cleared.) Disable the display using the clear-display register. The status must be checked before data or commands are sent. The MSB = 0 status check must be done in particular. There is a possibility of erroneous operation due to a hard interrupt. STA0 and STA1 must be checked at the same time. When a command is executed, data transmission errors may occur. The T6963CFG can only handle one byte per machine cycle (16 clocks). It is impossible to send more than two data in a machine cycle. When using a command with operand data, it important to send the data first, and then execute the command. The character codes used by the T6963CFG are different from ASCII codes.
5
2007-05-15
T6963CFG
State after RESET / HALT (Fig. 1)
Terminal D0 to D7 d0 to d7 r/w
ce
Halt F F H H H H Final data L L H H L L L H (Note 1) (Note 2) (Note 1)
Reset F F H H H H Final data L L H H K0 VEND L OSC clock (Note 1) (Note 2) (Note 1)
ad0 to ad15
ce0 , ce1
ED, HOD HSCP LP CDATA FR CH1 CH2 DSPON XO
H : L : F : K0 : VEND : Note 1: Note 2:
Level H Level L Floating (high impedance) Test signal Test signal In Attribute mode, H or L according to state of graphic pointer In Attribute mode, data of graphic pointer
6
2007-05-15
T6963CFG
The relationship between number of row / column and oscillation clock (Fig. 2)
The frequency of the crystal oscillator is adjusted by the following formula. fOSC : Frequency of oscillation fSCP : Frequency of shift clock (fSCP = fOSC / 2) fR : Frequency of Frame M : Number of characters on one line (number of dots on one line 8 M) For all font sizes (e.g. 7 x 8, 6 x 8, 5x 8) the oscillation frequency remains constant. N : Number of rows (duty = 1 / 8N) 8M
f SCP
x 8N =
1 fR
fOSC = fR x 64 x 2 x M x N (fR = 60 Hz) Unit: [MHz]
M N 2 32 0.492 0.983 0.983 1.966 1.475 2.949 1.966 3.932 2.458 4.915 2.949 5.898 3.440 6.881 3.932 7.864 40 0.614 1.229 1.229 2.458 1.843 3.686 2.458 4.915 3.072 6.144 3.686 7.373 4.300 8.601 4.915 9.830 64 0.983 1.966 1.966 3.932 2.949 5.898 3.932 7.864 4.915 9.830 5.898 11.776 6.881 13.763 7.864 15.729 80 1.229 2.458 2.458 4.915 3.686 7.372 4.915 9.830 6.144 12.288 7.373 14.746 8.602 17.203 9.830 19.660 Duty 1 / 16
4
1 / 32
6
1 / 48
8
1 / 64
10
1 / 80
12
1 / 96
14
1 / 112
16
1 / 128
Note 1: Upper *** Single-Scan, lower **** Dual-Scan at fR = 60 Hz
Upper Lower
Note 2: M and N to mach 5.5 MHz or less indicate the conditions to apply T6963CFG.
7
2007-05-15
T6963CFG
RAM Interface
The external RAM is used to store display data (text, graphic and external CG data). With single-scan, text data, graphic data and external CG data can be freely allocated to the memory area (64 KB max). With dual-scan, LCD I is allocated to 0000H to 7FFFH (32 KB max), LCD II is allocated to 8000H to FFFFH (32 KB max). Text data, graphic data and external CG data can be freely allocated in LCD I. In LCDII, the same addresses must be allocated as in LCD I, except ad15. ad15 determines selection of LCD I or LCD II. It can be use the address decoded signals ce0 (0000 to 07FFH), ce1 (0800 to 0FFFH) within 4 KB. ce0 and ce1 allow decoding of addresses in the ranges (0000 to 07FFH) and (0800 to 0FFFH) respectively within a 4-KB memory space. (Example)
(1) Single-Scan
(2) Dual-Scan
8
2007-05-15
T6963CFG
Flowchart of communications with MPU
(1) Status Read
A status check must be performed before data is read or written. The Status of T6963CFG can be read from the data lines. RD L WR H CE L C/D H D0 to D7 Status word The T6963CFG status word format is as follows:
MSB STA7 D7 STA6 D6 STA5 D5 STA4 D4 STA3 D3 STA2 D2 STA1 D1 LSB STA0 D0
STA0 STA1 STA2 STA3 STA4 STA5 STA6 STA7
Check command execution capability Check data read / write capability Check Auto mode data read capability Check Auto mode data write capability Not used Check controller operation capability Error flag. Used for Screen Peek and Screen copy commands. Check the blink condition
0: Disable 1: Enable 0: Disable 1: Enable 0: Disable 1: Enable 0: Disable 1: Enable
0: Disable 1: Enable 0: No error 1: Error 0: Display off 1: Normal display
Note 1: It is necessary to check STA0 and STA1 at the same time. There is a possibility of erroneous operation due to a hardware interrupt. Note 2: For most modes STA0 / STA1 are used as a status check. Note 3: STA2 and STA3 are valid in Auto mode; STA0 and STA1 are invalid.
9
2007-05-15
T6963CFG
Note 4: When using the MSB = 0 command, a Status Read must be performed. If a status check is not carried out, the T6963CFG cannot operate normally, even after a delay time. The hardware interrupt occurs during the address calculation period (at the end of each line). If a MSB = 0 command is sent to the T6963CFG during this period, the T6963CFG enters Wait status. If a status check is not carried out in this state before the next command is sent, there is the possibility that the command or data will not be received.
(2) Setting data
When using the T6963CFG, first set the data, then set the command.
Note: When sending more than two data, the last datum (or last two data) is valid.
10
2007-05-15
T6963CFG
Command Definitions
Command REGISTERS SETTING Code 00100001 00100010 00100100 01000000 01000001 01000010 01000011 1000X000 1000X001 1000X011 1000X100 10000XXX 10001XXX 10010000 1001XX10 1001XX11 100101XX 100110XX 100111XX 10100000 10100001 10100010 10100011 10100100 10100101 10100110 10100111 10110000 10110001 10110010 11000000 11000001 11000010 11000011 11000100 11000101 11100000 11101000 D1 X address Data Low address Low address Columns Low address Columns Data Data Data D2 Y address 00H High address High address 00H High address 00H Function Set Cursor Pointer Set Offset Register Set Address Pointer Set Text Home Address Set Text Area Set Graphic Home Address Set Graphic Area OR mode EXOR mode AND mode Text Attribute mode Internal CG ROM mode External CG RAM mode Display off Cursor on, blink off Cursor on, blink on Text on, graphic off Text off, graphic on Text on, graphic on 1-line cursor 2-line cursor 3-line cursor 4-line cursor 5-line cursor 6-line cursor 7-line cursor 8-line cursor Set Data Auto Write Set Data Auto Read Auto Reset Data Write and Increment ADP Data Read and Increment ADP Data Write and Decrement ADP Data Read and Decrement ADP Data Write and Nonvariable ADP Data Read and Nonvariable ADP Screen Peek Screen Copy X: invalid
SET CONTROL WORD
MODE SET
DISPLAY MODE
CURSOR PATTERN SELECT
DATA AUTO READ / WRITE
DATA READ / WRITE
SCREEN PEEK SCREEN COPY
11
2007-05-15
T6963CFG
Command Code 11110XXX 11111XXX 1111X000 1111X001 1111X010 1111X011 1111X100 1111X101 1111X110 1111X111 D1 D2 Bit Reset Bit Set Bit 0 (LSB) Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 (MSB) X: invalid Function
BIT SET / RESET
Setting registers
Code 00100001 00100010 00100100 Hex. 21H 22H 24H Function SET CURSOR POINTER SET OFFSET REGISTER SET ADDRESS POINTER D1 X ADRS DATA LOW ADRS D2 Y ADRS 00H HIGH ADRS
(1) Set Cursor Pointer
The position of the cursor is specified by X ADRS and Y ADRS. The cursor position can only be moved by this command. Data read / write from the MPU never changes the cursor pointer. X ADRS and Y ADRS are specified as follows. X ADRS 00H to 4FH (lower 7 bits are valid) Y ADRS 00H to 1FH (lower 5 bits are valid)
b
Y ADRS 00H to 0FH
Y ADRS 00H to 0FH Upper screen
Y ADRS 10H to 1FH Lower screen
(2) Set Offset Register
The offset register is used to determine the external character generator RAM area. The T6963CFG has a 16-bit address bus as follows:
MSB ad15 ad14 ad13 ad12 ad11 ad10 ad9 ad8 ad7 ad6 ad5 ad4 ad3 ad2 ad1 LSB ad0
Offset Register Data
Character Code
Line Scan
12
2007-05-15
T6963CFG
T6963CFG assign External character generator, when character code set 80H to FFH in using internal character generator. Character code 00H to 80H assign External character generator, when External generator mode. The senior five bits define the start address in external memory of the CG RAM area. The next eight bits represent the character code of the character. In internal CG ROM mode, character codes 00H to 7FH represent the predefined "internal" CG ROM characters, and codes 80H to FFH represent the user' s own "external" characters. In external CG RAM mode, all 256 codes from 00H to FFH can be used to represent the user' s own characters. The three least significant bits indicate one of the eight rows of eight dots that define the character' s shape.
Offset register data 00000 00001 00010 11100 11101 11110 11111
CG RAM hex. address (start to end) 0000 to 07FFH 0800 to 0FFFH 1000 to 17FFH E000 to E7FFH E800 to EFFFH F000 to F7FFH F800 to FFFFH
(Example 1) Offset register Character code Character generator RAM start address
02H 80H 0001 1
0100 4
0000 0
0000 0
H
(Example 2) The relationship between display RAM data and display characters
and are displayed by character generator RAM.
13
2007-05-15
T6963CFG
(3) Set Address Pointer
The Set Address Pointer command is used to indicate the start address for writing to (or reading from) external RAM.
Set Control Word
Code 01000000 01000001 01000010 01000011 Hex. 40H 41H 42H 43H Function Set Text Home Address Set Text Area Set Graphic Home Address Set Graphic Area D1 Low address Columns Low address Columns D2 High address 00H High address 00H
The home address and column size are defined by this command.
14
2007-05-15
T6963CFG
(1) Set Text Home Address
The starting address in the external display RAM for text display is defined by this command. The text home address indicates the leftmost and uppermost position.
TH TH +TA (TH + TA) + TA (TH + 2TA) +TA
TH + CL TH + TA + CL TH + 2TA + CL TH + 3TA + CL
TH + (n - 1) TA
TH + (n - 1) TA + CL
TH: Text home address TA: Text area number (columns) CL: Columns are fixed by hardware (pin-programmable). (Example) Text home address : 0000H Text area : 0020H MD2 = H, MD3 = H : 32 columns DUAL = H, MDS = L, MD0 = L, MD1 = H: 4 lines
0000H 0020H 0040H 0060H 0001H 0021H 0041H 0061H 001EH 003EH 005EH 007EH 001FH 002FH 005FH 007FH
(2) Set Graphic Home Address
The starting address of the external display RAM used for graphic display is defined by this command. The graphic home address indicates the leftmost and uppermost position.
GH GH + GA (GH + GA) + GA (GH + 2GA) + GA
GH + CL GH + GA + CL GH + 2GA + CL GH + 3GA + CL
GH + (n - 1) GA
GH + (n - 1) GA + CL
GH: Graphic home address GA: Graphic area number (columns) CL: Columns are fixed by hardware (pin-programmable).
15
2007-05-15
T6963CFG
(Example) Graphic home address : 0000H Graphic area : 0020H MD2 = H, MD3 = H : 32 columns DUAL = H, MDS = L, MD0 = H, MD1 = H : 2 lines
0000H 0020H 0040H 0060H 0080H 00A0H 00C0H 00E0H 0100H 0120H 0140H 0160H 0180H 01A0H 01C0H 01E0H 0001H 0021H 0041H 0061H 0081H 00A1H 00C1H 00E1H 0101H 0121H 0141H 0161H 0181H 01A1H 01C1H 01E1H 001EH 003EH 005EH 007EH 009EH 00BEH 00DEH 00FEH 011EH 013EH 015EH 017EH 019EH 01BEH 01DEH 01FEH 001FH 003FH 005FH 007FH 009FH 00BFH 00DFH 00FFH 011FH 013FH 015FH 017FH 019FH 01BFH 01DFH 01FFH
(3) Set Text Area
The display columns are defined by the hardware setting. This command can be used to adjust the columns of the display.
(Example) LCD size Text home address Text area MD2 = H, MD3 = H DUAL = H, MDS = L, MD0 = L, MD1 = H
0000 0014 0028 003C 0001 0015 0029 003D ********* ********* ********* *********
: 20 columns, 4 lines : 0000H : 0014H : 32 columns : 4 lines
0013 0027 003B 004F 0014 0028 003C 0050 ********* ********* ********* ********* 001F 0033 0047 005B
LCD
16
2007-05-15
T6963CFG
(4) Set Graphic Area
The display columns are defined by the hardware setting. This command can be used to adjust the columns of the graphic display.
(Example) LCD size : 20 columns, 2 lines Graphic home address : 0000H Graphic area : 0014H MD2 = H, MD3 = H : 32 columns DUAL = H, MDS = L, MD0 = H, MD1 = H : 2 lines
0000 0014 0028 003C 0050 0064 0078 008C 00A0 00B4 00C8 00DC 00F0 0104 0128 013C 0001 0015 0029 003D 0051 0065 0079 008D 00A1 00B5 00C9 00DD 00F1 0105 0129 013D ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* 0013 0027 003B 004F 0063 0077 008B 009F 00B3 00C7 00DB 00EF 0103 0127 013B 014F 0014 0028 003C 0050 0064 0078 008C 00A0 00B4 00C8 00DC 00F0 0104 0128 013C 0150 ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* ********* 001F 0033 0047 005B 006F 0083 0097 00AB 00BF 00D3 00E7 00FD 011F 0123 0147 015B
LCD
If the graphic area setting is set to match the desired number of columns on the LCD, the addressing scheme will be automatically modified so that the start address of each line equals the end address of the previous line + 1.
17
2007-05-15
T6963CFG
Mode set
Code 1000X000 1000X001 1000X011 1000X100 10000XXX 10001XXX OR Mode EXOR Mode AND Mode TEXT ATTRIBUTE Mode Internal Character Generator Mode External Character Generator Mode Function Operand X: invalid
The display mode is defined by this command. The display mode does not change until the next command is sent. The logical OR, EXOR, AND of text or graphic display can be displayed. In Internal Character Generator mode, character codes 00H to 7FH are assigned to the built-in character generator ROM. The character codes 80H to FFH are automatically assigned to the external character generator RAM.
(Example)
Note: Attribute functions can only be applied to text display, since the attribute data is placed in the graphic RAM area.
18
2007-05-15
T6963CFG
The attribute operations are Reverse display, Character blink and Inhibit. The attribute data is written into the graphic area which was defined by the Set Control Word command. Only text display is possible in Attribute Function mode; graphic display is automatically disabled. However, the Display Mode command must be used to turn both Text and Graphic on in order for the Attribute function to be available. The attribute data for each character in the text area is written to the same address in the graphic area. The Attribute function is defined as follows.
Attribute RAM 1byte X X X X d3 d2 d1 d0
d3 0 0 0 1 1 1
d2 0 1 0 0 1 0
d1 0 0 1 0 0 1
d0 0 1 1 0 1 1 Normal display Reverse display Inhibit display
Function
Blink of normal display Blink of reverse display Blink of inhibit display X: invalid
Display mode
Code 10010000 1001XX10 1001XX11 100101XX 100110XX 100111XX Display off Cursor on, blink off Cursor on, blink on Text on, graphic off Text off, graphic on Text on, graphic on Function Operand X: invalid
1
0
0
1
D3
D2
D1
D0
Cursor blink Cursor display Text display Graphic display
on: 1, off: 0 on: 1, off: 0 on: 1, off: 0 on: 1, off: 0
Note: It is necessary to turn on "Text display" and "Graphic display" in the following cases. a) Combination of text / graphic display b) Attribute function
19
2007-05-15
T6963CFG
Cursor pattern select
Code 10100000 10100001 10100010 10100011 10100100 10100101 10100110 10100111 1-line cursor 2-line cursor 3-line cursor 4-line cursor 5-line cursor 6-line cursor 7-line cursor 8-line cursor Function Operand
When cursor display is ON, this command selects the cursor pattern in the range 1 line to 8 lines. The cursor address is defined by the Cursor Pointer Set command.
Data Auto Read / Write
Code 10110000 10110001 10110010 Hex. B0H B1H B2H Function Set Data Auto Write Set Data Auto Read Auto Reset Operand
This command is convenient for sending a full screen of data from the external display RAM. After setting Auto mode, a Data Write (or Read) command is need not be sent between each datum. A Data Auto Write (or Read) command must be sent after a Set Address Pointer command. After this command, the address pointer is automatically incremented by 1 after each datum. In Auto mode, the T6963CFG cannot accept any other commands. The Auto Reset command must be sent to the T6963CFG after all data has been sent, to clear Auto mode.
20
2007-05-15
T6963CFG
Note: A Status check for Auto mode (STA2, STA3 should be checked between sending of each datum. Auto Reset should be performed after checking STA3 = 1 (STA2 = 1). Refer to the following flowchart. a) Auto Read mode b) Auto Write mode
21
2007-05-15
T6963CFG
Data Read / Write
Code 11000000 11000001 11000010 11000011 11000100 11000101 Hex. C0H C1H C2H C3H C4H C5H Function Data Write and Increment ADP Data Read and Increment ADP Data Write and Decrement ADP Data Read and Decrement ADP Data Write and Nonvariable ADP Data Read and Nonvariable ADP Operand Data Data Data
This command is used for writing data from the MPU to external display RAM, and reading data from external display RAM to the MPU. Data Write / Data Read should be executed after setting address using Set Address Pointer command. The address pointer can be automatically incremented or decremented using this command.
Note: This command is necessary for each 1-byte datum. Refer to the following flowchart.
22
2007-05-15
T6963CFG
Screen Peek
Code 11100000 Hex. E0H Screen Peek Function Operand
This command is used to transfer 1 byte of displayed data to the data stack; this byte can then be read from the MPU by data access. The logical combination of text and graphic display data on the LCD screen can be read by this command. The status (STA6) should be checked just after the Screen Peek command. If the address determined by the Set Address Pointer command is not in the graphic area, this command is ignored and a status flag (STA6) is set. Refer to the following flowchart.
Note: This command is available when hardware column number and software column number are the same. Hardware column number is related to MD2 and MD3 setting. Software column number is related to Set Text Area and Set Graphic Area command.
23
2007-05-15
T6963CFG
Screen Copy
Code 11101000 Hex. E8H Screen Copy Function Operand
This command copies a single raster line of data to the graphic area. The start point must be set using the Set Address Pointer command. Note 1: If the attribute function is being used, this command is not available. (With Attribute data is graphic area data.) Note 2: With Dual-Scan, this command cannot be used (because the T6963CFG cannot separate the upper screen data and lower screen data). Refer to the following flowchart.
Note: This command is available when hardware column number and software column number are the same. Hardware column number is related to MD2 and MD3 setting. Software column number is related to Set Text Area and Set Graphic Area command.
24
2007-05-15
T6963CFG
Bit Set / Reset
Code 11110XXX 11111XXX 1111X000 1111X001 1111X010 1111X011 1111X100 1111X101 1111X110 1111X111 Bit Reset Bit Set Bit 0 (LSB) Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 (MSB) Function Operand X: invalid
This command use to set or reset a bit of the byte specified by the address pointer. Only one bit can be set / reset at a time. Refer to the following flowchart.
25
2007-05-15
Character Code Map
The relation between character codes and character pattern (CG ROM TYPE 0101)
1 2 3 4 5 6 7 8 9 A B C D E F
LSB
MSB
0
0
1
2
3
26
4
5
6
7
T6963CFG
2007-05-15
The relation between character codes and character pattern (CG ROM TYPE 0201)
27
T6963CFG
2007-05-15
T6963CFG
Absolute Maximum Ratings (Ta = 25C)
Item Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD (Note) VIN (Note) Topr Tstg Rating -0.3 to 7.0 -0.3 to VDD + 0.3 -20 to 70 -55 to 125 Unit V V C C
Note: Referenced to VSS = 0 V.
Electrical Characteristics DC Characteristics Test Conditions (Unless Otherwise Noted, VSS = 0 V, VDD = 5.0 V 10%, Ta = -20 to 75C)
Item Operating Voltage H Level Input L Level H Level L Level H Level L Level VIL VOH VOL ROH ROL RPU fOSC IDD (1) IDD (2) VOUT = VDD - 0.5 V VOUT = 0.5 V VDD = 5.0 V fOSC = 3.0 MHz VDD = 5.0 V (Note 2) Symbol VDD VIH Test Circuit Test Condition Min 4.5 VDD - 2.2 0 VDD - 0.3 0 50 0.4 Typ. 5.0 100 3.3 Max 5.5 VDD 0.8 VDD 0.3 400 400 200 5.5 6 3 Unit V V V V V k MHz mA A VDD VDD Pin Name VDD Input pins Input pins Output pins Output pins Output pins Output pins (Note 1)
Output Voltage
Output Resistance Input Pull-up Resistance
Operating Frequency Current Consumption (Operating) Current Consumption (Halt)
Note 1: Applied T1, T2 , RESET Note 2: MDS = L, MD0 = L, MD1 = L, MD2 = H, MD3 = H, FS0 = L, FS1 = L, SDSEL = L, DUAL = H, D7 to D0 = LHLHLHLH
28
2007-05-15
T6963CFG
AC Characteristics
Switching Characteristics (1)
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD 0.1xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD
0.9xVDD
0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
Test Conditions (Unless Otherwise Noted, VDD = 5.0 V 10%, VSS = 0 V, Ta = -20 to 70C)
Item Operating Frequency SCP Pulse Width SCP Rise / Fall Time LP Set-up Time LP Hold Time Data Set-up Time Data Hold Time FR Delay Time CDATA Set-up Time CDATA Hold Time Symbol fSCP tCWH, tCWL tr, tf tLSU tLHD tDSU tDHD td tCSU tCHD Test Conditions Ta = -10~70C Min 150 150 5 170 80 0 450 450 Max 2.75 30 290 40 90 850 950 Unit MHz ns ns ns ns ns ns ns ns ns
29
2007-05-15
T6963CFG
Switching Characteristics (2)
Bus Timing
C/D
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD tCDS tCDH
CE
0.1xVDD
tAS tRD, tWR tAH
0.1xVDD
RD , WR
0.9xVDD 0.1xVDD
tDS
0.1xVDD
tDH
D0 to D7 (WRITE)
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
D0 to D7 (READ)
tACC
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
tOH
Hi-Z
Test Conditions (Unless Otherwise Noted, VDD = 5.0 V 10%, VSS = 0 V, Ta = -20 to 75C)
Item C / D Set-up Time C / D Hold Time RD , WR Pulse Width Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Access Time Output Hold Time Symbol tCDS tCDH tRD, tWR tAS tAH tDS tDH tACC tOH Test Conditions (Note) (Note) (Note) Min 100 10 80 0 0 80 40 10 Max 150 50 Unit ns ns ns ns ns ns ns ns ns
Note: With the load circuit connected
LOAD CIRCUIT
Test pin CL
CL =50pF
including wiring and probe capacitance
30
2007-05-15
T6963CFG
Switching Characteristics (3)
(1) External RAM Read mode
0.9xVDD 0.1xVDD 0.1xVDD 0.1xVDD 0.9xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD 0.1xVDD
(2) External RAM Write mode
0.9xVDD 0.1xVDD 0.9xVDD 0.1xVDD 0.9xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD 0.1xVDD
0.9xVDD Hi-Z 0.1xVDD
31
2007-05-15
T6963CFG
Test Conditions (Unless Otherwise Noted, VDD = 5.0 V 10%, VSS = 0 V, Ta = -20 to 70C)
Item Address Delay Time
ce Fall Delay Time (Read)
Symbol td1 td2 td3 tDS tDH td4 td5 td6 td7 td8 td9
Test Conditions (Note)
Min 0 30
Max 250 180 180 200 200 180 180 450 200
Unit ns ns ns ns ns ns ns ns ns ns ns
ce Rise Delay Time (Read) Data Set-up Time Data Hold Time
ce Fall Delay Time (Write)
ce Rise Delay Time (Write) r / w Fall Delay Time r / w Rise Delay Time Data Stable Time Data Hold Time
Note: With the load circuit connected
LOAD CIRCUIT
Test pin CL
CL =50pF
including wiring and probe capacitance
32
2007-05-15
T6963CFG
T6963CFG Example of Application Circuit
The T6963CFG can be directly connected to a TMPZ84C00A (Z80 Note 1: CMOS). The T6963CFG can be used with a TMPZ84C00A as shown in the following application circuit.
MPU memory address mapping
Data is transferred to the T6963CFG using a memory request signal.
Address DATA (I / O) Command / Status XXXXH XXXX + 1H
Note 1: Z80 is a trademark of Zilog Inc.
33
2007-05-15
T6963CFG
MPU I / O addressing
Data is transferred to the T6963CFG using an I / O request signal.
I / O Address DATA Command / Status XXH XX + 1H
34
2007-05-15
T6963CFG
When using PPI LSI (TMP82C55)
The T6963CFG can be connected to a PPI LSI. The port A connects to the data bus. The port C connects to the control bus. (C / D, CE , WR , RD )
35
2007-05-15
T6963CFG
Application Circuit (1)
36
2007-05-15
T6963CFG
Application Circuit (2)
37
2007-05-15
T6963CFG
Sample Program
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : ; ; ; ; ; ; ; ; TXHOME TXAREA GRHOME GRAREA OFFSET ADPSET AWRON AWROFF CMDP DP STACK ; START: LD ; ; ; SP, STACK T6963CFG SAMPLE PROGRAM V0.01 SOURCE PROGRAM for TMPZ84C00P 1991 - 2 -15 Display Size: 20 Column x 8 Lines Character Font: 8 Dots Mode EQU EQU EQU EQU EQU EQU EQU EQU EQU EQU EQU ORG 0000H 40H 41H 42H 43H 22H 24H 0B0H 0B2H 01H 00H 9FFFH ; ; ; ; ; ; ; ; ; ; ; SET TXT HM ADD SET TXT AREA SET GR HM ADD SET GR AREA SET OFFSET ADD SET ADD PTR SET AUTO WRITE MODE RESET AUTO WRITE MODE CMD PORT DATA PORT STACK POINTER BASE ADDRESS
SET TEXT HOME ADDRESS LD CALL LD CALL HL, 0000H DT2 A, TXHOME CMD ; TEXT HOME ADDRESS 0000H
; ; ;
SET GRAPHIC HOME ADDRESS LD CALL LD CALL HL, 0200H DT2 A, GRHOME CMD ; GRAPHIC HOME ADDRESS 0200H
;
38
2007-05-15
T6963CFG
39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : ; ; SET TEXT AREA LD CALL LD CALL ; ; ; HL, 0014H DT2 A, TXAREA CMD ; TEXT AREA 20 Columns
SET GRAPHIC AREA LD CALL LD CALL HL, 0014H DT2 A, GRAREA CMD ; GRAPHIC AREA 20 Columns
; ; ;
MODE SET (OR MODE, Internal Character Generator MODE) LD CALL A,80H CMD
; ; ;
SET OFFSET REGISTER (00010 10000000 000 = 1400H CG RAM START ADDRESS) CHARACTER CODE 80H LD HL, 0002H CALL DT2 LD A, OFFSET CALL CMD DISPLAY MODE (TEXT ON, GRAPHICS OFF, CURSOR OFF) LD CALL A, 94H CMD
; ; ; ;
; ; ;
WRITE TEXT BLANK CODE LD CALL LD CALL LD HL, 0000H DT2 A, ADPSET CMD A, AWRON ; SET Address Pointer 0000H ; (TEXT HOME ADDRESS)
; SET DATA AUTO WRITE
39
2007-05-15
T6963CFG
79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : CALL LD TXCR: LD CALL DEC LD OR JR LD CALL ; ; ; A, 00H ADT BC A, B C NZ, TXCR A, AWROFF CMD ; AUTO RESET ; WRITE DATA 00H ; (WRITE BLANK CODE) CMD BC, 00A0H ; ; 20 Columns x 8Lines (160 = A0H)
WRITE EXTERNAL CHARACTER GENERATOR DATA LD LD CALL LD CALL DE, EXTCG HL, 1400H DT2 A, ADPSET CMD A, AWRON CMD B, 40H A, (DE) ADT HL DE EXCG A, AWROFF CMD ; CG data address in Program ; CG RAM Start Address (1400H)
; LD CALL LD EXCG: LD CALL INC INC DJNZ LD CALL ; ; ; ; WRITE DATA TO EXTERNAL RAM ; ; SET DATA AUTO WRITE
; 8 Character x 8 byte (64 = 40H)
; AUTO RESET
WRITE TEXT DISPLAY DATA (INTERNAL CG)
40
2007-05-15
T6963CFG
119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : LD CALL LD CALL LD CALL LD LD TXLP1: LD CALL INC DJNZ LD CALL ; ; ; A, (DE) ADT DE TXLP1 A, AWROFF CMD ; WRITE DATA HL, 002BH DT2 A, ADPSET CMD A, AWRON CMD B, 0DH DE, TXPRT ; Address Pointer 3 Line, 4 Column
; SET DATA AUTO WRITE
; 13 Character
; AUTO RESET
WRITE TEXT DISPLAY DATA (EXTERNAL CG upper part) LD CALL LD CALL LD CALL LD LD HL, 0057H DT2 A, ADPSET CMD A, AWRON CMD B, 06H DE, EXPRT1 A, (DE) ADT DE TXLP2 A, AWROFF CMD ; Address Pointer 5 Line, 8 Column
; SET DATA AUTO WRITE
; 6 Character
TXLP2: LD CALL INC DJNZ LD CALL ; ; WRITE DATA
; AUTO RESET
41
2007-05-15
T6963CFG
159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : ; ; WRITE TEXT DISPLAY DATA (EXTERNAL CG lower part) LD CALL LD CALL LD CALL LD LD TXLP3: LD CALL INC DJNZ LD CALL PEND: JP PEND ; ; Subroutine start ; ; COMMAND WRITE ROUTINE ; CMD: PUSH AF CMD1: IN A, (CMDP) AND 03H CP 03H JR NZ, CMD1 POP AF OUT (CMDP), A RET ; ; DATA WRITE (1 byte) ROUTINE ; DT1: ; PROGRAM END A, (DE) ADT DE TXLP3 A, AWROFF CMD ; WRITE DATA HL, 006BH DT2 A, ADPSET CMD A, AWRON CMD B, 06H DE, EXPRT2 ; Address Pointer 6 Line, 8 Column
; SET DATA AUTO WRITE
; 6 Character
; AUTO RESET
; STATUS CHECK
; WRITE COMMAND
42
2007-05-15
T6963CFG
199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : DT11: PUSH IN AND CP JR POP OUT RET AF A, (CMDP) 03H 03H NZ, DT11 AF (DP), A
; STATUS CHECK
; WRITE DATA
; ; DATA WRITE (2 byte) ROUTINE ; DT2: IN A, (CMDP) AND 03H CP 03H JR NZ, DT2 LD A, L OUT (DP), A DT21: IN A, (CMDP) AND 03H CP 03H JR NZ, DT21 LD OUT RET A, H (DP), A
; STATUS CHECK
; WRITE DATA (D1)
; STATUS CHECK
; WRITE DATA (D2)
; ; AUTO WRITE MODE ROUTINE ; ADT: PUSH AF ADT1: IN A, (CMDP) AND 08H CP 08H JR NZ, ADT1 POP AF OUT (DP), A RET ;
; STATUS CHECK
; WRITE DATA
43
2007-05-15
T6963CFG
239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 257 258 259 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276 277 278 279 : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : ; Subroutine end ; ; TEXT DISPLAY CHARACTER CODE ; TXPRT: DEFB 34H, 00H, 2FH, 00H, 33H, 00H ; INTERNAL CG CODE DEFB 28H, 00H, 29H, 00H, 22H, 00H, 21H EXPRT1: DEFB 80H, 81H, 00H, 00H, 84H, 85H ; EXTERNAL CG CODE EXPRT2: DEFB 82H, 83H, 00H, 00H, 86H, 87H ; ; EXTERNAL CG FONT DATA ; EXTCG: ; ; upper / left CHARACTER CODE 80H DEFB 01H, 01H, 0FFH, 01H, 3FH, 21H, 3FH, 21H ; upper / right CHARACTER CODE 81H DEFB 00H, 00H, 0FFH, 00H, 0FCH, 04H, 0FCH, 04H lower/left CHARACTER CODE 82H DEFB 21H, 3FH, 05H, 0DH, 19H, 31H, 0E1H, 01H lower/right CHARACTER CODE 83H DEFB 04H, 0FCH, 40H, 60H, 30H, 1CH, 07H, 00H upper/left CHARACTER CODE 84H DEFB 08H, 08H, 0FFH, 08H, 09H, 01H, 01H, 7FH upper/right CHARACTER CODE 85H DEFB 10H, 10H, 0FFH, 10H, 10H, 00H, 00H, 0FCH lower/left CHARACTER CODE 86H DEFB 00H, 00H, 00H, 01H, 07H, 3CH, 0E7H, 00H lower/right CHARACTER CODE 87H DEFB 18H, 30H, 60H, 0C0H, 00H, 00H, 0E0H, 3FH END
;
;
;
;
;
; ;
44
2007-05-15
T6963CFG
Display Sample
45
2007-05-15
T6963CFG
Package Dimensions
46
2007-05-15
T6963CFG
* About solderability, following conditions were confirmed Solderability (1) Use of Sn-37Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * Please use this product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. * The products described in this document are subject to foreign exchange and foreign trade control laws. 021023_E
47
2007-05-15


▲Up To Search▲   

 
Price & Availability of T6963CFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X