Part Number Hot Search : 
X1624 14S471K 01544 LC899 X1624 API9221 PHB850K 2SK1976
Product Description
Full Text Search
 

To Download SSM6J53FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6J53FE
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J53FE
High-Speed Switching Applications Power Management Switch Applications
* * * 1.5 V drive Suitable for high-density mounting due to compact package Unit : mm
1.60.05 1.20.05 0.20.05 0.5
1.60.05
1.00.05
Low on-resistance : Ron = 136 m (max) (@VGS = -2.5 V) : Ron = 204 m (max) (@VGS = -1.8 V) : Ron = 364 m (max) (@VGS = -1.5 V)
Symbol VDS VGSS DC Pulse ID IDP PD (Note 1) Tch Tstg Rating -20 8 -1.8 -3.6 500 150 -55~150 Unit V V A mW C C
1 2 3
6 5 4 0.120.05
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-Source voltage Gate-Source voltage Drain current Drain power dissipation Channel temperature Storage temperature range
0.550.05
1,2,5,6 :Drain 3 :Gate 4 :Source ES6 JEDEC JEITA TOSHIBA 2-2N1A Weight: 7.0 mg (typ.)
Min -20 -12 -0.3 (Note 2) (Note 2) (Note 2) (Note 2) 2.7 (Note 2) Typ. 5.4 95 122 137 568 75 67 29 39 10.6 7.4 3.3 0.8
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Mounted on an FR4 board. 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm )
Note:
Electrical Characteristics (Ta = 25C)
Characteristics Drain-Source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Forward transfer admittance Drain-Source on-resistance Input capacitance Output capacitance Reverse transfer capacitance Switching time Total gate charge Gate-Source charge Gate-Drain charge Drain-Source forward voltage Turn-on time Turn-off time Symbol V (BR) DSS V (BR) DSX IDSS IGSS Vth |Yfs| RDS (ON) Ciss Coss Crss ton toff Qg Qgs Qgd VDSF Test Condition ID = -1 mA, VGS = 0 ID = -1 mA, VGS = +8 V VDS = -20 V, VGS = 0 VGS = 8 V, VDS = 0 VDS = -3 V, ID = -1 mA VDS = -3 V, ID = -0.9 A ID = -1.0 A, VGS = -2.5 V ID = -1.0 A, VGS = -1.8 V ID = -0.1 A, VGS = -1.5 V VDS = -10 V, VGS = 0 f = 1 MHz VDD = -10 V, ID = -0.9 A VGS = 0 ~ -2.5 V, RG = 4.7 VDS = -16 V, IDS = -1.8 A, VGS = - 4 V ID = 1.8 A, VGS = 0 Max -10 1 -1.0 136 204 364 1.2 V nC ns pF m Unit V A A V S
Note 2: Pulse test
0.5
1
2007-11-01
SSM6J53FE
Switching Time Test Circuit
(a) Test Circuit
OUT IN -2.5 V RG RL VDD 90%
(b) VIN
0V 10%
0
-2.5V
10 s
(c) VOUT
VDS (ON)
90% 10% tr ton toff tf
VDD = -10 V RG = 4.7 D.U. < 1% = VIN: tr, tf < 5 ns Common Source Ta = 25C
VDD
Marking
6 5 4
Equivalent Circuit (top view)
6 5 4
KG
1
2
3
1
2
3
Precaution
Vth can be expressed as the voltage between the gate and source when the low operating current value is ID = -1mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).) Be sure to take this into consideration when using the device.
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), ensure that the environment is protected against static electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
2
2007-11-01
SSM6J53FE
-4 -4 V -3.5
ID - VDS
-10000 -1.5 V -1000 Common Source VDS = -3 V
ID - VGS
-3 -2.5 -2 -1.5 -1 -0.5 0 -2.5 V -1.8 V
(mA)
(A)
ID
-100 Ta = 85 C -10 25 C -1 -25 C
Drain current
VGS = -1.2 V
Drain current
-2
ID
-0.1 Common Source Ta = 25C 0 -0.5 -1 -1.5 -0.01 0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
Drain - Source voltage
VDS
(V)
Gate - Source voltage
VGS (V)
RDS (ON) - VGS
400 ID = -0.1 A 400 Common Source
RDS (ON) - VGS
ID = -1.0 A Common Source 300
Drain - Source on-resistance RDS (ON) (m)
300
200 25 C 100 Ta = 85 C
Drain - Source on-resistance RDS (ON) (m)
200 25 C Ta = 85 C 100
-25 C 0 0 -2 -4 -6 -8 0 0 -2 -4 -6
-25 C -8
Gate - Source voltage
VGS (V)
Gate - Source voltage
VGS (V)
RDS (ON) - ID
450 Common Source 400 Ta = 25 C 500 Common Source
RDS (ON) - Ta
Drain - Source on-resistance RDS (ON) (m)
Drain - Source on-resistance RDS (ON) (m)
350 300 250 200 150 100 -2.5 V 50 0 VGS = -1.5 V
400
300
ID = -0.1 A / VGS = -1.5 V -1.0 A / -1.8 V
-1.8 V
200
100 -1.0 A / -2.5 V 0 -50
0
-1
-2
-3
-4
0
50
100
150
Drain current
ID
(A)
Ambient temperature
Ta
(C)
3
2007-11-01
SSM6J53FE
Vth - Ta
Common Source
|Yfs| - ID (S)
30 Common Source 10 3 1 0.3 0.1 VDS = -3 V Ta = 25 C VDS = -3 V ID = -1 mA
-0.8
Vth (V)
-0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 -25 0 25 50 75
Forward transfer admittance
Gate threshold voltage
Yfs
-0.7
0.03 0.01 1
100
125
150
-10
-100
-1000
-10000
Ambient temperature
Ta
(C)
Drain current
ID
(mA)
5000 3000
C - VDS
-10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 0
Dynamic Input Characteristic
(pF)
C
500 300
Ciss
VGS
1000
(V)
100 50 30 Common Source Ta = 25 C f = 1 MHz VGS = 0 V -1 -10
Coss Crss
Gate-Source voltage
VDD = -16 V
Capacitance
10 -0.1
Common Source ID = -1.8 A Ta = 25 C 5 10 15 20 25
-100
Drain - Source voltage
VDS
(V)
Total gate charge
Qg
(nC)
t - ID
1000 -2 Common Source VGS = 0 V Ta = 25 C -1.5
IDR - VDS
toff
(A)
(ns)
D IDR S
100 tf
t
IDR
Drain reverse current
Switching time
G
-1
ton 10 tr Common Source VDD = -10 V VGS = 0 -2.5 V Ta = 25 C RG = 4.7 0.1 1 10
-0.5
1 0.01
0
0
0.2
0.4
0.6
0.8
1
1.2
Drain current
ID
(A)
Drain-Source voltage
VDS
(V)
4
2007-11-01
SSM6J53FE
rth - tw rth (C /W)
1000 Single Pulse Mounted on FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm )
Transient thermal impedance
100
10
1 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
Safe operating area
-10 ID max (Pulsed) * -3 ID max (Continuous) 10 ms* -1 1 ms* 600
PD - Ta (mW)
Mounted on FR4 board 500 (25.4 mm x 25.4 mm x 1.6 t, 2 Cu Pad: 645 mm )
(A)
PD
DC operation -0.1 Ta = 25C
Drain power dissipation
-0.4
400
ID
10s*
300
Drain current
200
-0.03
Mounted on FR4 board (25.4 mm x 25.4 mm x 1.6 t 2 Cu pad: 645 mm ) * Single Non-repetitive Pulse Ta = 25C
100
-0.01
0 0
50
100
150
-0.003
Curves linearly
must with
be
derated in -3 -10 -30 -100
Ambient temperature
Ta
(C)
increase -1
temperature. -0.001 -0.1 -0.3
Drain-Source voltage
VDS
(V)
5
2007-11-01
SSM6J53FE
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2007-11-01


▲Up To Search▲   

 
Price & Availability of SSM6J53FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X