Part Number Hot Search : 
PXA210 1N4752AW 2N1469 NKD250 02111 LT610 LT1932 74HC80
Product Description
Full Text Search
 

To Download SSM6J50TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6J50TU
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS)
SSM6J50TU
High Current Switching Applications
* * Compact package suitable for high-density mounting Low on-resistance: Ron = 205m (max) (@VGS = -2.0 V) Ron = 100m (max) (@VGS = -2.5 V) Ron = 64m (max) (@VGS = -4.5 V) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-Source voltage Gate-Source voltage Drain current Drain power dissipation Channel temperature Storage temperature range DC Pulse Symbol VDS VGSS ID IDP PD (Note 1) Tch Tstg Rating -20 10 -2.5 -5 500 150 -55~150 Unit V V A mW C C
1,2,5,6 : Drain 3 : Gate 4 : Source
JEDEC
-
Note:
JEITA Using continuously under heavy loads (e.g. the application of TOSHIBA 2-2T1D high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the Weight: 7 mg (typ.) reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Mounted on FR4 board. 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm )
Marking
6 5 4
Equivalent Circuit
6 5 4
KPB
1
2
3
1
2
3
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, be sure that the environment is protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
1
2007-11-01
SSM6J50TU
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-Source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS V (BR) DSX IDSS Vth Yfs Test Condition VGS = 8 V, VDS = 0 ID = -10 mA, VGS = 0 ID = -10 mA, VGS = +10 V VDS = -20 V, VGS = 0 VDS = -10 V, ID = -0.2 mA VDS = -10 V, ID = -1.5 A ID = -1.5 A, VGS = -4.5 V Drain-Source on-resistance RDS (ON) ID = -1.5 A, VGS = -2.5 V ID = -1.5 A, VGS = -2.0 V Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Ciss Crss Coss ton toff (Note2) (Note2) (Note2) (Note2) Min -20 -10 -0.5 3.1 Typ. 6.2 49 73 105 800 120 160 15 51 Max 10 -10 -1.2 64 100 205 pF pF pF ns Unit A V A V S m


VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDS = -10 V, VGS = 0, f = 1 MHz VDD = -10 V, ID = -1.5 A, VGS = 0~-5 V, RG = 4.7
Note2: Pulse test
Switching Time Test Circuit
(a) Test Circuit
0 -5 V 10 s VDD = -10 V RG = 4.7 D.U. < 1% = VIN: tr, tf < 5 ns Common Source Ta = 25C ID
(b) VIN
out
0V
10% 90%
in
RG VDD
-5 V VDS (ON) 90% 10% tr ton
(c) VOUT
VDD
tf toff
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID=-200 A for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on)) Be sure to take this into consideration when using the device.
2
2007-11-01
SSM6J50TU
ID-VDS
-5
-10 -6.0 -2.5 -3.0 Common Source Ta=25C -2.0 -1.8
ID-VGS
-10 Common Source VDS=-3V Ta=25C
-4
Drain current ID (A)
Drain current ID (A)
Ta=100C
-3
-1.6
-1
25C -55C
-2
-0.1
-1
VGS=-1.4V
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
-0.5
-1
-1.5
-2
-2.5
Drain-Source voltage VDS(V)
Gate-Source voltage VGS(V)
RDS(ON)-ID
1000
VDS-VGS
-2.0
Common Source Ta=25C
Drain-Source on-resistance RDS(ON)
Drain-Source voltage VDS(V)
-1.6
VGS=-2.0V 100 -2.5
-1.2
-0.8
-1.5
-4.5
Common Source Ta=25C
-0.4
-0.75
ID=-2.5A
10
0 -0.3 -1 -3 -10
-0.1
0
-2
-4
-6
-8
-10
Drain current ID (A)
Gate-Source voltage VGS(V)
RDS(ON)-Ta
160
VGS=-2.0V
Vth-Ta
-2
Gate threshold voltage Vth(V)
Drain-Source on-resistance RDS(ON)
120
VGS=-2.5V
-1.6
-1.2
80
-0.8
Common Source VDS=-10V ID=-200A Ta=25C
VGS=-4.5V
40
Common Source ID=-1.5A Ta=25C
-0.4
0 -80 -40 0 40 80 120 160
0
Ambient temperature Ta(C)
-80
-40
0
40
80
120
160
Ambient temperature Ta(C)
3
2007-11-01
SSM6J50TU
|Yfs|-ID
100
Common Source VDS=-10V Ta=25C
C-VDS
10000
Forward transfer admittance
Capacitance C (pF)
10 Ta=-55C
1000
Ciss
|Yfs|(S)
100C 25C 1
Coss
100
Common Source f=1MHz VGS=0V Ta=25C
Crss
0.1 -0.1
-0.3
-1
-3
-10
10 -0.1
-0.3
-1
-3
-10
-30
-100
Drain current ID (A)
Drain-Source voltage VDS(V)
IDR-VDS
-10
-10 -5.0 -3.0 -1.0 VGS=0V
Drain reverse current IDR (A)
-3.0
-1.0
-0.3
Common Source Ta=25C
- 0.1
0 0.2
Drain-Source voltage VDS(V)
0.4
0.6
0.8
1
4
2007-11-01
SSM6J50TU
rth - tw
1000
rth (C /W)
Single Pulse Mounted on FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm )
100
Transient thermal impedance
10
1 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
Safe operating area
-100 Mounted on FR4 board (25.4 mm x 25.4 mm x 1.6 t 2 Cu pad: 645 mm )
-30
PD - Ta
1.2
(W)
-10
Mounted on FR4 board ID max (pulsed) * 1 ms* 10 ms* 1 t = 10 s 0.8 (25.4 mm x 25.4 mm x 1.6 t, 2 Cu Pad: 645 mm )
(A)
-3
ID
-1 DC operation -0.3 Ta = 25C
10s*
Drain power dissipation
Drain current
PD
0.6
ID max (Continuous)
DC 0.4
-0.1 *:Single nonrepetive Pulse -0.03 Ta = 25C Curves must be derated linearly -0.01 -0.1 with increase in temperature. -0.3 -1 -3 -10 -30 -100
0.2
0 0
50
100
150
Ambient temperature VDS (V)
Ta
(C)
Drain-Source voltage
5
2007-11-01
SSM6J50TU
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2007-11-01


▲Up To Search▲   

 
Price & Availability of SSM6J50TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X