Part Number Hot Search : 
5YN206 AN4140 2SD235 SMC27 RJH60F4 20200CT NJU6682 BRR1A
Product Description
Full Text Search
 

To Download SSM6J205FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6J205FE
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6J205FE
High-Speed Switching Applications Power Management Switch Applications
* * * 1.8V drive P-ch 2-in-1 Low ON-resistance: Unit: mm
Ron = 460 m (max) (@VGS = -1.8 V) Ron = 306 m (max) (@VGS = -2.5 V) Ron = 234 m (max) (@VGS = -4.0 V)
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Gate-source voltage Drain current Drain power dissipation Channel temperature Storage temperature range DC Pulse Symbol VDS VGSS ID IDP PD (Note 1) Tch Tstg Rating -20 8 -0.8 -1.6 500 150 -55 to 150 Unit V V A mW C C ES6 1, 2, 5, 6 : Drain 3 4 : Gate : Source
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Mounted on an FR4 board (total dissipation) 2 (25.4 mm x 25.4 mm x 1.6 mm, Cu Pad: 645 mm )
Note:
JEDEC JEITA TOSHIBA
2-2N1A
Weight: 3 mg (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Drain-source breakdown voltage Drain cutoff current Gate leakage current Gate threshold voltage Forward transfer admittance Symbol V (BR) DSS V (BR) DSX IDSS IGSS Vth Yfs RDS (ON) Ciss Coss Crss ton toff VDSF Test Conditions ID = - 1 mA, VGS = 0 ID = - 1 mA, VGS = + 8 V VDS = - 20 V, VGS = 0 VGS = 8 V, VDS = 0 VDS = - 3 V, ID = - 1 mA VDS = - 3 V, ID = - 0.6 A ID = - 0.6 A, VGS = - 4.0 V Drain-source ON-resistance ID = - 0.4 A, VGS = - 2.5 V ID = - 0.1 A, VGS = - 1.8 V Input capacitance Output capacitance Reverse transfer capacitance Switching time Turn-on time Turn-off time (Note 2) (Note 2) (Note 2) (Note 2) Min - 20 - 12 - 0.3 1.5 (Note 2) Typ. 2.5 175 230 300 250 45 35 12 18 0.85 Max - 10 1 - 1.0 234 306 460 1.2 pF pF pF ns V m Unit V A A V S
VDS = - 10 V, VGS = 0, f = 1 MHz VDS = - 10 V, VGS = 0, f = 1 MHz VDS = - 10 V, VGS = 0, f = 1 MHz VDD = - 10 V, ID = - 0.25 A, VGS = 0 to - 2.5 V, RG = 4.7 ID = 0.8 A, VGS = 0 V
Drain-source forward voltage
Note 2: Pulse test
1
2007-11-01
SSM6J205FE
Switching Time Test Circuit
(a) Test Circuit
0 IN RG RL VDD -2.5 V 90 % OUT
(b) VIN
0V
10 %
- 2.5 V
10 s
(c) VOUT
VDS (ON)
90 % 10 % tr ton toff tf
VDD = - 10 V RG = 4.7 D.U. < 1 % = VIN: tr, tf < 5 ns Common Source Ta = 25 C
VDD
Marking
6 5 4
Equivalent Circuit (top view)
6 5 4
KO
1 2 3 1 2 3
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID= - 1 mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth, and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on). ) Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2007-11-01
SSM6J205FE
-5
ID - VDS
10
ID - VGS
- 10
-4 Drain Current ID (A)
- 4.0
1
-3
- 2.5
Drain Current ID (A)
0.1
Ta = 85 C
-2
- 1.8 - 1.5
0.01 25 C - 25 C
Common Source VDS = - 3 V
-1
0.001
Common Source VGS = - 1.2 Ta = 25 C
-0 -0.0 -0.2 -0.4 -0.6 -0.8 Drain-Source Voltage VDS (V) -1.0
0.0001 0 1 Gate-Source Voltage VGS (V) 2
RDS(ON) - VGS 300 250 - 0.8 A 200 - 0.4 A 150 100 50 0 -0 -1 -2 -3 -4 -5 -6 -7 -8 Gate-Source Voltage VGS (V) -9 -10 ID = - 0.1 A Common Source Ta = 25 C
400 350
RDS(ON) - Ta Common Source
Drain-Source ON-Resistance RDS(ON) (m)
Drain-Source ON-Resistance RDS(ON) (m)
300 250 200 150 100 50 0
-60 -40 -20 0 20 40 60 80 100 120 140 160
- 1.8 V , - 0.1 A
- 2.5 V , - 0.4 A VGS = - 4 V , ID = - 0.8 A
Ambient Temperature Ta()
400 350 Drain-Source ON-Resistance RDS(ON) (m) 300 250 200 150 100 50 0 -0 -1
RDS(ON) - ID
-1 Gate Threshold Voltage Vth(V)
Vth - Ta
Common Source ID = - 1 mA VDS = - 3 V
-0.8
- 1.8 V
-0.6
- 2.5 V VGS = - 4 V
Common Source Ta = 25 C
-0.4
-0.2
-0
-60 -40 -20 0 20 40 60 80 100 120 140 160
-2
-3
-4
-5
Ambient Temperature Ta(C)
Drain Current ID (A)
3
2007-11-01
SSM6J205FE
10.0
|Yfs| - ID
-10 Drain Reverse Current IDR (A)
IDR - VDS
Common Source VGS = 0 V Ta = 25 C
Forward Transfer Admittance
25 C - 25 C 1.0 Ta = 85 C
-1
|Yfs| (S)
25 C -0.1 Ta = 85 C -0.01
- 25 C
Common Source VDS = - 3 V Ta = 25 C
0.1 -0.01 -0.1 -1 -10 Drain Current ID (A)
-0.001 0 0.2 0.4 0.6 0.8 Drain-Source Voltage VDS (V) 1
1000
C - VDS
1000
t - ID
Common Source VDD = 10 V VGS = 0 to 2.5 V Ta = 25 C
Switching Time t (ns)
Capacitance C (pF)
Ciss
toff
100
100
tf ton tr
10
Common Source VGS = 0 V f = 1 MHz Ta = 25 C 10 0.1 1 10
Coss Crss
100
1 -0.01
Drain-Source Voltage VDS (V)
-0.1 -1 Drain Current ID (A)
-10
1000
PD - Ta
Mounted on an FR4 board (25.4mmx25.4mmx1.6mm) Cu Pad :25.4mmx25.4mm
Drain Power Dissipation PD (mW)
800
600
400
200
0 0 20 40 60 80 100 120 140 160
Ambient Temperature Ta (C)
4
2007-11-01
SSM6J205FE
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2007-11-01


▲Up To Search▲   

 
Price & Availability of SSM6J205FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X