|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SSM5G01TU Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Planar Diode SSM5G01TU DC-DC Converter for DSCs and Camcorders * * Co-packaged Pch MOSFET and Schottky Diode. Low RDS (ON) and Low VF Unit: mm Absolute Maximum Ratings (Ta = 25C) Characteristics Drain-Source voltage Gate-Source voltage Drain current DC Pulse Symbol VDS VGSS ID IDP (Note 2) PD (Note 1) t = 10s Tch Rating -30 20 -1.0 -2.0 0.5 0.8 150 Unit V V A Channel temperature Channel temperature W C UFV DIODE Absolute Maximum Ratings (Ta = 25C) SCHOTTKY Characteristics Maximum (peak) reverse voltage Reverse voltage Average forward current Peak one cycle surge forward current (non-repetitive) Junction temperature Symbol VRM VR IO IFSM Tj Rating 25 20 0.5 2 (50 Hz) 125 Unit V V A A C JEDEC JEITA TOSHIBA 2-2R1A Weight: 7 mg (typ.) Absolute Maximum Ratings (Ta = 25C) MOSFET, DIODE COMMON Characteristics Storage temperature Operating temperature Symbol Tstg Topr (Note 3) Rating -55~125 -40~100 Unit C C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Mounted on FR4 board (25.4 mm x 25.4 mm x 1.6 t, Cu pad: 645 mm2) Note 2: The pulse width limited by max channel temperature. Note 3: Operating temperature limited by max channel temperature and max junction temperature. 1 2007-11-01 SSM5G01TU Marking 5 4 Equivalent Circuit 5 4 KEA 1 2 3 1 2 3 Handling Precaution When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. The Channel-to-Ambient thermal resistance Rth (ch-a) and the drain power dissipation PD vary according to the board material, board area, board thickness and pad area are also affected by the environment in which the product is used. When using this device, please take heat dissipation fully into account. 2 2007-11-01 SSM5G01TU MOSFET Electrical Characteristics (Ta = 25C) Characteristic Gate leakage current Drain-Source breakdown voltage Drain Cut-off current Gate threshold voltage Forward transfer admittance Drain-Source ON resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Symbol IGSS V (BR) DSS V (BR) DSX IDSS Vth |Yfs| RDS (ON) Ciss Crss Coss ton toff Test Condition VGS = 16 V, VDS = 0 ID = -1 mA, VGS = 0 ID = -1 mA, VGS = 20 V VDS = -30 V, VGS = 0 VDS = -5 V, ID = -0.1 mA VDS = -5 V, ID = -0.5 A ID = -0.5 A, VGS = -10 V ID = -0.5 A, VGS = -4 V (Note 4) (Note 4) (Note 4) Min -30 -15 -0.8 0.5 Typ. 1.0 0.3 0.6 86 14 25 14 8.5 Max 1 -1 -1.8 0.4 0.8 Unit A V A V S pF pF pF ns VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = 0, f = 1 MHz VDD = -15 V, ID = -0.5 A VGS = 0~-4 V, RG = 10 Note 4: Pulse measurement Switching Time Test Circuit (a) Test circuit 0 -4 V 10 s OUT VDD = -15 V RG = 10 Duty < 1% = VIN: tr, tf < 5 ns Common source Ta = 25C (b) VIN 0V 10% 90% IN RG -4 V VDS (ON) 90% 10% tr ton (c) VOUT VDD VDD tf toff Precaution Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 A for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on)) Please take this into consideration for using the device. 3 2007-11-01 SSM5G01TU Schottky Diode Electrical Characteristics (Ta = 25C) Characteristic Forward voltage Reverse current Total capacitance Symbol VF (1) VF (2) IR CT IF = 0.3 A IF = 0.5 A VR = 20 V VR = 0 V, f = 1 MHz Test Condition Min Typ. 0.38 0.43 46 Max 0.45 50 Unit V V A pF Precaution The schottky barrier diode of this product are having large-reverse-current-leakage characteristic compare to the other switching diodes. This current leakage and not proper operating temperature or voltage may cause thermal runaway. Please take forward and reverse loss into consideration when you design. 4 2007-11-01 SSM5G01TU ID - VDS (MOSFET) -2 -10 -4.5 -4.0 Common Source Ta = 25C -10000 ID - VGS (MOSFET) Common Source VDS = -5 V -1000 (mA) (A) -1.5 -3.5 -1 -3.0 -0.5 VGS = -2.5 V -100 Drain current ID Drain current ID Ta = 100C -25C -10 25C -1 -0.1 0 0 -0.5 -1 -1.5 -2 -0.01 0 -1 -2 -3 -4 -5 Drain-Source voltage VDS (V) Gate-Source voltage VGS (V) RDS (ON) - ID (MOSFET) 1 Common Source Ta = 25C 0.8 VGS = -4 V 1.6 2 RDS (ON) - VGS (MOSFET) Common Source ID = -0.5 A Drain-Source on resistance RDS (ON) () 0.6 Drain-Source on resistance RDS (ON) () 1.2 0.4 -10 V 0.8 Ta = 100C 0.4 -25C 0.2 25C 0 0 -0.5 -1.0 -1.5 -2.0 0 0 -5 -10 -15 -20 Drain current ID (A) Gate-Source voltage VGS (V) RDS (ON) - Ta (MOSFET) 1.2 Common Source ID = -0.5 A -3 Vth - Ta (MOSFET) Common Source VDS = -5 V ID = -0.1 mA Vth (V) Gate threshold voltage 150 1 -2.5 Drain-Source on resistance RDS (ON) () 0.8 VGS = -4.0 V -2 0.6 -10 V 0.4 -1.5 -1 0.2 -0.5 0 -25 0 25 50 75 100 125 0 -25 0 25 50 75 100 125 150 Ambient temperature Ta (C) Ambient temperature Ta (C) 5 2007-11-01 SSM5G01TU |Yfs| - ID (MOSFET) 3 500 300 1 0.3 0.1 C - VDS (MOSFET) Forward transfer admittance Yfs (S) (pF) 100 50 30 Ciss Capacitance C Coss 10 5 Common Source 3 Ta = 25C f = 1 MHz VGS = 0 V 1 -0.1 Crss 0.01 Common Source 0.03 0.001 -1 VDS = -5 V Ta = 25C -10 -100 -1000 -10000 -1 -10 -100 Drain current ID (mA) Drain-Source voltage VDS (V) Dynamic input characteristic (MOSFET) -10 300 Common Source ID = -1 A Ta = 25C t - ID (MOSFET) Common Source VDD = -15 V VGS = 0 -4 V Ta = 25C RG = 10 toff 30 tf VGS (V) -12 V -6 VDD = -24 V -4 Gate-Source voltage Switching time t (ns) -8 100 10 ton tr -2 3 -0.01 0 0 1 2 3 -0.03 -0.1 -0.3 -1 -3 Drain current ID (A) Total gate charge Qg (nC) IDR - VDS (MOSFET) -2 Common Source VGS = 0 -1.6 Ta = 25C Drain reverse current IDR (A) D IDR S G -1.2 -0.8 -0.4 0 0 0.2 0.4 0.6 0.8 1 Drain-Source voltage VDS (V) 6 2007-11-01 SSM5G01TU rth - tw (MOSFET) 1000 Transient thermal impedance rth (C /W) Single pulse Mounted on FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm ) 100 10 1 0.001 0.01 0.1 1 10 100 1000 Pulse width tw (s) Safe operating area (MOSFET) -3 ID max (pulsed) 1 ms* 1.2 PD - Ta (MOSFET) Mounted on FR4 board Drain power dissipation PD (W) 1 t = 10 s 0.8 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm2) (A) -1 ID max (continuous) 10 ms* Drain current ID -0.3 DC operation Ta = 25C 10 s* 0.6 DC 0.4 -0.1 Mounted on FR4 board (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm2) -0.03 *: Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. -0.01 -0.1 -1 0.2 0 0 VDSS max -10 -100 50 100 150 Ambient temperature Ta (C) Drain-Source voltage VDS (V) 7 2007-11-01 SSM5G01TU IF - VF (SBD) 1000 125 10 IR - VR (SBD) 100 (mA) (mA) 50 Reverse current IR 100 100 75 1 75 Forward current IF 0.1 50 10 Ta = 25C 0.01 Ta = 25C 0 1 0 Pulse measurement 0.001 0 5 0.1 0.2 0.3 0.4 0.5 0.6 0.7 10 15 20 Forward voltage VF (V) Reverse voltage VR (V) Transient thermal impedance rth (C/W) rth - tw (SBD) 1000 3000 1000 CT - VR (SBD) f = 1 MHz Ta = 25C 10 Total capacitance CT (pF) 100 1 0.001 Single pulse Mounted on FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm ) 00.1 0.1 1 10 100 1000 100 Pulse width tw (s) 10 1 0.01 0.1 1 10 100 Reverse voltage VR (V) 8 2007-11-01 SSM5G01TU RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN GENERAL * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 9 2007-11-01 |
Price & Availability of SSM5G01TU07 |