Part Number Hot Search : 
S6205 CA124 BPC3504 UGF3JB BGY43 3D3A2 CONTROL 0446003
Product Description
Full Text Search
 

To Download SRU2009-3R3Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *R o *R H S oH C S OM CO P M LIA PL N IA T NT
Features
Maximum height of 1.0 mm Current up to 1.45 A Lead free
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
A
RoHS compliant*
SRU2009 Series - Shielded SMD Power Inductors
Electrical Specifications
Inductance 100 KHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Typ. (MHz) RDC Max. (m) I rms Max. (A) I sat Typ. (A)
Marking
SRU2009-1R0Y SRU2009-2R2Y SRU2009-3R3Y SRU2009-4R4Y SRU2009-6R8Y SRU2009-100Y SRU2009-150Y SRU2009-220Y
1.0 2.2 3.3 4.4 6.8 10 15 22

30 30 30 30 30 30 30 30
7 7 7 7 7 10 10 10
7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52
200 120 100 85 70 50 40 30
110 210 320 430 650 1080 1370 2600
1.45 1.10 0.80 0.68 0.52 0.40 0.30 0.22
1.30 0.80 0.60 0.50 0.45 0.35 0.30 0.22
A C E F G H I J
General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature ..-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ................................260 C for 10 sec. Materials Core.....................Ferrite DR and RI core Wire .............................Enameled copper Terminal ....................................Ag/Ni/Sn Rated Current ....................Ind. drop 35 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging..................1,500 pcs. per reel Product Dimensions
2.80 0.20 (.110 .008)
Electrical Schematic
Recommended Layout
REF. 0.65 (.026)
1.30 (.051) REF.
3.00 (.118) REF.
1.20 (.047) REF.
2.10 (.083) REF.
1.00 REF. (.039) 1.00 (.039) REF.
A
REF.
0.65 (.026)
1.24 (.049) REF.
1.20 (.047) REF.
2.80 0.20 (.110 .008)
0.90 0.10 (.035 .004)
0.90 (.035) TYP.
0.90 (.035) TYP. 0.90 TYP. (.035)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRU2009 Series - Shielded SMD Power Inductors
Packaging Specifications
178.0 DIA. (7.008)
2.0 0.5 (.079 .020)
16.5 (.650) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) COVER TAPE EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 DIA. (.512 .020) 14.0 (.551)
EMBOSSED CARRIER 12.0 (.472)
END
4 (.157)
START
A
A
A
A
8 (.315)
NO COMPONENT NO COMPONENT COMPONENTS
200 (7.874)
400 (15.748)
USER DIRECTION OF FEED
QTY: 1,500 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
03/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRU2009-3R3Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X