Part Number Hot Search : 
LA7391A 1N747C FMM5829X 00080 80N06 MMBZ525 7MBR2 STR30110
Product Description
Full Text Search
 

To Download SCPI-XH2520-332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Chip Power Inductors
----SCPI-XH2520
Features
1. The multi-layered Power Inductors provide high reliability for your products. 2. Magnetic shielded structure 3. Condensed SMT available. 4. Minimized design that is suitable for portable electronic equipments requiring low profile. 5. Lead free (ROHS Compliance).
PAGE 1/2
Applications
1. DC-DC converter for mobile phone 2. MP3 Player 3. Digital still cameras / DVR 4. LCD Driver Module 5. Portable digital equipment
Ordering Information
SCPI
(1)
- XH
(2)
2520
(3) (4)
-
472
(5)
M
(6)
J
(7)
T
(8)
(5) Inductance First two digits are inductance values. Last digit is the number of zeros . (6) Tolerance N : 30% (7) Termination J : Nickel barrier
(1) Products Series SCPI : Inductor for Power Line (2) Materials & Design XH: For low resistance (3) Dimension First two digits : length () Last two digits : width () (4) Thickness Blank : other normal size(unmarking)
(8) Packaging B : Bulk Packing T : Tape & Reel ( 178 [ 7inches]) L : Tape & Reel ( 254 [10inches])
Shape and Dimensions
(Unit : mm[inch]) Type
T W C L
L 2.50.20 .098.008
W 2.00.20 .079.008
T 1.0 Max .039 Max
C 0.50.20 .020.008
SCPI XH2520
*All specifications are subject to change without notice.
Multilayer Chip Power Inductors
----SCPI-XH2520
Electrical Parameters
Inductance at 1MHz(H) Typ. 1.2 1.5 2.2 3.3 4.7 30% Tolerance DC Resistance (m) 30% 85 100 110 130 150
PAGE 2/2
Part Number SCPI-XH2520-122 SCPI-XH2520-152 SCPI-XH2520-222 SCPI-XH2520-332 SCPI-XH2520-472
Current (mA) *1) T/To :40 1900 1600 1500 1400 1300
*1)Temperature rise current: The DC current at which the temperature rise due to self-heating is t40.(Ta20)
Electrical Characteristic Curves
Inductance vs Frequency
8.0
8.0
Inductance vs Bias(L)
80
Temperature vs Bias(T)
4.7uH 3.3uH 2.2uH 1.5uH 1.2uH
6.0
6.0
Temperature( )
1.5uH 1.0uH
700 800
Inductance (uH)
4.0 3.3uH 2.2uH 2.0 1.5uH 1.0uH
Inductance(uH)
4.7uH
60
4.0
4.7uH 3.3uH
2.0
40
2.2uH
1M
Frequency [Hz]
10M
100M
0
100
200
300
Bias (mA)
400
500
600
20
0
200
400
600
800
1000 1200 1400 1600 1800 2000 2200
Bias (mA)
Test Equipment & Fixture L, Q : HP4285A LCR Meter Rdc : TWA-161A, B L Test Frequency : 1MHz
*All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SCPI-XH2520-332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X