Part Number Hot Search : 
AS393P 5R105 36C50 AN6656 76400003 GSA12 36C50 8100K
Product Description
Full Text Search
 

To Download SCI-B2012-180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Chip Ceramic Inductors
----SCI-2012
Features
1. SMD type chip inductors utilizing monolithic structure provide highly reliable surface mount applications. 2. Superior Q characteristics is guaranteed over the wide frequency range for high frequency applications. 3. Excellent solder heat resistance for soldering. 4. Lead Free (RoHS Compliance)
PAGE 1/2
Applications
1. RF module of telecommunication products. - Cellular phone, Cordless telephone etc. 2. GSM Phone, PCS Phone. 3. Computer communications, Radar detectors. 4. Automotive electronics, Keyless remote.
Ordering Information
SCI - B
(1) (2)
2012 - 120 (3) (4)
K
(5)
J
(6)
T
(7)
(5) Tolerance S : 0.3nH J : 5% K : 10% (6) Termination J : Nickel barrier Packing B : Bulk Packing T : Tape & Reel ( 178 [ 7inches]) L : Tape & Reel ( 254 [10inches])
(1) Series (2) Material & design (3) Dimensions The first two digits : length() The last two digits : width() (4) Inductance The first two digits are values. The last digit is the number of zeros. N : a decimal point placed between first two digits
Shape and Dimensions
unit : mm [inches] Type
T W
L 2.00.2 .079.008
W 1.250.2 .049.008
T 1.00.2 .047.008
C 0.500.30 .020.012
SCI-2012-
The polarity mark can be provided upon customer's request.
C L
*All specifications are subject to change without notice.
Multilayer Chip Ceramic Inductors
----SCI-2012
Electrical Parameters
Part No. SCI-B2012-10N SCI-B2012-12N SCI-B2012-15N SCI-B2012-18N SCI-B2012-22N SCI-B2012-27N SCI-B2012-33N SCI-B2012-39N SCI-B2012-47N SCI-B2012-56N SCI-B2012-68N SCI-B2012-82N SCI-B2012-100 SCI-B2012-120 SCI-B2012-150 SCI-B2012-180 SCI-B2012-220 SCI-B2012-270 SCI-B2012-330 SCI-B2012-390 SCI-B2012-470 SCI-B2012-560 SCI-B2012-680 SCI-B2012-820 SCI-B2012-101 SCI-B2012-121 SCI-B2012-151 SCI-B2012-181 SCI-B2012-221 SCI-B2012-271 SCI-B2012-331 SCI-B2012-391 SCI-B2012-471 Inductance nH 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 Tolerance Q min. 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 10 10 10 10 10 L, Q test frequency(MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 SRF (MHz) min. 4000 4000 4000 4000 3800 3600 3400 3200 3000 2800 2600 2200 1800 1650 1350 1350 1100 1100 900 900 850 750 700 600 500 450 400 350 330 300 270 220 180 typ. 12000 10000 10000 8000 8000 6000 6000 5400 4500 4000 3650 3000 2500 2450 2000 1750 1500 1500 1200 1150 1050 1000 950 850 730 630 570 510 450 410 370 330 280 DCR (m) max. 100 100 100 100 100 100 130 150 200 230 250 280 300 350 400 450 500 550 600 650 700 750 800 900 1000 1300 1500 1800 2000 2500 3000 3500 4000
PAGE 2/2
Rated current (mA) max. 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 250 250 250 250 250
0.3nH
5% 10%
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance
Electrical Characteristic Curves
Test Equipment & Fixture L, Q : RF Impedance Analyzer HP4291A , Test Fixture HP16192A SRF : Network Analyzer 8722ES (Agilent) , Rdc : TWA-161A,B
*All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SCI-B2012-180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X