Part Number Hot Search : 
01060 ISC3806 1200ARZ XP100 ZT620 LM393P3 PIC24E TFS174C
Product Description
Full Text Search
 

To Download SCI-B0603-180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Chip Ceramic Inductors
----SCI-0603
Features
1. SMD type chip inductors utilizing monolithic structure provide highly reliable surface mount applications. 2. Superior Q characteristics is guaranteed over the wide frequency range for high frequency applications. 3. Excellent solder heat resistance for soldering. 4. Lead Free (RoHS Compliance).
PAGE 1/2
Applications
1. RF module of telecommunication products. - Cellular phone, Cordless telephone etc. 2. GSM Phone, PCS Phone. 3. Computer communications, Radar detectors. 4. Automotive electronics, Keyless remote.
Ordering Information
SCI - B
(1) (2)
0603 - 120 (3) (4)
K
(5)
J
(6)
T
(7)
(5) Tolerance S : 0.3nH J : 5% K : 10% (6) Termination J : Nickel barrier Packing B : Bulk Packing T : Tape & Reel ( 178 [ 7inches]) L : Tape & Reel ( 254 [10inches])
(1) Series (2) Material & design (3) Dimensions The first two digits : length() The last two digits : width() (4) Inductance The first two digits are values. The last digit is the number of zeros. N : a decimal point placed between first two digits
Shape and Dimensions
unit : mm [inches] Type
T W
L 0.60.03 .024.001]
W 0.30.03 .012.001]
T 0.30.03 .012.001
C 0.150.05 .006.002
SCI-0603-
C
L
The polarity mark can be provided upon customer's request.
*All specifications are subject to change without notice.
Multilayer Chip Ceramic Inductors
----SCI-0603
Electrical Parameters
Part No. SCI-B0603-10N SCI-B0603-12N SCI-B0603-15N SCI-B0603-18N SCI-B0603-22N SCI-B0603-27N SCI-B0603-33N SCI-B0603-39N SCI-B0603-47N SCI-B0603-56N SCI-B0603-68N SCI-B0603-82N SCI-B0603-100 SCI-B0603-120 SCI-B0603-150 SCI-B0603-180 SCI-B0603-220 SCI-B0603-270 SCI-B0603-330 SCI-B0603-390 SCI-B0603-470 SCI-B0603-560 SCI-B0603-680 SCI-B0603-820 SCI-B0603-101 SCI-B0603-121 Inductance (at 100MHz) nH Tolerance 1.0 1.2 1.5 1.8 2.2 0.3nH 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 5% 33 39 47 56 68 82 100 120 Q (Min) 100MHz 4 4 4 4 4 4 4 4 4 4 4 4 4 5 5 5 5 5 5 5 5 5 5 5 5 5 Q (Typ) 100MHz 800 MHz 6 20 6 20 6 20 6 20 6 20 6 20 6 20 6 20 6 19 6 19 6 19 6 19 6 19 7 19 7 18 7 18 7 17 7 17 7 16 7 15 7 14 7 13 7 12 7 11 7 10 7 7 1.0GHz 22 22 22 22 22 22 22 22 21 21 21 21 21 21 20 19 18 18 16 15 13 12 10 8 6 2 1.8GHz 31 31 30 30 30 30 30 29 29 28 27 26 25 23 21 18 14 SRF(MHz) Min. 10000 10000 10000 10000 8800 7700 6700 6000 5300 4600 3900 3400 2900 2700 2300 2100 1800 1800 1700 1500 1300 1100 1100 1000 900 800 DCR(m) max. 200 200 300 300 350 400 450 500 550 600 700 800 900 1100 1200 1400 1700 2400 2700 3000 3500 4000 5000 5000 5500 6000
PAGE 2/2
Rated current (mA) max. 300 300 300 300 300 300 300 300 300 300 250 250 250 250 250 200 200 100 100 50 50 50 50 50 40 40
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance
Electrical Characteristic Curves
Inductance characteristics
120 nH Inductance(nH) 47 nH
1000
50 40 30
Q
Q characteristics
2.2 nH 4.7 nH 10 nH
100
22 nH
10 nH
10
4.7 nH 2.2 nH
20
22 nH
10 0 10M
47 nH 120 nH
1 10M
100M
Frequency [Hz]
1G
10G
100M
Frequency [Hz]
1G
10G
Test Equipment & Fixture L, Q : RF Impedance Analyzer 4991A(Agilent) , Test Fixture 16196C(Agilent) SRF : Network Analyzer 8722ES (Agilent) Rdc : TWA-161A,B
*All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SCI-B0603-180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X