Part Number Hot Search : 
MSP2305A TXC04252 TLP117 GPP100M T7001830 1A475 GPP100M 10205
Product Description
Full Text Search
 

To Download SA2005MSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features SA2005M
FEATURES + Direct drive for + + +
electro-mechanical counters or stepper motors Selectable dividing ratios for different meter rated conditions Per phase energy direction and voltage fail indication Precision oscillator on chip
sames
+ + + + +
Meets the IEC 521/1036 Specification requirements for Class 1 AC Watt hour meters Operates over a wide temperature range Easily adaptable to different signal levels Precision voltage reference on chip Protected against ESD
DESCRIPTION
The SAMES SA2005M provides a single chip active energy metering solution for three phase mechanical counter-based meter designs. Very few external components are required and it has direct drive capability for electro-mechanical counters. The SAMES SA2005M is a CMOS mixed signal integrated circuit that performs three phase power/energy calculations over a range of 1000:1, to an overall accuracy of better than Class 1. The integrated circuit includes all the required functions for 3phase power and energy measurement such as oversampling A/D converters for the voltage and current sense inputs, power calculation and energy integration. Internal offsets are eliminated through the use of cancellation procedures.
VDD VSS
The SA2005M drives a calibration LED directly. voltage fail and voltage sequence faults as well direction indication are available as LED outputs. divider ratios enable various mechanical counter motor counter resolutions.
Per phase as energy Selectable or stepper
A precision oscillator, that replaces an external crystal, is integrated on chip. A voltage reference is integrated on chip. The SA2005M integrated circuit is available in 24-pin dual in line plastic (DIP-24) and small outline (SOIC-24) package options.
IIN1 IIP1 IVN1 IIN2 IIP2 IVN2 IIN3 IIP3 IVN3 GND
I1 X V1 I2 X V2 I3 X V3 PROGRAMMABLE ADDER POWER TO PULSE RATE
LED MON MOP PH1 PH2 PH3 PH / DIR
REF
TIMING & CONTROL
OSC
SELECTOR INTERFACE
dr-01616
VREF
TEST
RA RE
IM
Figure 1: Block diagram
SPEC-0115 (REV. 3)
1/12
09-05-02
SA2005M ELECTRICAL CHARACTERISTICS
(VDD = 2.5V, VSS = -2.5V, over the temperature range -10C to +70C#, unless otherwise specified.) Parameter Operating temp. Range Supply Voltage: Positive Supply Voltage: Negative Supply Current: Positive Supply Current: Negative Current Sensor Inputs (Differential) Input Current Range Voltage Sensor Inputs (Asymmetrical) Input Current Range Pin VREF Ref. Current Ref. Voltage Digital I/O Pin MOP, MON, LED, PH/DIR, PH1, PH2, PH3 Output High Voltage Output Low Voltage Pins RA, RE, IM, TEST Input Low Voltage Input High Voltage Pins RA, RE, IM Pin scan current* Pin TEST Pull down current -IR VR 45 1.1 50 55 1.3 A V IIV -25 +25 A III -25 +25 A Symbol TO VDD VSS IDD ISS Min -25 2.25 -2.75 15 15 Typ Max +85 2.75 -2.25 Unit C V V mA mA
sames
Condition
Peak value
Peak value
With R = 24kW connected to VSS Reference to VSS
VOH VOL VIH VIL IIH -IIL IIH
VDD-1 VSS+1 VDD-1 VSS+1 3.1 2 48 7 4.6 110
V V V V mA mA A
IOH = -2mA IOL = 5mA
VI = VDD VI = VSS VI = VDD
#Extended Operating Temperature Range available on request. *Switched to pin scan mode for 71s.
ABSOLUTE MAXIMUM RATINGS*
Parameter Supply Voltage Current on any pin Storage Temperature Operating Temperature Symbol VDD -VSS IPIN TSTG TO Min 3.6V -150 -40 -40 Max 6.0 +150 +125 +85 Unit V mA C C
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
http://www.sames.co.za
2/12
SA2005M PIN DESCRIPTION
PIN 20 6 18 21, 24, 3 23, 22, 2, 1, 5, 4 19 Designation GND VDD VSS IVN1, IVN2, IVN3 IIN1, IIP1, IIN2, IIP2, IIN3, IIP3 VREF Description Analog Ground. The voltage to this pin should be mid-way between VDD and VSS.
sames
Positive supply voltage. Typically +5V if a current transformer is used for current sensing. Negative supply voltage. Typically 0V if a current transformer is used for current sensing. Voltage sense inputs. The current into the A/D converter should be set at 14ARMS at nominal mains voltage. The voltage sense input saturates at an input current of 25A peak. Inputs for current sensors. The termination resistor voltage from each current transformer is converted to a current of 16ARMS at rated conditions. The current sense input saturates at an input current of 25A peak. This pin provides the connection for the reference current setting resistor. A 24kW resistor connected to VSS sets the optimum operating condition. Test input. For normal operation connect this pin to VSS. Calibration LED output. Refer to section LED Output (LED) for the pulse rate output options. Motor pulse outputs. These outputs can be used to drive an impulse counter or stepper motor directly. Multiplexed Phase or direction driver output. Multiplexed LED drivers for direction and mains fail indication. Rated conditions select input. The RE input selects the calibration LED resolution as well as the summing mode for the programmable adder. The IM inputs selects the counter resolution (Motor drive output).
17 10 11, 12 13 14, 15, 16 7 8 9
TEST LED MON, MOP PH / DIR PH1, PH2, PH3 RA RE IM
ORDERING INFORMATION
IIP2 IIN2 IVN3 IIP3 IIN3
VDD
1 2 3 4 5 6 7 8 9 10 11 12 dr-01617
24 23 22 21 20 19
IVN2
Part Number
IIN1 IIP1 IVN1 GND VREF
Package DIP-24 SOIC-24
SA2005MPA SA2005MSA
RA RE IM LED MON MOP
18 VSS 17 16 15 14 13 TEST PH3 PH2 PH1 PH / DIR
Figure 2: Pin connections: Package: DIP-24, SOIC-24
http://www.sames.co.za
3/12
SA2005M FUNCTIONAL DESCRIPTION
The SAMES SA2005M is a CMOS mixed signal analog/digital integrated circuit that performs three phase power/energy calculations across a power range of 1000:1 to an overall accuracy of better than Class 1. The integrated circuit includes all the required functions for 3phase power and energy measurement such as oversampling A/D converters for the voltage and current sense inputs, power calculation and energy integration. Internal offsets are eliminated through the use of cancellation procedures. The integrated circuit includes all the required functions for a three phase mechanical counter-based meter design. A precision oscillator, that replaces an external crystal, is integrated on chip providing a temperature stable time base for the digital circuitry. A temperature stable voltage reference integrated on chip generates the reference current used by the analog circuitry. Voltage and current are sampled simultaneously by means of a sigma delta modulator type ADC and power is calculated for each individual phase. The power is fed to a programmable adder that allows the representation of the measured energy to be either total or absolute sum. The summed power is integrated and divided down to represent integrated energy. Pulses on the LED output and on the mechanical counter driver outputs represent measured amounts of energy. Programmable dividers provide flexible counter as well as calibration LED resolutions. Outputs for phase fail and voltage sequence faults and energy direction are available. Calibration of the device is done on the voltage sense inputs of the SA2005M. The SA2005M may be used in various meter designs by setting the RE, RA and IM pins to the appropriate state. See Input Signals section for the configuration settings. These features enable the meter manufacturer extremely flexible meter designs from a single integrated circuit. An integrated anti-creep function ensures that no pulses are generated at zero line currents.
sames
POWER CONSUMPTION
The overall power consumption rating of the SA2005M integrated circuit is less than 80mW with a 5V supply.
INPUT SIGNALS
ANALOG INPUT CONFIGURATION
The current and voltage sensor inputs are illustrated in figure 3. These inputs are protected against electrostatic discharge through clamping diodes, in conjunction with the amplifiers input configuration. The feedback loops from the outputs of the amplifiers AI and AV generate virtual shorts on the signal inputs. Exact duplications of the input currents are generated for the analog processing circuitry. The current and voltage sense inputs are identical. Both inputs are differential current driven up to 25A peak. One of the voltage sense amplifiers input terminals is internally connected to GND. This configuration is possible because the voltage sense input is much less sensitive to externally induced parasitic signals compared to the current sense inputs.
Voltage Sense Inputs (IVN1, IVN2, IVN3)
The mains voltages are measured by means of resistor dividers and the divided voltages are converted to currents. The current into each voltage sense input (virtual ground) should be set to 14ARMS at rated voltage conditions. The individual mains voltages are divided down to 14VRMS per phase. The resistors R12, R13 and R14 (figure 8) set the current for the voltage sense inputs. The voltage sense inputs saturate at an input current of 25A peak.
V DD
IIP
CURRENT SENSOR INPUTS
VSS VDD
AI
IIN
VSS VDD
IVP VOLTAGE SENSOR INPUT
V SS
AV
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
The SA2005M integrated circuit's inputs/outputs are protected against ESD.
GND DR-01288
Figure 3: Analog input internal configuration
http://www.sames.co.za
4/12
SA2005M
Current Sense Inputs (IIN1, IIP1, IIN2, IIP2, IIN3, IIP3)
The current sense inputs connects to a termination resistor connected across the terminals of a current transformer. At rated current the resistor values should be selected for input currents of 16ARMS. Referring to figure 8, the resistors R1 and R2 on current channel 1, resistors R3 and R4 on current channel 2 and resistors R5 and R6 on current channel 3, define the current level into the current sense inputs of the SA2005M. The current sense inputs saturates at an input current of 25A peak. Resistors R29, R30 and R31 are used as current transformer termination resistors. The voltage drop across the termination resistors should be at least 20mV at rated conditions. Values for the current sense inputs are calculated as follows: R1 = R2 = ( IL / 16ARMS ) x R29 / 2 R3 = R4 = ( IL / 16ARMS ) x R30 / 2 R5 = R6 = ( IL / 16ARMS ) x R31 / 2 Where: IL = Line current/CT-ratio The value of the termination resistors should be less than the resistance of the CT's secondary winding.
sames
Resolution (RE)
The RE input selects the summing mode for the programmable adder as well as the dividing ratio for the LED output (LED resolution). The following table lists the options available:
RE Pin VSS PH/DIR OPEN VDD Summing Mode Total sum Total sum Absolute sum Absolute sum Dividing Ratio (LED Resolution) 1 4 1 4
The summing mode is the representation of the measured energy and can be either of the following types: Total sum This represents the total sum of the energy measured on all three phases flowing through the current sensors. Negative energy flow is taken into consideration. Absolute sum This represents the sum of the energy measured on all three phases, regardless of the direction of energy flow through the current sensors.
Voltage Reference Connection (VREF)
A bias resistor of 24kW provides an optimum bias conditions on chip. Calibration of the SA2005M is done on the voltage sense inputs as described in the Typical Application.
Impulses (IM)
The IM inputs selects between 1, 10, or 100 dividing ratio for the motor drive outputs (counter resolution). Please note that the device will not perform metering functions while in test mode. Refer to the Using the RA, Re, Im inputs section for further information. IM Pin VSS PH/DIR VDD OPEN Dividing Ratio (Counter Resolution) 100 (1P/KwH) 10 (10P/KwH) 1 (100P/KwH) Test Mode
Rated (RA)
The rated condition select pin allows the metering constants (LED output and Motor Drive output) to remain unchanged for different rated conditions having a 1:2:3 scaling ratio, for example 230V/20A, 230V/40A and 230V/60A. This option allows for the development of different rated meters requiring minimal changes. The only changes to be implemented is the selection of the current sense resistors for the expected rated load currents and the selection of pins RA, RE and IM. RA Pin VSS PH/DIR VDD Open Rated Conditions Multiplying Ratio 1/3 2/3 3/3 Fast LED output. The output is 1252Hz at rated current and voltage inputs.
Test Inputs (TEST)
The TEST input is the manufacturers test pin and must be connected to VSS in a metering application.
At a rated condition of 230V/60A (13800W), setting the RA pin to VDD (ratio set to 3/3) and the RE pin to VSS (LED resolution) the LED pulse rate will be 3200 pulses/KWh. With a combination of RA, RE and IM settings various rated condition can easily be met. Refer to the Using the RA, RE, IM inputs section for further information.
http://www.sames.co.za
5/12
SA2005M
Using the RA, RE and IM inputs
The following formulas can be used to calculate the LED output and motor pulse rates. Note that for the motor pulse rates shown in the datasheet a MOP pulse followed by a MON pulse is treated as two energy pulses. 3600 LED pulses/kWh = 36.8 x RA x Imax x Vnom x 3 1000 Where: Imax = Meters maximum rated current Vnom = Meters nominal voltage RA = 1/3, 2/3 or 3/3 (see Rated RA section) RE = 1 or 4 (see resolution RE section) x 1 RE
sames
3600 1 Motor pulses/kWh = 36.8 x RA x Imax x Vnom x 3 x ImFactor 1000 Where: Imax = Meters maximum rated current Vnom = Meters nominal voltage RA = 1/3, 2/3 or 3/3 (see Rated RA section) ImFactor depends on IM: IM = VDD then ImFactor = 16 IM = PH/DIR then ImFactor = 160 IM = VSS then ImFactor = 1600
The following table shows the combinations for some the common rated conditions. IM is selected so that the counter increments to the highest possible rate. Imax 10 20 30 40 60 80 Vmax 230 230 230 230 230 230 RA PH/DIR PH/DIR VDD PH/DIR VDD PH/DIR RE PH/DIR or VDD PH/DIR or VDD PH/DIR or VDD VSS or Open VSS or Open VSS or Open IM VDD VDD VDD VDD VDD VDD LED Pulse rate (Pulses/kWh) 3200 1600 1600 3200 3200 1600 Motor Pulse Rate (Pulses/kWh) 800 400 400 200 200 100
ANTI-TAMPER CONDITIONS
The SA2005M caters for the following meter tamper conditions, which are indicated as follows: Method Phase Voltages Description One LED is provided for each phase to indicate abnormal operating conditions. Result During normal conditions, the LEDs are continuously switched on. The SA2005M will record the energy consumption accurately under this condition
Phase Failure, In case of a phase failure, the corresponding LED is no voltage switched off. Phase Sequence Error
In case of phase sequence error, the phase LED's are flashing The SA2005M will record the energy with a repetition rate of approximately 1Hz. The direction LED's consumption accurately under this condition will show which phases is swapped, by switching the corresponding two direction LED's off. A connection of a line voltage to the neutral terminal would be indicated in the same way. One LED is provided for each current sensor to indicate reverse energy flow. If detected, the corresponding LED is switched off. The SA2005M can be configured to accumulate the absolute energy consumption for each phase measured, irrespective of the direction of the energy flow. The architecture of the meter should provide for a good "phantom neutral" in cases where the neutral is disconnected from the meter. The SA2005M will therefore record the energy consumption accurately under this condition. The SA2005M will record the energy consumption accurately under this condition
Input / Output Terminals Interchanged
Missing Neutral Connection Return through Earth Load Imbalance
In this case, the meter would register the energy consumption correct. A indication for this condition could be realized external to the IC. The SA2005M will record the energy consumption accurately under this condition
http://www.sames.co.za
6/12
SA2005M OUTPUT SIGNALS
LED Output (LED)
Various LED output pulse rates are available. Refer to the "Using the RA, RE and IM inputs" section. With RA pin open the LED output is 1252Hz at rated conditions. In this mode tLED is 71uS, for the other pulse rate options tLED is 10ms. The LED output is active low as shown in figure 4.
sames
Multiplex Output (PH/ DIR)
The PH/DIR output enables either direction or voltage information on the phase LED driver outputs (PH1, PH2 and PH3). This multiplex output switches between logic 0 and 1 at a frequency of approximately 113Hz. A logic 0 enables energy direction information on the LED driver outputs and a logic 1 enables voltage information. The PH/DIR output is used in conjunction with the LED driver outputs to display information about each individual phase, see figure 6.
VDD
LED
VSS
DR-01332
tLED
Phase LED Drivers (PH1, PH2, PH3)
The LED driver outputs present either direction information or voltage information. The three LED driver outputs are used in conjunction with the PH/DIR output to display information about each individual phase (refer to figure 6) as follows: PH/DIR = 0 (Direction indication) When PH/DIR is low (logic 0) energy direction information for each individual phase is available on PH1, PH2 and PH3. A logic 1 indicates reverse energy flow and a logic 0 indicates positive energy flow. Reverse energy flow is defined as the condition where the voltage sense input and the current sense inputs are out of phase (greater than 90 degrees). Positive energy flow is defined as the condition where the voltage sense and current sense inputs are in phase. PH/DIR = 1 (Voltage fail / phase sequence error) When PH/DIR is high (logic 1) voltage information is available on PH1, PH2 and PH3. A logic 1 on any of these pins indicates a voltage failure, the SA2005M does not detect a zero crossing on the applicable voltage sense input. Referring to figure 6 the voltage fail LED will be on when the voltage phase is present and off when the voltage phase is missing. In the case of a phase sequence error all three LED driver outputs PH1, PH2 and PH3 will pulse with a repetition rate of approximately 1Hz.
Figure 4: LED pulse output An integrated anti-creep function prevents any output pulses if the measured power is less than 0.01% of the meters rated current.
Motor Output (MOP, MON)
The motor pulse width is fixed at 142ms. The MON pulse will follow the MOP pulse within double the pulse width time. This prevents the motor armature is in the wrong position after a power failure. Both MOP and MON outputs are active high. A low voltage stepper may be driven directly from the device by connecting it between the MOP and MON pins, alternatively an impulse counter may be driven directly by connecting it between MOP and VSS. The motor drive waveforms are shown in figure 5.
VDD MOP VSS VDD MON VSS
DR-01618
tm
2tm
tm
Figure 5: Motor drive on MON and MOP pins of device
PH (Drive) DIR (Sink) VFAIL 1 Channel 1 DIR 1 VFAIL 2 Channel 2 DIR 2 VFAIL 3 Channel 3 DIR 3
dr-01603
PH/DIR
D1 R9 VFAIL1
D2 DIR1
D3 VFAIL2
D4 DIR2
D5 VFAIL3
D6 DIR3
PH1 R10 PH2
R11 PH3
Figure 6: Multiplexing of the LED Drivers
http://www.sames.co.za
7/12
SA2005M TYPICAL APPLICATION
The analog (metering) interface described in this section is designed for measuring 230V/60A with precision better than Class 1. The most important external components for the SA2005M integrated circuit are the current sense resistors, the voltage sense resistors and the bias setting resistor. The resistors used in the metering section should be of the same type so temperature effects are minimized. Current Input IIN1, IIP1, IIN2, IIP2 Two current transformers are used to measure the current in the live and neutral phases. The output of the current transformer is terminated with a low impedance resistor. The voltage drop across the termination resistor is converted to a current that is fed to the differential current inputs of the SA2005M. CT Termination Resistor The voltage drop across the CT termination resistor at rated current should be at least 20mV. The CT have low phase shift s and a ratio of 1:2500. The CT is terminated with a 3.6W resistor giving a voltage drop of 86.4mV across the termination resistor at rated conditions (Imax for the meter). Current Sensor Input Resistors The resistors R1 and R2 define the current level into the current sense inputs of phase one of the SA2005M. The resistor values are selected for an input current of 16A on the current inputs of the SA2005M at rated conditions. For a 60A meter at 2500:1 CT the resistor values are calculated as follows: = ( I L / 16A ) x RSH / 2 = 60A / 2500 / 16A x 3.6W / 2 = 2.7kW IL = Line current RSH = CT Termination resistor 2500 = CT ratio The three current channels are identical so R1 = R2 = R3 = R4=R5=R6. Voltage Input IVP The voltage input of the SA2005M (IVP) is driven with a current of 14A at nominal mains voltage. This voltage input saturates at approximately 17A. At a nominal voltage current of 14A allows for 20% overdriving. The mains voltage is divided with a voltage divider to 14V that is fed to the voltage input pins via a 1MW resistor. R1 = R2
sames
Voltage Divider The voltage divider for phase one is calculated for a voltage drop of 14V. Equations for the voltage divider in figure 4 are: RB = R20 + R23 + R26 RB = R12 || (R17 + P1) A 5k trimpot will be used in the voltage channel for meter calibration. The center position on the pot is used in the calibration P1 = 2.5kW. Combining the two equations gives: (RA + RB ) / 230V = RB / 14V Values for resistors R17 = 22kW, P1 = 2.5kW and R12 = 1M W is chosen. Substituting the values result in: RB = 23.914kW RA = RB x ( 230V / 14V - 1 ) RA = 368.96kW. Standard resistor values for R24, R25 and R26 are chosen to be 130kW. Standard resistor values for R18, R19, R20, R21, R22 and R23 are chosen to be 120kW. The capacitor C1 is used to compensate for phase shift between the voltage sense inputs and the current sense inputs of the device, in cases where CTs with phase errors are used. The phase shift caused by the CT may be corrected by inserting a capacitor in the voltage divider circuit. To compensate for a phase shift of 0.18 degrees the capacitor value is calculated as follows: C = 1 / (2 x p x Mains frequency x R12 x tan (Phase shift angle)) C = 1 / ( 2 x p x 50 x 1MW x tan (0.18 degrees )) C = 1.013F Reference Voltage Bias resistor R7 defines all on chip and reference currents. With R7 = 24kW optimum conditions are set. Device calibration is done on the voltage input of the device. Device setup The resistor values calculated above is for a 60A rated meter so RA must be set to VDD, according to the description under Input Signals. The RE and IM inputs of the device must be set to the appropriate states for the meter to function correctly.
http://www.sames.co.za
8/12
SA2005M
sames
Neutral GND R18 V3 In R15 P3 R16 R20 R23 R26 P2 R17 CT1 R29 IVN1 R2 GND CT2 R30 VDD R4 GND CT3 R31 R6 GND V3 Out V2 Out V1 Out VSS R7 19 18 17 7 8 9 S1 S2 S3 S4 S5 S6 S7 S8 S9 VREF VSS PH1 TEST RA RE IM SA2005M PH/DIR 13 PH3 PH2 16 15 14 R11 R10 R9 D1 VFAIL1 D2 DIR1 D3 VFAIL2 D4 DIR2 D5 VFAIL3 D6 DIR3 R5 5 MON IIN3 LED 4 IIP3 VDD 10 6 VSS 11 D7 R8 1 MOP IIP2 12 CNT1 R27 C4 R3 2 IIN2 22 IIP1 IVN2 IVN3 21 24 3 R1 U1 23 IIN1 GND 20 GND R12 R13 R14 P1 C1 R21 R24
V2 In
R19
R22
R25
V1In
C2 C3
6 5 4 3 2 1 .1
Counter VDD GND
R28 C5 C6
VDD VSS dr-01619
Figure 8: Typical application circuit
http://www.sames.co.za
9/12
SA2005M
Parts List for Application Circuit: Figure 8
Symbol U1 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 R16 R17 R18 R19 R20 R21 R22 R23 R24 R25 R26 R27 R28 R29 R30 R31 C1 C2 C3 C4 C5 C6 D1 D2 D3 D4 D5 D6 D7 CNT1 CT1 CT2 CT3 Description SA2005M Resistor, 2.7k, 1/4W, 1%, metal Resistor, 2.7k, 1/4W, 1%, metal Resistor, 2.7k, 1/4W, 1%, metal Resistor, 2.7k, 1/4W, 1%, metal Resistor, 2.7k, 1/4W, 1%, metal Resistor, 2.7k, 1/4W, 1%, metal Resistor, 24k, 1/4W, 1%, metal Resistor, 1k, 1/4W, 5%, carbon Resistor, 1k, 1/4W, 5%, carbon Resistor, 1k, 1/4W, 5%, carbon Resistor, 1k, 1/4W, 5%, carbon Resistor, 1M, 1/4W, 1%, metal Resistor, 1M, 1/4W, 1%, metal Resistor, 1M, 1/4W, 1%, metal Resistor, 22k, 1/4W, 1%, metal Resistor, 22k, 1/4W, 1%, metal Resistor, 22k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 120k, 1/4W, 1%, metal Resistor, 130k, 1/4W, 1%, metal Resistor, 130k, 1/4W, 1%, metal Resistor, 130k, 1/4W, 1%, metal Resistor, 1k, 1/4W, 1%, metal Resistor, 1k, 1/4W, 1%, metal Resistor, 3.6W, 1/4W, 1%, metal Resistor, 3.6W, 1/4W, 1%, metal Resistor, 3.6W, 1/4W, 1%, metal Capacitor, 1F, 16V, electrolytic Capacitor, 1F, 16V, electrolytic Capacitor, 1F, 16V, electrolytic Capacitor, 220nF Capacitor, 220nF Capacitor, 820nF 3mm Light emitting diode 3mm Light emitting diode 3mm Light emitting diode 3mm Light emitting diode 3mm Light emitting diode 3mm Light emitting diode 3 mm Light emitting diode Mechanical stepper motor counter Current Transformer, TZ76 Current Transformer, TZ76 Current Transformer, TZ76 Detail DIP-24 / SOIC-24 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1
sames
Note 1 Note 1 Note 1 Note 2 Note 2 Note 2
Note 3 Direction indicator V1 Fail indicator Direction indicator V2 Fail indicator Direction indicator V3 Fail indicator Calibration LED 2500:1 2500:1 2500:1
Note 1: Resistor (R1 to R6) values are dependent on the selection of the termination resistors (R29 to R31) and CT combination Note 2: Capacitor values may be selected to compensate for phase errors caused by the current transformers. Note 3: Capacitor C6 to be positioned as close as possible to supply pins VDD and VSS of U1 as possible.
http://www.sames.co.za
10/12
SA2005M PM9607AP
NOTES:
sames
http://www.sames.co.za
11/12
SA2005M PM9607AP DISCLAIMER:
sames
The information contained in this document is confidential and proprietary to South African Micro-Electronic Systems (Pty) Ltd ("SAMES") and may not be copied or disclosed to a third party, in whole or in part, without the express written consent of SAMES. The information contained herein is current as of the date of publication; however, delivery of this document shall not under any circumstances create any implication that the information contained herein is correct as of any time subsequent to such date. SAMES does not undertake to inform any recipient of this document of any changes in the information contained herein, and SAMES expressly reserves the right to make changes in such information, without notification, even if such changes would render information contained herein inaccurate or incomplete. SAMES makes no representation or warranty that any circuit designed by reference to the information contained herein, will function without errors and as intended by the designer.
Any sales or technical questions may be posted to our e-mail address below: energy@sames.co.za
For the latest updates on datasheets, please visit our web site: http://www.sames.co.za. SOUTH AFRICAN MICRO-ELECTRONIC SYSTEMS (PTY) LTD Tel: (012) 333-6021 Tel: Int +27 12 333-6021 Fax: (012) 333-8071 Fax: Int +27 12 333-8071
P O BOX 15888 33 ELAND STREET LYNN EAST 0039 REPUBLIC OF SOUTH AFRICA
33 ELAND STREET KOEDOESPOORT INDUSTRIAL AREA PRETORIA REPUBLIC OF SOUTH AFRICA
http://www.sames.co.za
12/12


▲Up To Search▲   

 
Price & Availability of SA2005MSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X