Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download RCP131706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS < Pin Type: RCP Series >
Type: RCP1317
Product Description
13.5mm Max., 17.5mm Max.height. Inductance range :33H4.7mH. Rated Current Range: 0.373.6A.
Feature
Magnetically shielded construction. Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies's Inductors or DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
5.00.5 17.5 MAX. 4.81.0
13.5 MAX.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
0.70.1
1/2
POWER INDUCTORS < Pin Type: RCP Series >
Type: RCP1317
Specification
Part No. Stamp Inductance (at 1 kHz) 33H20% 47H20% 68H20% 82H20% 100H20% 120H15% 150H15% 180H15% 220H15% 270H15% 330H15% 390H15% 470H15% 560H15% 680H15% 820H15% 1.0mH15% 1.2mH15% 1.5mH15% 1.8mH15% 2.2mH15% 2.7mH15% 3.3mH15% 3.9mH15% 4.7mH15% D.C.R.() Max.(Typ.) (at 20) 58m (46m) 69m (55m) 101m (81m) 110m (88m) 125m (100m) 139m (116m) 195m (156m) 213m (171m) 278m (223m) 0.33 (0.26) 0.36 (0.29) 0.44 (0.35) 0.53 (0.42) 0.59 (0.47) 0.78 (0.62) 0.95 (0.76) 1.18 (0.94) 1.28 (1.07) 1.40 (1.16) 2.00 (1.70) 2.28 (1.90) 3.07 (2.56) 3.31 (2.76) 4.52 (3.77) 5.02 (4.18) Saturation current1 (at 20) 4.80 4.30 3.30 3.10 2.80 2.60 2.40 2.20 1.90 1.70 1.60 1.45 1.35 1.25 1.12 1.02 0.90 0.80 0.72 0.68 0.62 0.58 0.51 0.47 0.43 (at 100) 4.40 3.80 3.00 2.70 2.50 2.30 2.10 1.80 1.70 1.60 1.40 1.28 1.17 1.05 0.95 0.85 0.70 0.65 0.60 0.56 0.52 0.50 0.45 0.42 0.37 Temperature rise current (A)2 3.60 3.30 2.60 2.50 2.30 2.20 1.90 1.80 1.60 1.55 1.50 1.30 1.15 1.10 1.00 0.85 0.82 0.74 0.72 0.58 0.52 0.48 0.45 0.42 0.37
RCP1317NP-33OM RCP1317NP-47OM RCP1317NP-68OM RCP1317NP-82OM RCP1317NP-1O1M RCP1317NP-121L RCP1317NP-151L RCP1317NP-181L RCP1317NP-221L RCP1317NP-271L RCP1317NP-331L RCP1317NP-391L RCP1317NP-471L RCP1317NP-561L RCP1317NP-681L RCP1317NP-821L RCP1317NP-1O2L RCP1317NP-122L RCP1317NP-152L RCP1317NP-182L RCP1317NP-222L RCP1317NP-272L RCP1317NP-332L RCP1317NP-392L RCP1317NP-472L
330 470 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472
1.Saturation current: The D.C. current at which the inductance decreases to 65% of it's initial value. 2.Temperature rise current: The D.C. current at which the temperature rise is T40(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of RCP131706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X