Part Number Hot Search : 
0LL0A DA6X103T HAF1001 SI591 HTC555DC PA73M F2001 17270
Product Description
Full Text Search
 

To Download RCH106NP-1R8M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< Pin Type: RCH Series>
Type: RCH-106
*Y
Product Description
10.5mm Max., 6.5mm Max. Height. Inductance Range: 1.0E H 1.0mH
*E *E *E *E
Rated current range: 0.36 9.3A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
*Y
Feature
*E Magnetically unshielded construction. etc as Power Supplies's Inductors or DC-DC Converter inductors.
*E Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, *E
*Y
RoHS Compliance
Dimensions (mm)
4.0*0.3 }
0.1 + 0.7-0.05 O
6.0*0.5 }
1.0 }* 3.5
10.0*0.5 O }
*Y
Schematics (Bottom)
A B
A B
@ C
@
C
(100M *
102K)
(1R0N *
7R8M)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
5.0*0.3 }
1/2
Power Inductor< Pin Type: RCH Series>
Type: RCH-106
*Y
Specification
Part Name RCH1O6NP-1RON RCH1O6NP-1R2N RCH1O6NP-1R8M RCH1O6NP-2R8M RCH1O6NP-3R6M RCH1O6NP-5R1M RCH1O6NP-6R3M RCH1O6NP-7R8M RCH1O6NP-1OOM RCH1O6NP-12OM RCH1O6NP-15OM RCH1O6NP-18OM RCH1O6NP-22OM RCH1O6NP-27OM RCH1O6NP-33OK RCH1O6NP-39OK RCH1O6NP-47OK RCH1O6NP-56OK RCH1O6NP-68OK RCH1O6NP-82OK RCH1O6NP-1O1K RCH1O6NP-121K RCH1O6NP-151K RCH1O6NP-181K RCH1O6NP-221K RCH1O6NP-271K RCH1O6NP-331K RCH1O6NP-391K RCH1O6NP-471K RCH1O6NP-561K RCH1O6NP-681K RCH1O6NP-821K RCH1O6NP-1O2K *| *| *| 1:Measuring frequency: Stamp 1R0N 1R2N 1R8M 2R8M 3R6M 5R1M 6R3M 7R8M 100M 120M 150M 180M 220M 270M 330K 390K 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K 1.0E H * 10E H * Inductance (E H) [Within] *| 1 1.0*} 30 % 1.2*} 30 % 1.8*} 20 % 2.8*} 20 % 3.6*} 20 % 5.1*} 20 % 6.3*} 20 % 7.8*} 20 % 10*} 20 % 12*} 20 % 15*} 20 % 18*} 20 % 22*} 20 % 27*} 20 % 33*} 10 % 39*} 10 % 47*} 10 % 56*} 10 % 68*} 10 % 82*} 10 % 100*} 10 % 120*} 10 % 150*} 10 % 180*} 10 % 220*} 10 % 270*} 10 % 330*} 10 % 390*} 10 % 470*} 10 % 560*} 10 % 680*} 10 % 820*} 10 % 1000*} 10 % D.C.R.() [Max.] (at20ae ) 5.0m 6.9m 8.0m 11.8m 13.8m 19.6m 23.1m 24.8m 40m 44m 58m 64m 88m 0.10 0.11 0.14 0.16 0.19 0.22 0.29 0.32 0.38 0.50 0.56 0.78 0.92 1.1 1.3 1.5 1.9 2.2 2.6 3.2 Rated Current ( ) u 2 9.3 8.0 7.4 6.0 5.7 4.6 4.2 3.9 3.6 3.3 2.9 2.7 2.4 2.2 2.0 1.8 1.7 1.5 1.4 1.3 1.3 1.2 1.0 0.84 0.76 0.69 0.62 0.57 0.52 0.48 0.43 0.40 0.36 Mounting Holes (mm) u 3 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
7.8E H at 7.96MHz 1.0mH at 1kHz
2: Rated current: The DC current at which the inductance decreases 90% of it's initial value or when t=40 whichever is lower(Ta** 20ae ) / ae 3:Please give sufficient consideration to the thickness of wire while mounted into P.C.B.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of RCH106NP-1R8M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X