Part Number Hot Search : 
3477M000 RT1P250X PAW887B AD7523 06M00 47510 47510 815DE
Product Description
Full Text Search
 

To Download RCH-109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< Pin Type : RCH Series>
Type: RCH-109
Product Description
10.3mm Max. , 9.0mm Max. Height. Inductance range: 10H1.0mH Rated current range: 0.404.5A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically unshielded construction. Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies's Inductors or DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
9.0 MAX. 3.50.5 4.00.3
10.00.3
0.70.1
5.00.3
Schematics (Bottom)


(10H27H)
(33H1.0mH)
To be connected between #1 and #4, #2 and #3 (10H27H) when using. It is no matter for the electric characteristics if terminal 1 is connected to terminal 4, terminal 2 is connected to terminal 3 with solder. (On the bottom of drum core) (10H27H).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Power Inductor< Pin Type : RCH Series>
Type: RCH-109
Specification
Part Name RCH1O9NP-1OOM RCH1O9NP-12OM RCH1O9NP-15OM RCH1O9NP-18OM RCH1O9NP-22OM RCH1O9NP-27OM RCH1O9NP-33OK RCH1O9NP-39OK RCH1O9NP-47OK RCH1O9NP-56OK RCH1O9NP-68OK RCH1O9NP-82OK RCH1O9NP-1O1K RCH1O9NP-121K RCH1O9NP-151K RCH1O9NP-181K RCH1O9NP-221K RCH1O9NP-271K RCH1O9NP-331K RCH1O9NP-391K RCH1O9NP-471K RCH1O9NP-561K RCH1O9NP-681K RCH1O9NP-821K RCH1O9NP-1O2K Stamp 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 Inductance Within (at 1kHz) 10H 20 12H 20 15H 20 18H 20 22H 20 27H 20 33H 10 39H 10 47H 10 56H 10 68H 10 82H 10 100H 10 120H 10 150H 10 180H 10 220H 10 270H 10 330H 10 390H 10 470H 10 560H 10 680H 10 820H 10 1.0mH 10 D.C.R. () Max.(Typ.) at 20 25m(19m) 29m(23m) 35m(28m) 43m(34m) 47m(37m) 54m(43m) 72m(57m) 78m(62m) 92m(74m) 116m(93m) 130m(104m) 150m(120m) 200m(160m) 225m(180m) 288m(230m) 0.34(0.27) 0.42(0.33) 0.57(0.45) 0.65(0.52) 0.73(0.58) 0.95(0.76) 1.08(0.86) 1.24(0.99) 1.59(1.32) 1.84(1.53) Saturation current (A)1 at 20 4.50 4.00 3.65 3.20 3.05 2.70 2.45 2.10 2.00 1.75 1.65 1.50 1.35 1.25 1.10 1.00 0.94 0.85 0.77 0.71 0.65 0.60 0.54 0.48 0.44 at 100 3.40 2.95 2.55 2.35 2.00 1.85 1.70 1.50 1.40 1.30 1.25 1.15 1.00 0.92 0.82 0.76 0.70 0.65 0.60 0.51 0.45 0.40 0.38 0.36 0.34 Temperature Rise Current 2 4.50 4.10 3.75 2.85 2.70 2.50 2.40 2.20 2.05 1.80 1.60 1.50 1.40 1.25 1.05 1.00 0.92 0.77 0.67 0.63 0.59 0.52 0.50 0.42 0.40
1: Saturation current: The DC current at which the inductance decreases to 90% of it's initial value. 2: Temperature rise current: The DC current at which the temperature rise is t40.(Ta20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of RCH-109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X