Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download RC885NP-151K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS < PIN Type: RC Series>
Type:RC-885
*Y
*E
Product Description
8.5mm Max. , 8.0mm Max. Height. *E Inductance Range100E H* 33mH *E Rated Current Range : 30* 660mA
*Y
*E
Feature
Magnetically unshielded construction. *E Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines, Adapters, etc as Power Supplies's inductors or DC-DC Converter inductors. *E RoHS Compliance
*Y
Dimensions (mm)
+ 0 .1 -0.05
8.0 Max.
5.0 -0.5
+ 1 .0
O 0 .7
O 8 .0* } 0 .5
Please refer to the sales offices on our website for a representative near you
www.sumida.com
5.0* } 0 .15
1/2
POWER INDUCTORS < PIN Type: RC Series>
Type:RC-885
*Y Specification
Inductance Within (at 1 kHz) 100H 10% 120H 10% 150H 10% 180H 10% 220H 10% 270H 10% 330H 10% 390H 10% 470H 10% 560H 10% 680H 10% 820H 10% 1.0mH 10% 1.2mH 10% 1.5mH 10% 1.8mH 10% 2.2mH 10% 2.7mH 10% 3.3mH 10% 3.9mH 10% 4.7mH 10% 5.6mH 10% 6.8mH 10% 8.2mH 10% 10mH 10% 12mH 10% 15mH 10% 18mH 10% 22mH 10% 27mH 10% 33mH 10% Unloaded Q [Min.] (at 100 kHz) 40 40 40 45 45 40 50 50 50 60 60 60 60 70 75 75 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 D.C.R.() [Max.] (at 20) 0.38 0.42 0.63 0.67 0.80 1.00 1.20 1.40 1.90 2.10 2.80 3.40 3.90 5.20 6.20 7.20 10.0 11.5 13.8 17.5 20.8 25.0 29.7 34.1 47.1 54.2 79.6 90.5 93.5 110 170 Saturation Current (mA) [Ref.] 1 660 600 510 480 420 390 350 320 300 260 240 210 190 180 150 140 130 110 100 95 85 80 70 65 60 55 50 45 40 35 30 20*Z ).
Part Name RC885NP-1O1K RC885NP-121K RC885NP-151K RC885NP-181K RC885NP-221K RC885NP-271K RC885NP-331K RC885NP-391K RC885NP-471K RC885NP-561K RC885NP-681K RC885NP-821K RC885NP-1O2K RC885NP-122K RC885NP-152K RC885NP-182K RC885NP-222K RC885NP-272K RC885NP-332K RC885NP-392K RC885NP-472K RC885NP-562K RC885NP-682K RC885NP-822K RC885NP-1O3K RC885NP-123K RC885NP-153K RC885NP-183K RC885NP-223K RC885NP-273K RC885NP-333K
Stamp 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K 122K 152K 182K 222K 272K 332K 392K 472K 562K 682K 822K 103K 123K 153K 183K 223K 273K 333K
1 Saturation Current: The DC current at which the inductance decreases 95% of it's initial value .(Ta**
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of RC885NP-151K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X