Part Number Hot Search : 
2SK11 0603KRCT LS100 IRF78 BISS0001 R22D10R FDS70 TSHA5200
Product Description
Full Text Search
 

To Download PS05-036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power over Ethernet Transformer
Type: CER115
*Y Product Description
*E 11.5*~ 12.7mm Max.(L*~ W), 6.6mm Max. Height. *E In addition to the typical versions of parameters shown here, custom parameters are available to meet your exact requirements
*Y
*E
Feature
Max. Operating frequency 500KHz,Max. Operating Power 7.0W(500kHz). *E Ideally used in PoE transformer. *E RoHS Compliance
*Y
Dimensions (mm)
2.0 2.0 2.0 2.0 0.2 }* 11.0 12.7 MAX . 0.7 ref 6.6 MAX.
9.2*0.5 }
ADHESIVE
*Y Schematics (Bottom)
5
18-36V 200kHz
11.5 MAX.
*Y
7
Land Pattern (mm)
10.0
4 3 2
+12V,0.25A
1.6 2.0
8 9
-12V,0.25A
12V,20mA
1
10
*g
is winding start.
1.6
*Y
Specification
Sample No. PS05-036 Turns Ratio (Pri:Sec:Aux) 1:0.393:0.393 Primary Inductance 100kHz/0.1V 120|I g*} 15*" Pri-Sec. Insulation DC500V (0.5mA,1s.) Leakage L (|I H Max.) 2.5 D.C.R. (m| Pri. 490 Aux. 1200 Max.) Sec.2 298
Sec.1 298
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of PS05-036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X