Part Number Hot Search : 
MAX2442 22001 2SK16 FW801 FU9024N 2SK2761 N80930HX BA159DG
Product Description
Full Text Search
 

To Download PDC54-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
Part Number: PDC54-11GWA
GREEN
Features
0.54 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAB7106 APPROVED: J. Lu
REV NO: V.8 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: S.J.LIU
PAGE: 1 OF 4 ERP:1312000027
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. PDC54-11GWA GREEN (GaP) WHITE DIFFUSED 1900 Typ. 8000 Common Cathode ,Rt. Hand Decimal. Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 105 25 140 5 -40C To +85C 260C For 3 Seconds
Units mW mA mA V
SPEC NO: DSAB7106 APPROVED: J. Lu
REV NO: V.8 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: S.J.LIU
PAGE: 2 OF 4 ERP:1312000027
Green
PDC54-11GWA
SPEC NO: DSAB7106 APPROVED: J. Lu
REV NO: V.8 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: S.J.LIU
PAGE: 3 OF 4 ERP:1312000027
PACKING & LABEL SPECIFICATIONS
PDC54-11GWA
SPEC NO: DSAB7106 APPROVED: J. Lu
REV NO: V.8 CHECKED: Joe Lee
DATE: NOV/01/2006 DRAWN: S.J.LIU
PAGE: 4 OF 4 ERP:1312000027


▲Up To Search▲   

 
Price & Availability of PDC54-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X