Part Number Hot Search : 
UMTS200 LR120 3DD1300 ZVN2110A SD243 74AUP1G 2SC60 MB951
Product Description
Full Text Search
 

To Download NT0547311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: NT05 47311
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number NT05 47311-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Zero-Power Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Temp Coefficient of Resistance @ 25C Operating Temperature Range Maximum Permissible Power Dissipation Constant Thermal Time Constant 47.0K 10% 13.5 1% 55.6 1% 4500 2% -5.18%/ C -50C/ 150C 0.45 W 4.5mW/C 20 seconds
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 5.6 mm Max 5.0 mm Max 0.5 mm Nom 5.0 mm Nom 38.0 mm Min Standard
Revision Date: August 12, 2002
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: NT05 47311
Resistance Temperature Curve:
Temperature -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 R@T/R@25C 139.80 93.87 63.29 43.36 30.03 21.02 14.87 10.61 7.642 5.552 4.066 3.022 2.265 1.712 1.303 1.000 0.7726 0.6009 0.4704 0.3705 0.2936 0.2341 0.1878 0.1516 0.1231 0.1005 0.08250 0.06806 0.05642 0.04699 0.03931 0.03304 0.02790 0.02363 0.02009 0.01715 0.01469 0.01262 0.01089 0.009416 0.008170
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of NT0547311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X