Part Number Hot Search : 
LTC1042C GBP3508 S4F42Z1 XPC750ED 01111 2SD347 74AC241 KBP201
Product Description
Full Text Search
 

To Download MSCA-5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 W U l t r a m i n i a t u re Modular Switching Power Supplies
MCA-5
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 3,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
series
PCB 2.28"L x 1.77"W x 0.83"H Chassis 3.77"L x 2.16"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
SINGLE OUTPUT - PCB Mount MSCA-5000 3.3 VDC MSCA-5001 5 VDC MSCA-5002 12 VDC MSCA-5003 15 VDC MSCA-5005 24 VDC SINGLE OUTPUT - Chassis Mount MSCC-5000 3.3 VDC MSCC-5001 5 VDC MSCC-5002 12 VDC MSCC-5003 15 VDC MSCC-5005 24 VDC SINGLE OUTPUT - DIN Rail Mount MSCC-5000/DRL 3.3 VDC MSCC-5001/DRL 5 VDC MSCC-5002/DRL 12 VDC MSCC-5003/DRL 15 VDC MSCC-5005/DRL 24 VDC
Fully Approved UL/CSA22.2 60950-1 File# E167432 EN60950 File# B021022749042 IEC60950-1 File# DE354108
1.25 1 0.42 0.33 0.23 1.25 1 0.42 0.33 0.23 1.25 1 0.42 0.33 0.23
4W 5W 5W 5W 5W 4W 5W 5W 5W 5W 4W 5W 5W 5W 5W
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
5 W U l t r a m i n i a t u re Modular Switching Power Supplies
MCA-5
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 3,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
series
PCB 2.28"L x 1.77"W x 0.83"H Chassis 3.77"L x 2.16"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount MDCA-5006 +/-12 VDC MDCA-5007 +/-15 VDC DUAL OUTPUT - Chassis Mount MDCC-5006 +/-12 VDC MDCC-5007 +/-15 VDC DUAL OUTPUT - DIN Rail Mount MDCC-5006/DRL +/-12 VDC MDCC-5007/DRL +/-15 VDC TRIPLE OUTPUT - PCB Mount MTCA-5009 +5,+/-12 VDC MTCA-5011 +5,+/-15 VDC TRIPLE OUTPUT - Chassis Mount MTCC-5009 +5,+/-12 VDC MTCC-5011 +5,+/-15 VDC TRIPLE OUTPUT - DIN Rail Mount MTCC-5009/DRL +5,+/-12 VDC MTCC-5011/DRL +5,+/-15 VDC
Fully Approved UL/CSA22.2 60950-1 File# E167432 EN60950 File# B021022749042 IEC60950-1 File# DE34108
+/-0.21 +/-0.17 +/-0.21 +/-0.17 +/-0.21 +/-0.17 0.6,0.1/0.1 0.45,0.1/0.1 0.6,0.1/0.1 0.45,0.1/0.1 0.6,0.1/0.1 0.45,0.1/0.1
5W 5W 5W 5W 5W 5W 5W 5W 5W 5W 5W 5W
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
5 W U l t r a m i n i a t u re Modular Switching Power Supplies
INPUT SPECIFICATIONS
Input Voltage, Nominal Input Frequency Inrush Current 85-265VAC Nominal: 100-240VAC 47-440 Hz, 50-60Hz Nom. 20A @ 100VAC, typ 40A @ 200VAC, typ
MCA-5
Open Collector Logic "1"/Open=ON Logic "0"/GND=OFF 3000VAC 1000VAC 2500VAC 140 Khz, fixed 75 - 80%, typ
series
GENERAL SPECIFICATIONS
On/Off Control
OUTPUT SPECIFICATIONS
Output Voltage/Current Initial Accuracy Voltage Adjust Load Regulation (20%-FL) Line Regulation Temperature Coefficient Ripple/Noise(20Mhz BW) Overvoltage Protection Hold Up Time Short Circuit Protection Current Limit See Specific Model +/-1%, adjustable +/-6%, typ +/-0.3%, typ +/-0.3%, typ +/-0.03%/C 150mV Pk-Pk, typ Clamp, 130-150% * 30mS, typ Continuous, self-recovering * 130% typ,Self-Reset Foldback
Input-Out Isolation Output-Ground Isolation Input-Ground Isolation Operating Frequency Efficiency (@ Full Load)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Relative Humidity Storage Temperature MTBF, Single/Multi Output 0 to +50C FL See Derate * (Free-air Convection) 0-95%, Non-Condensing -25 to +71C * 180,000 Hrs/110,000 Hrs Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material Construction Weight PCB / CHA Rynite, 94V-0 Rated Encapsulated, Soft Pot 4 oz (112g) / 8.5 oz (238g)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
5 W U l t r a m i n i a t u re Modular Switching Power Supplies
PERFORMANCE CURVES
100 90 80 80 90
MCA-5
series
Output Current, %
60 50 40 30 20 10 0 -10 0 10 20 30 40 50 60 70
Typical Efficiency, %
70
70 60 50 40 10 25 50 75 100
Ambient Temp., DegC
% of Full Load
MECHANICAL DIMENSIONS - PCB MOUNT
1.85 [47.00]
Adjustment Pot Power "Good" Indicator 0.040 [1.02] DIA. TYP.
Model Type / Pin# 1 2 3 4 5 6 7 8 9 10
Single AC HI AC LO GND No Pin No Pin +Vout No Pin No Pin -Vout Ctrl
Dual AC HI AC LO GND No Pin No Pin +Vout No Pin Out Com -Vout Ctrl
Triple AC HI AC LO GND +Vout Out Com No Pin -Vout +5Vout 5V Ret Ctrl
1.77 [45.0]
2.28 [57.9]
0.20 [5.1]
0.83 [21.0]
Tolerance:
.XX 0.02 [0.508] .XXX 0.01 [0.253]
Dimensions shown in inch [mm] 0.12 [5.3] 1.85 [47.0]
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
5 W U l t r a m i n i a t u re Modular Switching Power Supplies
MECHANICAL DIMENSIONS - CHASSIS MOUNT
MCA-5
series
4 1 2 3 5 6 7 8 9
MECHANICAL DIMENSIONS - DIN RAIL
0.350 [8.89]
Model Type / Pin# 1 2 3 4 5 6 7 8 9
Single AC LO GND AC HI Ctrl -Vout -Vout +Vout +Vout N/C
Match Dual AC LO GND AC HI Ctrl -Vout Com Com +Vout N/C
Unmatch Dual AC LO GND AC HI Ctrl Com Com +5Vout +12Vout N/C
Triple
AC LO GND AC HI Ctrl +5 Ret +5Vout -Vout +/- Com +Vout
DIN Rail mounting kit available for Chassis-mount modules, specify part # M-DRL-01. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.100 [2.54]
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of MSCA-5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X