Part Number Hot Search : 
VNH3A BSS51 MUR1605E 1222M0 HSBD437 2N2221AX 2000411 MC44802
Product Description
Full Text Search
 

To Download MSCA-0300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 0 W U l t r a m i n i a t ure Modular Switching Power Supplies
MCA-30
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 3,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
series
PCB Single O/P - 3.5"L x 2.5"W x 0.98"H, Multi O/P - 4.06"L x 2.5"W x 0.98"H Chassis 4.76"L x 2.56"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
SINGLE OUTPUT - PCB Mount MSCA-0300 3.3 VDC MSCA-0301 5 VDC MSCA-0302 12 VDC MSCA-0303 15 VDC MSCA-0305 24 VDC SINGLE OUTPUT - Chassis Mount MSCC-0300 3.3 VDC MSCC-0301 5 VDC MSCC-0302 12 VDC MSCC-0303 15 VDC MSCC-0305 24 VDC SINGLE OUTPUT - DIN Rail Mount MSCC-0300/DRL 3.3 VDC MSCC-0301/DRL 5 VDC MSCC-0302/DRL 12 VDC MSCC-0303/DRL 15 VDC MSCC-0305/DRL 24 VDC
7.5 6 2.5 2 1.25 7.5 6 2.5 2 1.25 7.5 6 2.5 2 1.25
25W 30W 30W 30W 30W 25W 30W 30W 30W 30W 25W 30W 30W 30W 30W
Fully Approved UL/CSA22.2 60950-1 File# E167432 EN60950 File# B021022749041 IEC60950-1 File# DE353936
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
3 0 W U l t r a m i n i a t ure Modular Switching Power Supplies
MCA-30
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 3,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
series
PCB Single O/P - 3.5"L x 2.5"W x 0.98"H, Multi O/P - 4.06"L x 2.5"W x 0.98"H Chassis 4.76"L x 2.56"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount MDCA-0306 +/-12 VDC MDCA-0307 +/-15 VDC MDCA-0308 +5/12 VDC DUAL OUTPUT - Chassis Mount MDCC-0306 +/-12 VDC MDCC-0307 +/-15 VDC MDCC-0308 +5/12 VDC DUAL OUTPUT - DIN Rail Mount MDCC-0306/DRL +/-12 VDC MDCC-0307/DRL +/-15 VDC MDCC-0308/DRL +5/12 VDC TRIPLE OUTPUT - PCB Mount MTCA-0309 +5,+/-12 VDC MTCA-0311 +5,+/-15 VDC TRIPLE OUTPUT - Chassis Mount MTCC-0309 +5,+/-12 VDC MTCC-0311 +5,+/-15 VDC TRIPLE OUTPUT - DIN Rail Mount MTCC-0309/DRL +5,+/-12 VDC MTCC-0311/DRL +5,+/-15 VDC
+/-1.25 +/-1 3/1.25 +/-1.25 +/-1 3/1.25 +/-1.25 +/-1 3/1.25 3,0.63/0.63 3,0.5/0.5 3,0.63/0.63 3,0.5/0.5 3,0.63/0.63 3,0.5/0.5
30W 30W 30W 30W 30W 30W 30W 30W 30W 30W 30W 30W 30W 30W 30W
Fully Approved UL/CSA22.2 60950-1 File# E167432 EN60950 File# B021022749041 IEC60950-1 File# DE353936
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
3 0 W U l t r a m i n i a t ure Modular Switching Power Supplies
INPUT SPECIFICATIONS
Input Voltage, Nominal Input Frequency Inrush Current 85-265VAC Nominal: 100-240VAC 47-440 Hz, 50-60Hz Nom. 20A @ 100VAC, typ 40A @ 200VAC, typ
MCA-30
Open Collector Logic "1"/Open=ON Logic "0"/GND=OFF 3000VAC 1000VAC 2500VAC 140 Khz, fixed 75 - 80%, typ
series
GENERAL SPECIFICATIONS
On/Off Control
OUTPUT SPECIFICATIONS
Output Voltage/Current Initial Accuracy Voltage Adjust Load Regulation Line Regulation Temperature Coefficient Ripple/Noise(20Mhz BW) Overvoltage Protection Hold Up Time Short Circuit Protection Current Limit See Specific Model +/-1%, adjustable +/-6%, typ +/-0.3%, typ +/-0.3%, typ +/-0.03%/C 150mV Pk-Pk, typ Clamp, 130-150% * 30mS, typ Continuous, self-recovering * 130% typ, Self-Reset Foldback
Input-Out Isolation Output-Ground Isolation Input-Ground Isolation Operating Frequency Efficiency (@ Full Load)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Relative Humidity Storage Temperature MTBF, Single/Multi Output 0 to +50C FL See Derate * (Free-air Convection) 0-95%, Non-Condensing -25 to +71C * 180,000 Hrs/110,000 Hrs Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Singles Duals/Triples
90 80
PERFORMANCE CURVES
100 90 80
Rynite, 94V-0 Rated Encapsulated, Soft Pot PCB / CHA 10.4 oz (292g) / 13.4 oz (376g) 12.1 oz (340g) / 15.4 oz (430g)
Output Current, %
60 50 40 30 20 10 0 -10 0 10 20 30 40 50 60 70
Typical Efficiency, %
70
70 60 50 40 10 25 50 75 100
Ambient Temp., DegC All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
% of Full Load Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
3 0 W U l t r a m i n i a t ure Modular Switching Power Supplies
MECHANICAL DIMENSIONS - PCB MOUNT
MCA-30
series
SINGLE OUTPUT
DUAL/TRIPLE OUTPUT
Model Type / Pin# 1 2 3 4 5 6 7 8 Single AC HI AC LO Ctrl No Pin No Pin -Vout No Pin +Vout
Dual Matched AC HI AC LO -Vout Ctrl No Pin Com No Pin +Vout
Dual 5/12V AC HI AC LO Com Ctrl No Pin +5out No Pin Triple AC HI AC LO -Vout Ctrl +5 Ret +/-Com +5Vout
+12Vout +Vout
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
3 0 W U l t r a m i n i a t ure Modular Switching Power Supplies
MECHANICAL DIMENSIONS - CHASSIS MOUNT
0.130 [3.30] DIA. TYP. (4 places) Accepts #4 screw & nut Adjudtment Pot Power "GOOD" indicator
MCA-30
#3-48 Screw (6 places)
series
#4-40 Screw (3 places)
1 2 3
0.25 [6.4] TYP. (5 places)
2.56 [65.0]
2.180 [55.37]
0.65 [16.5] TYP. (2 places)
4 5 6 7 8 9
0.19 [4.8] 0.17 [4.3] Tolerance: .xx 0.01 [0.25] .xxx 0.005 [0.13] 4.42 [112.3] (Singles) 5 [127] (Dual/Triple) 4.76 [121] (Singles) 5.34 [135.6] (Dual/Triple)
Dimensions shown in inch [mm]
1.00 [25.4]
MECHANICAL DIMENSIONS - DIN RAIL
0.350 [8.89]
Model Type / Pin#
1 2 3 4 5 6 7 8 9
Single
AC LO GND AC HI +Vout +Vout -Vout -Vout N/C Ctrl
Match Dual
AC LO GND AC HI +Vout Com Com -Vout N/C Ctrl
Unmatch Dual
AC LO GND AC HI +12Vout +5Vout +5Vout Com Com Ctrl
Triple
AC LO GND AC HI +Vout +5Vout +/- Com +5V Ret -Vout Ctrl
DIN Rail mounting kit available for Chassis-mount modules. - For 30 watt single outputs specify part # M-DRL-30S - For 30 watt dual/single outputs specify part # M-DRL-30T Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.100 [2.54]
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of MSCA-0300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X