Part Number Hot Search : 
TB200 IT888 MAX14 C2020 MAX4530 HIROSE GP08B 2SJ265
Product Description
Full Text Search
 

To Download MS2210008-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: MS22 10008
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number MS22 10008-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 100% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Beta Maximum Capacitance @ 265 Vrms 10.0 25% 8.0 A 200.0 J 450.0 J 0.090 0.180 194 C 55.0 mW/C 112 seconds 3000 K 2850F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 20.0 1.0 mm 7.0 0.7 mm 1.0 0.1 mm 7.8 2.0 mm 38.0 9.0 mm 5.0 1.0 mm 9.22 0.85 mm 3.82 1.0 mm
Revision Date: July 26, 2002
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of MS2210008-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X