Part Number Hot Search : 
ATA5771 ATA5771 TC0144A 4GBU06 0C102 STW4410 0C102 TDA3651
Product Description
Full Text Search
 

To Download MC-122K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < PIN Type: MC Series>
Type:
*Y
MC-122K
Product Description
*E |O 13.0mm Max. 16.0mm Max. Height. Operating frequency:400kHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
*Y
*E *E
Feature
*E *E *E
*Y
High inductance fixed shielded type. Can be used as DC-DC converter transformer. RoHS Compliance.
Dimensions (mm)
.0.05 0 O 5| *
.1 0{*
3 6 *
..5 51 0|*
*- *- *Y
.0 1{*
.0 1{* .5 0|* .5 3
.05 }1.8 O0*
Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. *Y
Connection (Bottom View) B A S @ E H G F S C D
Specification
Item
(Part No.: VLT0146)
(7-9) 3.25mH8% Within Measuring Condition 1kHz 70kHz
Inductance Unloaded Q
35 Min.
Using Frequency: 70kHz
"S" is winding start
Please refer to the sales offices on our website for a representative near you www.sumida.com
..5 21O 0}*5
1/1


▲Up To Search▲   

 
Price & Availability of MC-122K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X