Part Number Hot Search : 
2SA808A 2Z5UM 50120 C1300 P5KE30A PN412201 SLG46533 AD623ARZ
Product Description
Full Text Search
 

To Download MAX5083ATE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3657; Rev 0; 5/05
1.5A, 40V, MAXPower Step-Down DC-DC Converters
General Description
The MAX5082/MAX5083 are 250kHz PWM step-down DC-DC converters with an on-chip, 0.3 high-side switch. The input voltage range is 4.5V to 40V for the MAX5082 and 7.5V to 40V for the MAX5083. The output is adjustable from 1.23V to 32V and can deliver up to 1.5A of load current. Both devices utilize a voltage-mode control scheme for good noise immunity in the high-voltage switching environment and offer external compensation allowing for maximum flexibility with a wide selection of inductor values and capacitor types. The switching frequency is internally fixed at 250kHz and can be synchronized to an external clock signal through the SYNC input. Light load efficiency is improved by automatically switching to a pulse-skip mode. All devices include programmable undervoltage lockout and soft-start. Protection features include cycle-bycycle current limit, hiccup-mode output short-circuit protection, and thermal shutdown. Both devices are available in a space-saving, high-power (2.7W), 16-pin TQFN package and are rated for operation over the -40C to +125C temperature range.
Features
4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083) Input Voltage Range 1.5A Output Current VOUT Range From 1.23V to 32V Internal High-Side Switch Fixed 250kHz Internal Oscillator Automatic Switchover to Pulse-Skip Mode at Light Loads External Frequency Synchronization Thermal Shutdown and Short-Circuit Protection Operates Over the -40C to +125C Temperature Range Space-Saving (5mm x 5mm) High-Power 16-Pin TQFN Package
MAX5082/MAX5083
Ordering Information
PART MAX5082ATE MAX5083ATE TEMP RANGE -40C to +125C -40C to +125C PIN-PACKAGE 16 TQFN-EP* 16 TQFN-EP*
Applications
FireWire(R) Power Supplies Distributed Power Automotive Industrial
*EP = Exposed pad. Pin Configurations appear at end of data sheet.
FireWire is a registered trademark of Apple Computer, Inc.
Typical Operating Circuits
VIN 4.5V TO 40V CF D1
IN R1
DVREG
C-
C+
BST LX
CBST L1 VOUT C6
C1
REG
MAX5082
ON/OFF SYNC SGND PGND C2 PGND SS CSS FB
D2
C5 R6
R3
C8 R2 COMP R5 C7 R4
PGND
Typical Operating Circuits continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
ABSOLUTE MAXIMUM RATINGS
IN, ON/OFF to SGND..............................................-0.3V to +45V LX to SGND .................................................-0.3V to (VIN + 0.3V) BST to SGND ................................................-0.3V to (VIN + 12V) BST to LX................................................................-0.3V to +12V PGND to SGND .....................................................-0.3V to +0.3V REG, DVREG, SYNC to SGND ...............................-0.3V to +12V FB, COMP, SS to SGND ...........................-0.3V to (VREG + 0.3V) C+ to PGND (MAX5082 only)................(VDVREG - 0.3V) to +12V C- to PGND (MAX5082 only) ................-0.3V to (VDVREG + 0.3V) Continuous current through internal power MOSFET (pins 11/12 connected together and pins 13/14 connected together) TJ = +125C.........................................................................3A TJ = +150C.........................................................................2A Continuous Power Dissipation* (TA = +70C) 16-Pin TQFN (derate 33.3mW/C above +70C) ...2666.7mW 16-Pin TQFN (JA)........................................................30C/W 16-Pin TQFN (JC).......................................................1.7C/W Operating Temperature Range .........................-40oC to +125C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C *As per JEDEC 51 Standard.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = VON/OFF = 12V, VREG = VDVREG, VSYNC = PGND = SGND, TA = TJ = -40C to +125C, unless otherwise noted. Typical values are at TA = + 25C.) (Note 1)
PARAMETER Input Voltage Range Undervoltage Lockout Threshold Undervoltage Lockout Hysteresis Switching Supply Current (PWM Operation) Efficiency No-Load Supply Current (PFM Operation) Shutdown Current ON/OFF CONTROL Input Voltage Threshold Input Voltage Hysteresis Input Bias Current ERROR AMPLIFIER/SOFT-START Soft-Start Current Reference Voltage (Soft-Start) FB Regulation Voltage FB Input Range FB Input Current COMP Voltage Range Open-Loop Gain Unity-Gain Bandwidth FB Offset Voltage ICOMP = -500A to +500A -5 ICOMP = -500A to +500A ISS VSS VFB ICOMP = -500A to +500A 8 1.215 1.215 0 -250 0.25 80 1.8 +5 15 1.228 1.228 24 1.240 1.240 1.5 +250 4.50 A V V V nA V dB MHz mV VON/OFF = 0 to 40V -250 VON/OFF VON/OFF rising 1.20 1.23 0.12 +250 1.25 V V nA ISHDN SYMBOL VIN UVLO UVLOHYST ISW MAX5082 MAX5083 VIN rising, MAX5082 VIN rising, MAX5083 MAX5082 MAX5083 VFB = 0V, MAX5082 VFB = 0V, MAX5083 VIN = 12V, VOUT = 3.3V, IOUT = 1.5A VIN = 4.5V, VOUT = 3.3V, IOUT = 1.5A (MAX5082) MAX5082 MAX5083 VON/OFF = 0V, VIN = 40V CONDITIONS MIN 4.5 7.5 3.9 6.8 0.4 0.7 10.5 9.5 84 88 1.4 1.3 200 2.5 2.3 300 % TYP MAX 40 40 4.2 7.3 UNITS V V V mA
mA A
2
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VON/OFF = 12V, VREG = VDVREG, VSYNC = PGND = SGND, TA = TJ = -40C to +125C, unless otherwise noted. Typical values are at TA = + 25C.) (Note 1)
PARAMETER OSCILLATOR Frequency Maximum Duty Cycle SYNC High-Level Voltage SYNC Low-Level Voltage SYNC Frequency Range PWM Modulator Gain Ramp Level Shift (Valley) POWER SWITCH Switch On-Resistance Switch Gate Charge Switch Leakage Current BST Leakage Current CHARGE PUMP C- Output Voltage Low C- Output Voltage High DVREG to C+ On-Resistance LX to PGND On-Resistance CURRENT-LIMIT COMPARATOR Pulse-Skip Threshold Cycle-by-Cycle Current Limit Number of Consecutive ILIM Events to Hiccup Hiccup Timeout INTERNAL VOLTAGE REGULATOR Output Voltage Line Regulation Load Regulation Dropout Voltage THERMAL SHUTDOWN Thermal Shutdown Temperature Thermal Shutdown Hysteresis VREG MAX5082 MAX5083 VIN = 5.5V to 40V, MAX5082 VIN = 9.0V to 40V, MAX5083 IREG = 0 to 20mA VIN = 4.5V, IREG = 20mA, MAX5082 VIN = 7.5V, IREG = 20mA, MAX5083 Temperature rising 4.75 7.6 5 8 5.25 8.4 1 1 0.25 0.5 0.5 V mV/V V V IPFM IILIM MAX5082 only, sinking 10mA MAX5082 only, relative to DVREG, sourcing 10mA MAX5082 only, sourcing 10mA Sinking 10mA 100 1.9 200 2.7 4 512 Clock periods 0.1 0.1 10 12 300 3.5 V V mA A VBST - VLX = 6V VBST - VLX = 6V VIN = 40V, VLX = VBST = 0V VBST = VLX = VIN = 40V 0.3 6 10 10 0.6 nC A A fSYNC fSYNC = 150kHz to 350kHz 150 10 0.3 fSW DMAX VSYNC = 0V VSYNC = 0V, VIN = 4.5V, MAX5082 VSYNC = 0V, VIN = 7.5V, MAX5083 VSYNC = 0V, VIN 40V 225 87 87 87 2.2 0.8 350 V V kHz V/V V % 250 275 kHz SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5082/MAX5083
+160 20
C C
Note 1: 100% production tested at TA = +25C and TA = +125C. Limits at -40C are guaranteed by design.
_______________________________________________________________________________________
3
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
Typical Operating Characteristics
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25C, unless otherwise noted.)
UNDERVOLTAGE LOCKOUT HYSTERESIS vs. TEMPERATURE (MAX5082)
MAX5082/3 toc01
UNDERVOLTAGE LOCKOUT HYSTERESIS vs. TEMPERATURE (MAX5083)
MAX5082/3 toc02
ON/OFF THRESHOLD HYSTERESIS vs. TEMPERATURE
ON/OFF THRESHOLD HSYSTERESIS (V)
MAX5082/3 toc03
1.0 UNDERVOLTAGE LOCKOUT HYSTERESIS (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -15 10 35 60 85 110
1.0 UNDERVOLTAGE LOCKOUT HYSTERESIS (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -15 10 35 60 85 110
0.20
0.15
0.10
0.05
0 135 -40 -15 10 35 60 85 110 135 TEMPERATURE (C ) TEMPERATURE (C )
135
TEMPERATURE (C )
SHUTDOWN SUPPLY CURRENT vs. INPUT VOLTAGE (MAX5082)
MAX5082/3 toc04
SHUTDOWN SUPPLY CURRENT vs. INPUT VOLTAGE (MAX5083)
MAX5082/3 toc05
NO-LOAD SUPPLY CURRENT vs. INPUT VOLTAGE (MAX5082)
3.5 SUPPLY CURRENT (mA) 3.0 2.5 2.0 1.5 1.0 TA = +25C TA = -40C TA = +85C TA = +135C
MAX5082/3 toc06
250 SHUTDOWN SUPPLY CURRENT (A) 225 200 175 150 125 100 75 50 25 0 0 5 10 15 20 25 30 35 VON/OFF = 0V TA = +25C TA = -40C TA = +135C TA = +85C
SHUTDOWN SYPPLY CURRENT (A)
300 275 250 225 200 175 150 125 100 75 50 25 0 0
4.0
TA = +135C TA = +85C
TA = +25C
TA = -40C
VON/OFF = 0V 5 10 15 20 25 30 35 40
0.5 0 0 5 10 15 20 25 30 35 40
40
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
OPERATING FREQUENCY vs. TEMPERATURE
MAX5082/3 toc07
MAXIMUM DUTY CYCLE vs. INPUT VOLTAGE (MAX5082)
98 MAXIMUM DUTY CYCLE (%) 96 94 92 90 88 86 84 82 80
MAX5082/3 toc08a
260 258 OPERATING FREQUENCY (kHz) 256 254 252 250 248 246 244 242 240 -40 -15 10 35 60 85 110 VIN = 40V VIN = 4.5V
100
135
0
5
10
15
20
25
30
35
40
TEMPERATURE (C)
INPUT VOLTAGE (V)
4
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Typical Operating Characteristics (continued)
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25C, unless otherwise noted.)
MAXIMUM DUTY CYCLE vs. INPUT VOLTAGE (MAX5083)
MAX5080 toc08b
MAX5082/MAX5083
OPEN-LOOP GAIN/PHASE vs. FREQUENCY
MAX5082 toc10
OUTPUT CURRENT LIMIT vs. INPUT VOLTAGE
175 150 PHASE (DEGREES) 125 OUTPUT CURRENT LIMIT (A) 2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 OUTPUT IS PULSED WITH 3% DUTY CYCLE 0 5 10 15 20 25 30 35 40 TA = +85C TA = +135C MAX5082 TA = +25C TA = -40C
MAX5082/3 toc10
100 98 MAXIMUM DUTY CYCLE (%) 96 94
3.0
100 80 GAIN GAIN (dB) 60 40
92 90 88 86 84 82 80 0 5 10 15 20 25 30 35 40 INPUT VOLTAGE (V)
100 20 PHASE 0 -20 0 0.001 0.01 0.1 1 10 FREQUENCY (kHz) 75 50 100 1000 10,000
2.0 INPUT VOLTAGE (V)
TURN-ON/OFF WAVEFORM
MAX5082/3 toc11a
TURN-ON/OFF WAVEFORM
MAX5082/3 toc11b
ILOAD = 1A VON/OFF 2V/div
ILOAD = 100mA
VON/OFF 2V/div
VOUT 2V/div
VOUT 2V/div
2ms/div
2ms/div
OUTPUT VOLTAGE vs. TEMPERATURE
MAX5082/3 toc12
EFFICIENCY vs. LOAD CURRENT
90 80 EFFICIENCY (%) 70 60 50 40 30 20 VIN = 7.5V, VOUT = 3.3V VIN = 12V, VOUT = 3.3V VIN = 24V, VOUT = 3.3V VIN = 40V, VOUT = 3.3V 0.01 0.1 LOAD CURRENT (A) 1 MAX5082 10 VIN = 4.5V, VOUT = 3.3V
MAX5082/3 toc13a
3.40 3.38 3.36 OUTPUT VOLTAGE (V) 3.34 3.32 3.30 3.28 3.26 3.24 3.22 3.20 -40 -15 10 35 60 85 110 ILOAD = 1A ILOAD = 0A MAX5082
100
135
0 0.001
TEMPERATURE (C)
_______________________________________________________________________________________
5
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
Typical Operating Characteristics (continued)
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
MAX5082/3 toc13b
LOAD-TRANSIENT RESPONSE
MAX5082/3 toc14
100 90 80 EFFICIENCY (%) 70 60 50 40 30 20 0 0.001 0.01 VIN = 7.5V, VOUT = 5V VIN = 12V, VOUT = 5V VIN = 24V, VOUT = 5V VIN = 40V, VOUT = 5V 0.1 LOAD CURRENT (A) 1
VIN = 12V, IOUT = 0.5A TO 1.5A MAX5082
VOUT AC-COUPLED 200m/V/div
ILOAD 1A/div
0 MAX5083 10 200s/div
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc15
ILOAD = 40mA VLX 5V/div
INDUCTOR CURRENT 200mA/div
2s/div
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc16
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc17
VLX 5V/div
VLX 5V/div
INDUCTOR CURRENT 100mA/div 0 ILOAD = 140mA 2s/div 2s/div ILOAD = 1A
INDUCTOR CURRENT 500mA/div 0
6
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Pin Description
PIN MAX5082 1 2 MAX5083 1 2 NAME COMP FB FUNCTION Error Amplifier Output. Connect COMP to the compensation feedback network. Feedback Regulation Point. Connect to the center tap of a resistive divider from converter output to SGND to set the output voltage. The FB voltage regulates to the voltage present at SS (1.23V). ON/OFF and External UVLO Control. The ON/OFF rising threshold is set to approximately 1.23V. Connect to the center tap of a resistive divider from IN to SGND to set the UVLO (rising) threshold. Pull ON/OFF to SGND to shut down the device. ON/OFF can be used for powersupply sequencing. Connect to IN for always-on operation. Soft-Start and Reference Output. Connect a capacitor from SS to SGND to set the soft-start time. See the Applications Information section to calculate the value of the SS capacitor. Oscillator Synchronization Input. SYNC can be driven by an external 150kHz to 350kHz clock to synchronize the MAX5082/MAX5083's switching frequency. Connect SYNC to SGND when not used. Gate Drive Supply for High-Side MOSFET Driver. Connect externally to REG for MAX5082. Connect to REG and the anode of the boost diode for MAX5083. Charge-Pump Flying Capacitor Positive Connection Charge-Pump Flying Capacitor Negative Connection No Connection. Not internally connected. Can be left floating or connected to SGND. Power Ground Connection. Connect the input filter capacitor's negative terminal, the anode of the freewheeling diode, and the output filter capacitor's return to PGND. Connect externally to SGND at a single point near the input capacitor's return terminal. High-Side Gate Driver Supply. Connect BST to the cathode of the boost diode and to the positive terminal of the boost capacitor. Source Connection of Internal High-Side Switch. Connect the inductor and rectifier diode's anode to LX. Supply Input Connection. Connect to an external voltage source from 4.5V to 40V (MAX5082) or a 7.5V to 40V (MAX5083). Internal Regulator Output. 5V output for the MAX5082 and 8V output for the MAX5083. Bypass to SGND with at least a 1F ceramic capacitor. Signal Ground Connection. Solder the exposed pad to a large SGND plane. Connect SGND and PGND together at one point near the input bypass capacitor return terminal. Exposed Pad. Connect exposed pad to SGND.
MAX5082/MAX5083
3
3
ON/OFF
4
4
SS
5
5
SYNC
6 7 8 -- 9
6 -- -- 7, 8 9
DVREG C+ CN.C. PGND
10 11, 12 13, 14 15 16 EP
10 11, 12 13, 14 15 16 EP
BST LX IN REG SGND --
Detailed Description
The MAX5082/MAX5083 are voltage-mode buck converters with internal 0.3 power MOSFET switches. The MAX5082 has a wide input voltage range of 4.5V to 40V. The MAX5083's input voltage range is 7.5V to 40V. The internal low RDS_ON switch allows for up to 1.5A of output current. The 250kHz fixed switching frequency, external compensation, and voltage feed-forward simplify loop compensation design and allow for a variety
of L and C filter components. Both devices offer an automatic switchover to pulse-skipping (PFM) mode, providing low quiescent current and high efficiency at light loads. Under no load, a PFM mode operation reduces the current consumption to only 1.4mA. In shutdown, the supply current falls to 200A. Additional features include an externally programmable undervoltage lockout through the ON/OFF pin, a programmable soft-start, cycle-by-cycle current limit, hiccup mode output short-circuit protection, and thermal shutdown.
7
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
ON/OFF CC+ DVREG
IN LDO REG EN 1.23V 1.23V >1.23V ON <1.11V OFF
DVREG LEVEL SHIFT
PCLK
SGND
MAX5082
ISS REF VREF THERMAL SHDN EN REGOK 1.23V E/A FB SSA VREF PFM COMP REF_PFM HIGH-SIDE CURRENT SENSE BST ILIM REF_ILIM IN OVERL OVERLOAD MANAGEMENT ILIM CLK
SS
IN CPWM SYNC EN OSC RAMP 0.3V CLK
LOGIC LX DVREG CHARGE-PUMP MANAGEMENT PCLK SCLK PGND
Figure 1. MAX5082 Simplified Block Diagram
Internal Linear Regulator (REG)
REG is the output terminal of a 5V (MAX5082), or 8V (MAX5083) LDO which is powered from IN and provides power to the IC. Connect REG externally to DVREG to provide power for the high-side MOSFET gate driver. Bypass REG to SGND with a ceramic capacitor of at least 1F. Place the capacitor physically close to the MAX5082/MAX5083 to provide good bypassing. During normal operation, REG is intended for powering up only the internal circuitry and should not be used to supply power to external loads.
Internal UVLO/External UVLO
The MAX5082/MAX5083 provides two undervoltage lockouts (UVLOs). An internal UVLO looks at the input voltage (VIN) and is fixed at 4.1V (MAX5082) or 7.1V (MAX5083). An external UVLO is sensed and pro8
grammed at the ON/OFF pin. The external UVLO overrides the internal UVLO when the external UVLO is higher than the internal UVLO. During startup, before any operation begins, the input voltage and the voltage at ON/OFF must exceed their respective UVLOs. The external UVLO has a rising threshold of 1.23V with 0.12V of hysteresis. Program the external UVLO by connecting a resistive divider from IN to ON/OFF to SGND. Connect ON/OFF to IN directly to disable the external UVLO. Driving ON/OFF to ground places the MAX5082/ MAX5083 in shutdown. When in shutdown, the internal power MOSFET turns off, all internal circuitry shuts down and the quiescent supply current reduces to 200A. Connect an RC network from ON/OFF to SGND to set a turn-on delay that can be used to sequence the output voltages of multiple devices.
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
ON/OFF
IN LDO REG EN 1.23V 1.23V >1.23V ON <1.11V OFF
MAX5083
SGND
ISS
REF
VREF
THERMAL SHDN EN REGOK
OVERL
OVERLOAD MANAGEMENT
ILIM CLK
SS
1.23V E/A SSA VREF
ILIM REF_ILIM IN PFM HIGH-SIDE CURRENT SENSE BST
FB
COMP
REF_PFM
IN CPWM SYNC EN OSC RAMP 0.3V CLK ILIM
LOGIC LX DVREG BOOTSTRAP CONTROL PCLK SCLK PGND
Figure 2. MAX5083 Simplified Block Diagram
Soft-Start and Reference (SS)
SS is the 1.23V reference bypass connection for the MAX5082/MAX5083 and also controls the soft-start period. At startup, after VIN is applied and the internal and external UVLO thresholds are reached, the device enters soft-start. During soft-start, 15A is sourced into the capacitor (CSS) connected from SS to SGND causing the reference voltage to ramp up slowly. When VSS reaches 1.23V the output becomes fully active. Set the soft-start time (tSS) using the following equation: t SS = 1.23V x CSS 15A
Internal Charge Pump (MAX5082)
The MAX5082 features an internal charge pump to enhance the turn-on of the internal MOSFET, allowing for operation with input voltages down to 4.5V. Connect a flying capacitor (CF) between C+ and C-, a boost diode from C+ to BST, as well as a bootstrap capacitor (CBST) between BST and LX to provide the gate-drive voltage for the high-side n-channel DMOS switch. During the on-time, the flying capacitor is charged to VDVREG. During the off-time, the positive terminal of the flying capacitor (C+) is pumped to two times VDVREG and charge is dumped onto CBST to provide twice the regulator voltage across the high-side DMOS driver. Use a ceramic capacitor of at least 0.1F for CBST and CF located as close to the device as possible. For applications that do not require a 4.5V minimum input, use the MAX5083. In this device, the charge
9
where tSS is in seconds and CSS is in Farads.
_______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
pump is omitted and the input voltage range is from 7.5V to 40V. In this situation, the boost diode and the boost capacitor are still required (see the MAX5083 Typical Operating Circuit). During normal operation, the current is monitored at the drain of the internal power MOSFET. When the current limit is exceeded, the internal power MOSFET turns off until the next on-cycle and a counter increments. If the counter counts four consecutive current-limit events, the device discharges the soft-start capacitor and shuts down for 512 clock periods before restarting with a soft-start sequence. Each time the power MOSFET turns on and the device does not exceed the current limit, the counter is reset.
Gate Drive Supply (DVREG)
DVREG is the supply input for the internal high-side MOSFET driver. The power for DVREG is derived from the output of the internal regulator (REG). Connect DVREG to REG externally. We recommend the use of an RC (1 and 0.47F) filter from REG to DVREG to filter the noise generated by the switching of the charge pump. In the MAX5082, the high-side drive supply is generated using the internal charge pump along with the bootstrap diode and capacitor. In the MAX5083, the high-side MOSFET driver supply is generated using only the bootstrap diode and capacitor.
Thermal-Overload Protection
The MAX5082/MAX5083 feature an integrated thermaloverload protection. Thermal-overload protection limits the total power dissipation in the device and protects it in the event of an extended thermal fault condition. When the die temperature exceeds +160C, an internal thermal sensor shuts down the part, turning off the power MOSFET and allowing the IC to cool. After the temperature falls by 20C, the part will restart with a soft-start sequence.
Error Amplifier
The output of the internal error amplifier (COMP) is available for frequency compensation (see the Compensation Design section). The inverting input is FB, the noninverting input SS, and the output COMP. The error amplifier has an 80dB open-loop gain and a 1.8MHz GBW product. See the Typical Operating Character-istics for the Gain and Phase vs. Frequency graph.
Applications Information
Setting the Undervoltage Lockout
When the voltage at ON/OFF rises above 1.23V, the MAX5082/MAX5083 turns on. Connect a resistive divider from IN to ON/OFF to SGND to set the UVLO threshold (see Figure 5). First select the ON/OFF to the SGND resistor (R2) then calculate the resistor from IN to ON/OFF (R1) using the following equation: VIN R1 = R2 x - 1 VON/OFF where VIN is the input voltage at which the converter turns on, VON/OFF = 1.23V and R2 is chosen to be less than 600k. If the external UVLO divider is not used, connect ON/OFF to IN directly. In this case, an internal undervoltage lockout feature monitors the supply voltage at IN and allows operation to start when IN rises above 4.1V (MAX5082) and 7.1V (MAX5083).
Oscillator/Synchronization Input (SYNC)
With SYNC tied to SGND, the MAX5082/MAX5083 use their internal oscillator and switch at a fixed frequency of 250kHz. For external synchronization, drive SYNC with an external clock from 150kHz to 350kHz. When driven with an external clock, the device synchronizes to the rising edge of SYNC.
PWM Comparator/Voltage Feed-Forward
An internal 250kHz ramp generator is compared against the output of the error amplifier to generate the PWM signal. The maximum amplitude of the ramp (VRAMP) automatically adjusts to compensate for input voltage and oscillator frequency changes. This causes the VIN/VRAMP to be a constant 10V/V across the input voltage range of 4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083) and the SYNC frequency range of 150kHz to 350kHz.
Setting the Output Voltage
Connect a resistive divider from OUT to FB to SGND to set the output voltage (see Figure 5). First calculate the resistor from OUT to FB using the guidelines in the Compensation Design section. Once R3 is known, calculate R4 using the following equation:
Output Short-Circuit Protection (Hiccup Mode)
The MAX5082/MAX5083 protects against an output short circuit by utilizing hiccup-mode protection. In hiccup mode, a series of sequential cycle-by-cycle current-limit events will cause the part to shut down and restart with a soft-start sequence. This allows the device to operate with a continuous output short circuit.
10
______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
R4 = R3 VOUT - 1 VFB the input capacitor). The total voltage ripple is the sum of VQ and VESR. Calculate the input capacitance and ESR required for a specified ripple using the following equations: ESR = VESR IP-P IOUT_MAX + 2 IOUT_MAX x D(1 - D) VQ x fSW
MAX5082/MAX5083
where VFB = 1.23V.
Inductor Selection
Three key inductor parameters must be specified for operation with the MAX5082/MAX5083: inductance value (L), peak inductor current (IPEAK), and inductor saturation current (ISAT). The minimum required inductance is a function of operating frequency, input-to-output voltage differential, and the peak-to-peak inductor current (IP-P). Higher IP-P allows for a lower inductor value while a lower IP-P requires a higher inductor value. A lower inductor value minimizes size and cost and improves large-signal and transient response, but reduces efficiency due to higher peak currents and higher peak-to-peak output voltage ripple for the same output capacitor. On the other hand, higher inductance increases efficiency by reducing the ripple current. Resistive losses due to extra wire turns can exceed the benefit gained from lower ripple current levels especially when the inductance is increased without also allowing for larger inductor dimensions. A good compromise is to choose IP-P equal to 40% of the full load current. Calculate the inductor using the following equation: (V - V ) V L = OUT IN OUT VIN x fSW x IP-P VIN and VOUT are typical values so that efficiency is optimum for typical conditions. The switching frequency (fSW) is fixed at 250kHz or can vary between 150kHz and 350kHz when synchronized to an external clock (see the Oscillator/Synchronization Input (SYNC) section). The peak-to-peak inductor current, which reflects the peak-topeak output ripple, is worst at the maximum input voltage. See the Output Capacitor Selection section to verify that the worst-case output ripple is acceptable. The inductor saturating current (ISAT) is also important to avoid runaway current during continuous output short circuit. Select an inductor with an ISAT specification higher than the maximum peak current limit of 3.5A.
CIN = where IP-P =
(VIN - VOUT ) x VOUT and VIN x fSW x L V D = OUT VIN
IOUT_MAX is the maximum output current, D is the duty cycle, and fSW is the switching frequency. The MAX5082/MAX5083 includes internal and external UVLO hysteresis and soft-start to avoid possible unintentional chattering during turn-on. However, use a bulk capacitor if the input source impedance is high. Use enough input capacitance at lower input voltages to avoid possible undershoot below the undervoltage lockout threshold during transient loading.
Output Capacitor Selection
The allowable output voltage ripple and the maximum deviation of the output voltage during load steps determine the output capacitance and its ESR. The output ripple is mainly composed of V Q (caused by the capacitor discharge) and VESR (caused by the voltage drop across the equivalent series resistance of the output capacitor). The equations for calculating the peak-to-peak output voltage ripple are: VQ = IP-P 16 x COUT x fSW
Input Capacitor Selection
The discontinuous input current of the buck converter causes large input ripple currents and therefore the input capacitor must be carefully chosen to keep the input voltage ripple within design requirements. The input voltage ripple is comprised of VQ (caused by the capacitor discharge) and VESR (caused by the ESR of VESR = ESR x IP- P Normally, a good approximation of the output voltage ripple is VRIPPLE VESR + VQ. If using ceramic capacitors, assume the contribution to the output voltage ripple from ESR and the capacitor discharge to be
11
______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
equal to 20% and 80%, respectively. IP-P is the peak-topeak inductor current (see the Input Capacitors Selection section) and fSW is the converter's switching frequency. The allowable deviation of the output voltage during fast load transients also determines the output capacitance, its ESR, and its equivalent series inductance (ESL). The output capacitor supplies the load current during a load step until the controller responds with a greater duty cycle. The response time (t RESPONSE) depends on the closed-loop bandwidth of the converter (see the Compensation Design section). The resistive drop across the output capacitor's ESR, the drop across the capacitor's ESL (VESL), and the capacitor discharge causes a voltage droop during the loadstep. Use a combination of low-ESR tantalum/aluminum electrolyte and ceramic capacitors for better transient load and voltage ripple performance. Nonleaded capacitors and capacitors in parallel help reduce the ESL. Keep the maximum output voltage deviation below the tolerable limits of the electronics being powered. Use the following equations to calculate the required ESR, ESL, and capacitance value during a load step: ESR = VESR ISTEP ISTEP x tRESPONSE VQ VESL x t STEP ISTEP fZ1 =
MAX5082/MAX5083
(COUT) (C5 in the Typical Application Circuit) and its equivalent series resistance (ESR). The power modulator incorporates a voltage feed-forward feature, which automatically adjusts for variations in the input voltage resulting in a DC gain of 10. The following equations define the power modulator: GMOD(DC) = VIN = 10 VRAMP 1 2 L x COUT 1 2 x COUT x ESR
fLC =
fZESR =
The switching frequency is internally set at 250kHz or can vary from 150kHz to 350kHz when driven with an external SYNC signal. The crossover frequency (fC), which is the frequency when the closed-loop gain is equal to unity, should be set at 15kHz or below therefore: fC 15kHz The error amplifier must provide a gain and phase bump to compensate for the rapid gain and phase loss from the LC double pole. This is accomplished by utilizing a type 3 compensator that introduces two zeroes and 3 poles into the control loop. The error amplifier has a low-frequency pole (fP1) near the origin. The two zeros are at: 1 1 and fZ2 = 2 x R5 x C7 2 x (R6 + R3) x C6
COUT =
ESL =
where ISTEP is the load step, tSTEP is the rise time of the load step, and tRESPONSE is the response time of the controller.
and the higher frequency poles are at: fP2 = 1 and fP3 = 2 x R6 x C6 1 C7 x C8 2 x R5 x C7 + C8
Compensation Design
The MAX5082/MAX5083 use a voltage-mode control scheme that regulates the output voltage by comparing the error amplifier output (COMP) with an internal ramp to produce the required duty cycle. The output lowpass LC filter creates a double pole at the resonant frequency, which has a gain drop of -40dB/decade. The error amplifier must compensate for this gain drop and phase shift to achieve a stable closed-loop system. The basic regulator loop consists of a power modulator, an output feedback divider, and a voltage-error amplifier. The power modulator has a DC gain set by VIN/VRAMP, with a double pole and a single zero set by the output inductance (L), the output capacitance
12
Compensation When fC < fZESR Figure 3 shows the error amplifier feedback as well as its gain response for circuits that use low-ESR output capacitors (ceramic). In this case fZESR occurs after fC. fZ1 is set to 0.8 x fLC(MOD) and fZ2 is set to fLC to compensate for the gain and phase loss due to the double pole. Choose the inductor (L) and output capacitor (C OUT ) as described in the Inductor and Output Capacitor Selection section.
______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
C8
R6 =
C7
1 2 x C6 x 0.5 x fSW
R5 C6 R6 R3 VOUT R4 REF EA
Since R3 >> R6, R3 + R6 can be approximated as R3. R3 is then calculated as: R3
COMP
1 2 x fLC x C6
fP3 is set at 5xfC. Therefore, C8 is calculated as: C8 = C7 (2 x C7 x R5 x fP3 -1)
GAIN (dB)
CLOSED-LOOP GAIN EA GAIN
fZ1 fZ2
fC
fP2 fP3
FREQUENCY
Figure 3. Error Amplifier Compensation Circuit (Closed-Loop and Error-Amplifier Gain Plot) for Ceramic Capacitors
Pick a value for the feedback resistor R5 in Figure 3 (values between 1k and 10k are adequate). C7 is then calculated as: C7 = 1 2 x 0.8 x fLC x R5
Compensation When fC > fZESR For larger ESR capacitors such as tantalum and aluminum electrolytic ones, fZESR can occur before fC. If fZESR < fC, then fC occurs between fP2 and fP3. fZ1 and fZ2 remain the same as before however, fP2 is now set equal to fZESR. The output capacitor's ESR zero frequency is higher than fLC but lower than the closedloop crossover frequency. The equations that define the error amplifier's poles and zeroes (fZ1, fZ2, fP1, fP2, and fP3) are the same as before. However, fP2 is now lower than the closed-loop crossover frequency. Figure 4 shows the error amplifier feedback as well as its gain response for circuits that use higher-ESR output capacitors (tantalum or aluminum electrolytic). Pick a value for the feedback resistor R5 in Figure 4 (values between 1k and 10k are adequate). C7 is then calculated as: C7 = 1 2 x 0.8 x fLC x R5
fC occurs between fZ2 and fP2. The error-amplifier gain (GEA) at fC is due primarily to C6 and R5. Therefore, GEA(fC) = 2 x fC x C6 x R5 and the modulator gain at fC is: GMOD(fC) = GMOD(DC) (2)2 x L x COUT x fC2
The error amplifier gain between fP2 and fP3 is approximately equal to R5/R6 (given that R6 << R3). R6 can then be calculated as: R6 R5 x 10 x fLC2 fC2
Since GEA(fC) x GMOD(fC) = 1, C6 is calculated by: C6 = fC x L x COUT x 2 R5 x GMOD(DC)
C6 is then calculated as: C6 = COUT x ESR R6
fP2 is set at one-half the switching frequency (fSW). R6 is then calculated by:
______________________________________________________________________________________
13
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
C8
R5 C6 R6 R3 VOUT R4 REF EA
C7
COMP
The power dissipated in the device is the sum of the power dissipated from supply current (PQ), transition losses due to switching the internal power MOSFET (PSW), and the power dissipated due to the RMS current through the internal power MOSFET (PMOSFET). The total power dissipated in the package must be limited such that the junction temperature does not exceed its absolute maximum rating of +150C at maximum ambient temperature. Calculate the power lost in the MAX5082/MAX5083 using the following equations: The power loss through the switch: PMOSFET = IRMS _ MOSFET 2 x RON PMOSFET = IRMS_MOSFET2 x RON D IRMS_MOSFET = I2PK + (IPK x IDC ) + I2DC x 3 I IPK = IOUT + P-P 2 IP-P IDC = IOUT - 2
GAIN (dB)
CLOSED-LOOP GAIN
EA GAIN
[
]
fZ1 fZ2
fP2
fC
fP3
FREQUENCY
Figure 4. Error Amplifier Compensation Circuit (Closed-Loop and Error Amplifier Gain Plot) for Higher ESR Output Capacitors
RON is the on-resistance of the internal power MOSFET (see the Electrical Characteristics). The power loss due to switching the internal MOSFET: PSW = VIN x IOUT x (tR x tF ) x fSW 4
Since R3 >> R6, R3 + R6 can be approximated as R3. R3 is then calculated as: R3 1 2 x fLC x C6
fP3 is set at 5xfC. Therefore, C8 is calculated as: C8 = C7 (2 x C7 x R5 x fP3 -1)
where tR and tF are the rise and fall times of the internal power MOSFET measured at LX. The power loss due to the switching supply current (ISW): PQ = VIN x ISW The total power dissipated in the device will be: PTOTAL = PMOSFET + PSW + PQ
Power Dissipation
The MAX5082/MAX5083 is available in a thermally enhanced package and can dissipate up to 2.7W at TA = +70C. When the die temperature reaches +160C, the part shuts down and is allowed to cool. After the part cools by 20C, the device restarts with a soft-start.
Chip Information
TRANSISTOR COUNT: 4300 PROCESS: BiCMOS/DMOS
14
______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Typical Application Circuits
VIN 4.5V TO 40V C10 0.1F C3 0.1F
MAX5082/MAX5083
D1
IN R1 1.4M C1 10F REG
DVREG
C-
C+
BST LX
C4 0.1F L1 47H D2 C5 47F C6 6.8nF R6 187 VOUT R3 6.81k
MAX5082
ON/OFF R2 549k C2 0.1F FB SS COMP C9 0.047F
C8 820pF R4 4.02k R5 3.01k C7 22nF
SYNC SGND PGND
PGND
PGND
Figure 5. MAX5082 Typical Application Circuit
VIN 7.5V TO 40V
C10 0.1F
D1
IN R1 1.4M C1 10F REG
DVREG
BST LX
C4 0.1F L1 47H D2 C5 47F C6 6.8nF R6 187 VOUT R3 6.81k
MAX5083
ON/OFF R2 301k C2 0.1F FB SS COMP C9 0.047F
C8 820pF R4 4.02k R5 3.01k C7 22nF
SYNC SGND PGND
PGND
PGND
Figure 6. MAX5083 Typical Application Circuit
______________________________________________________________________________________
15
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
Typical Operating Circuits (continued)
VIN 7.5V TO 40V D1
IN R1
DVREG
BST LX
CBST L1 VOUT C6
C1
REG
MAX5083
ON/OFF SYNC SGND PGND C2 PGND SS CSS FB
D2
C5 R6
R3
C8 R2 COMP R5 C7 R4
PGND
Pin Configurations
PGND BST BST 10 LX LX LX LX
TOP VIEW
12
11
10
9
12
11
IN IN REG SGND
13 14
8 7
CC+ DVREG SYNC
IN IN REG SGND
PGND 9
13 14
8 7
N.C. N.C. DVREG SYNC
MAX5082
15 16 1 COMP 2 FB 3 0N/OFF 4 SS 6 5 15 16 1 COMP
MAX5083
6 5 2 FB 3 0N/OFF 4 SS
TQFN
TQFN
16
______________________________________________________________________________________
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) QFN THIN.EPS
L
MAX5082/MAX5083
D2 D D/2 MARKING k L E/2 E2/2 E (NE-1) X e
C L C L
b D2/2
0.10 M C A B
XXXXX
E2
PIN # 1 I.D.
DETAIL A
e (ND-1) X e
e/2
PIN # 1 I.D. 0.35x45 DETAIL B
e
L1
L
C L
C L
L
e 0.10 C A 0.08 C
e
C
A1 A3 PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
21-0140
H
1
2
______________________________________________________________________________________
17
1.5A, 40V, MAXPower Step-Down DC-DC Converters MAX5082/MAX5083
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
COMMON DIMENSIONS
PKG. 16L 5x5 20L 5x5 28L 5x5 32L 5x5 40L 5x5 SYMBOL MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX.
EXPOSED PAD VARIATIONS PKG. CODES T1655-1 T1655-2 T1655N-1 T2055-2 T2055-3 T2055-4 T2055-5 T2855-1 T2855-2 T2855-3 T2855-4 T2855-5 T2855-6 T2855-7 T2855-8 T2855N-1 T3255-2 T3255-3 T3255-4 T3255N-1 T4055-1
D2
MIN. NOM. MAX. MIN.
E2
NOM. MAX.
L
0.15
A A1 A3 b D E e k L L1 N ND NE JEDEC
NOTES:
DOWN BONDS ALLOWED
0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0 0.02 0.05 0 0.02 0.05 0 0.02 0.05 0.20 REF. 0.20 0.25 0.30 4.90 5.00 5.10 4.90 5.00 5.10 0.50 BSC. 0.25 0 0.02 0.05 0.20 REF. 0.20 0.25 0.30 4.90 5.00 5.10 4.90 5.00 5.10 0.50 BSC. 0.25 0 0.02 0.05 0.20 REF. 0.15 0.20 0.25 4.90 5.00 5.10 4.90 5.00 5.10 0.40 BSC. 0.25 0.35 0.45 0.20 REF. 0.20 REF. 0.25 0.30 0.35 0.25 0.30 0.35 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 0.80 BSC. 0.65 BSC. 0.25 - 0.25 -
3.00 3.00 3.00 3.00 3.00 3.00 3.15 3.15 2.60 3.15 2.60 2.60 3.15 2.60 3.15 3.15 3.00 3.00 3.00 3.00 3.20
3.10 3.20 3.00 3.10 3.20 3.00 3.10 3.20 3.00 3.10 3.20 3.00 3.10 3.20 3.00 3.10 3.20 3.00 3.25 3.25 2.70 3.25 2.70 2.70 3.25 2.70 3.25 3.25 3.10 3.10 3.10 3.10 3.35 3.35 2.80 3.35 2.80 2.80 3.35 2.80 3.35 3.35 3.20 3.20 3.20 3.20 3.15 3.15 2.60 3.15 2.60 2.60 3.15 2.60 3.15 3.15 3.00 3.00 3.00 3.00
3.10 3.10 3.10 3.10 3.10 3.10 3.25 3.25 2.70 3.25 2.70 2.70 3.25 2.70 3.25 3.25 3.10 3.10 3.10 3.10 3.30
3.20 3.20 3.20 3.20 3.20 3.20 3.35 3.35 2.80 3.35 2.80 2.80 3.35 2.80 3.35 3.35 3.20 3.20 3.20 3.20 3.40
** ** ** ** ** ** 0.40 ** ** ** ** ** ** ** 0.40 ** ** ** ** ** **
NO YES NO NO YES NO YES NO NO YES YES NO NO YES YES NO NO YES NO NO YES
0.30 0.40 0.50 0.45 0.55 0.65 0.45 0.55 0.65 0.30 0.40 0.50 0.40 0.50 0.60 - 0.30 0.40 0.50 16 4 4 WHHB 20 5 5 WHHC 28 7 7 WHHD-1 32 8 8 WHHD-2 40 10 10 -----
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. 3. N IS THE TOTAL NUMBER OF TERMINALS. 4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. 5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. 6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. 7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. 8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS. 9. DRAWING CONFORMS TO JEDEC MO220, EXCEPT EXPOSED PAD DIMENSION FOR T2855-1, T2855-3, AND T2855-6. 10. WARPAGE SHALL NOT EXCEED 0.10 mm. 11. MARKING IS FOR PACKAGE ORIENTATION REFERENCE ONLY. 12. NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY. 13. LEAD CENTERLINES TO BE AT TRUE POSITION AS DEFINED BY BASIC DIMENSION "e", 0.05.
3.30 3.40 3.20
** SEE COMMON DIMENSIONS TABLE
PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
21-0140
H
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX5083ATE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X