Part Number Hot Search : 
CY14B RURG306 HSP45240 SF166C AM252 I1000RU R8008 E40000
Product Description
Full Text Search
 

To Download IRHQ593110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94210A
IRHQ597110 RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
Product Summary
Part Number Radiation Level RDS(on) IRHQ597110 100K Rads (Si) 0.96 IRHQ593110 300K Rads (Si) 0.98 ID -2.8A -2.8A
100V, Quad P-CHANNEL
RAD-Hard HEXFET
TM (R)
5 TECHNOLOGY
LCC-28
International Rectifier's RAD-Hard TM HEXFET(R) MOSFET Technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low RDS(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
Features:
n n n n n n n n n n
Single Event Effect (SEE) Hardened Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Ceramic Package Surface Mount Light Weight
Absolute Maximum Ratings (Per Die)
Parameter
ID @ VGS = -12V, TC = 25C ID @ VGS = -12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current A Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy A Avalanche Current A Repetitive Avalanche Energy A Peak Diode Recovery dv/dt A Operating Junction Storage Temperature Range Pckg. Mounting Surface Temp. Weight For footnotes refer to the last page -2.8 -1.8 -11.2 12 0.1 20 70 -2.8 1.2 -7.1 -55 to 150 300 (for 5s) 0.89 (Typical)
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
05/18/05
IRHQ597110
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified) (Per Die)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BV DSS /T J Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage g fs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
-100 -- -- -- -2.0 1.9 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- -0.13 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.1 -- -- 1.2 0.96 -4.0 -- -10 -25 -100 100 11 3.0 4.2 20 24 32 90 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = -1.0mA Reference to 25C, ID = -1.0mA VGS = -12V, ID = -2.8A A VGS = -12V, ID = -1.8A VDS = VGS, ID = -1.0mA VDS > -15V, IDS = -1.8A A VDS= -80V, VGS=0V VDS = -80V, VGS = 0V, TJ = 125C VGS = -20V VGS = 20V VGS = -12V, ID = -2.8A VDS = -50V VDD = -50V, ID = -2.8A, VGS = -12V, RG = 7.5
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = -25V f = 1.0MHz
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
377 102 7.0
-- -- --
pF
Source-Drain Diode Ratings and Characteristics (Per Die)
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -2.8 -11.2 -5.0 138 555
Test Conditions
A
V nS nC Tj = 25C, IS = -2.8A, VGS = 0V A Tj = 25C, IF = -2.8A, di/dt 100A/s VDD -50V A
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance (Per Die)
Parameter
RthJC RthJA Junction-to-Case Junction-to-Ambient
Min Typ Max Units
-- -- -- -- 11.8 60
C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on International Rectifier Website. For footnotes refer to the last page
2
www.irf.com
Pre-Irradiation
IRHQ597110
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation AA (Per Die)
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source A On-State Resistance (TO-39) Static Drain-to-Source A On-State Resistance (LCC-28) Diode Forward Voltage A 100K Rads(Si)1 Min Max -100 - 2.0 -- -- -- -- -- -- -- -4.0 -100 100 -10 0.916 0.96 -5.0 300K Rads (Si)2 Min Max -100 - 2.0 -- -- -- -- -- -- -- -5.0 -100 100 -10 0.936 0.98 -5.0 Units V nA A V
Test Conditions
VGS = 0V, ID = -1.0mA VGS = VDS , ID = -1.0mA VGS = -20V VGS = 20 V VDS = -80V, VGS =0V VGS = -12V, ID = -1.8A VGS = -12V, ID = -1.8A VGS = 0V, IS = -2.8A
1. Part number IRHQ597110 2. Part number IRHQ593110
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area (Per Die)
Ion Cu Br I LET MeV/(mg/cm2)) 28.0 36.8 59.8 Energy (MeV) 285 305 343 Range (m) @VGS=0V @VGS=5V 43.0 -100 -100 39.0 -100 -100 32.6 -60 -- VDS (V) @VGS=10V -100 -70 -- @VGS=15V -70 - 50 -- @VGS=20V -60 -40 --
-120 -100 -80 VDS -60 -40 -20 0 0 5 10 VGS 15 20 Cu Br I
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHQ597110
Pre-Irradiation
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
10
VGS -15V -12V -10V -9.0V -8.0V -7.0V -6.0V BOTTOM -5.0V TOP
100
10
VGS -15V -12V -10V -9.0V -8.0V -7.0V -6.0V BOTTOM -5.0V TOP
-5.0V
-5.0V
1
1
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -2.8A
-I D , Drain-to-Source Current (A)
2.0
TJ = 25 C
10
1.5
TJ = 150 C
1.0
0.5
1 5.0
V DS = -50V 20s PULSE WIDTH 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = -12V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
4
www.irf.com
Pre-Irradiation
IRHQ597110
600
500
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -2.8A VDS =-80V VDS =-50V VDS =-20V
16
C, Capacitance (pF)
400
Ciss
12
300
8
200
Coss
100
4
Crss
0 1 10 100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 2 4 6 8 10 12
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
10
-I D, Drain-to-Source Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on) 10
TJ = 150 C TJ = 25 C
1
1 Tc = 25C Tj = 150C Single Pulse 1 10 100
1ms 10ms
0.1 1.0
VGS = 0 V
2.0 3.0 4.0 5.0 6.0
0.1
-VSD ,Source-to-Drain Voltage (V)
1000
-VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
IRHQ597110
Pre-Irradiation
3.0
V DS V GS RG
RD
2.5
D.U.T.
+
-ID , Drain Current (A)
2.0
VGS
1.5
Pulse Width 1 s Duty Factor 0.1 %
1.0
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
0.5
VGS 10%
0.0
25
50
75
100
125
150
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 1 10 100
10
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
6
www.irf.com
-
V DD
Pre-Irradiation
IRHQ597110
VDS
L
EAS , Single Pulse Avalanche Energy (mJ)
150
RG
D.U.T.
IAS
VGS -20V
DRIVER
0.01
VDD A
120
ID -1.3A -1.8A BOTTOM -2.8A TOP
tp
90
15V
60
Fig 12a. Unclamped Inductive Test Circuit
30
I AS
0
25
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V(BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
50K
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
www.irf.com
+
QGS
QGD
D.U.T.
-
-12V
-12V 12V
.2F .3F
VDS
7
IRHQ597110
Pre-Irradiation
Footnotes:
A Repetitive Rating; Pulse width limited by
maximum junction temperature. A VDD = - 25V, starting TJ = 25C, L= 17.8mH, Peak IL = - 2.8A, VGS =-12V A ISD - 2.8A, di/dt - 263A/s, VDD -100V, TJ 150C
A Pulse width 300 s; Duty Cycle 2% A Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A A Total Dose Irradiation with VDS Bias. -80 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A
Case Outline and Dimensions -- LCC-28
Q2
Q1 Q3 Q4 Q1
Q3
Q4 Q2
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 05/2005
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHQ593110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X