Part Number Hot Search : 
QBT56AG1 X9316WP 1N4793 MB100 EN0676 T2500N MAX1535B BK1080
Product Description
Full Text Search
 

To Download ICSXXXXCFLFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS932S422C
PCIe Gen 2 main Clock for Intel-based Servers
Recommended Application: PCIe Gen 2 & FBD compliant CK410B/CK410B+ clock for Intel-based servers Output Features: * 5 - 0.7V current-mode differential CPU pairs * 4 - 0.7V current-mode differential SRC pair * 4 - PCI (33MHz) * 3 - PCICLK_F, (33MHz) free-running * 1 - 48MHz * 2 - REF, 14.318MHz Key Specifications: * CPU cycle-cycle jitter: < 50ps * SRC cycle-cycle jitter: < 125ps * PCI cycle-cycle jitter: < 500ps * CPU output skew: < 100ps * SRC output skew: < 250ps * 300ppm frequency accuracy on all outputs except 48MHz * 100ppm frequency accuracy on 48MHz Features/Benefits: * Supports spread spectrum modulation, 0 to -0.5% down spread * * * * Uses external 14.318MHz crystal and external load capacitors for low ppm synthesis error CPU clocks independent of SRC/PCI clocks D2/D3 SMBus address Compliant with PCIe Gen II phase noise specifications
Functionality
FSLC 0 0 0 0 1 1 1 1
1
Pin Configuration
2
FSLB 0 0 1 1 0 0 1 1
1
FSLA 0 1 0 1 0 1 0 1
CPU MHz 266.67 133.33 200.00 166.67 333.33 100.00 400.00
SRC MHz 100.00 100.00 100.00 100.00 100.00 100.00 100.00
PCI MHz 33.33 33.33 33.33 33.33 33.33 33.33 33.33 Reserved
REF MHz 14.318 14.318 14.318 14.318 14.318 14.318 14.318
USB MHz 48.000 48.000 48.000 48.000 48.000 48.000 48.000
56-pin SSOP & TSSOP
1412A--12/10/07
ICS932S422
1. FSLB and FSLC are three-level inputs. Please see VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values. Also refer to the Test Clarification Table. 2.FSLA is a low-threshold input. Please see the VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values.
VDDPCI GNDPCI PCICLK0 PCICLK1 PCICLK2 PCICLK3 GNDPCI VDDPCI PCICLK_F0 PCICLK_F1 PCICLK_F2 VDD48 48MHz GND48 VDDSRC NC Vtt_PwrGd#/PD SRCCLKC1 SRCCLKT1 GNDSRC SRCCLKT2 SRCCLKC2 SRCCLKC3 SRCCLKT3 VDDSRC SRCCLKT4 SRCCLKC4 VDDSRC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
FSLC/TEST_SEL REF0 REF1 VDDREF X1 X2 GNDREF FSLB/TEST_MODE FSLA VDDCPU CPUCLKT0 CPUCLKC0 VDDCPU CPUCLKT1 CPUCLKC1 GNDCPU CPUCLKT2 CPUCLKC2 VDDCPU CPUCLKT3 CPUCLKC3 VDDA GNDA IREF CPUCLKT4 CPUCLKC4 SDATA SCLK
Integrated Circuit Systems, Inc.
ICS932S422C
Pin Description
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 PIN NAME VDDPCI GNDPCI PCICLK0 PCICLK1 PCICLK2 PCICLK3 GNDPCI VDDPCI PCICLK_F0 PCICLK_F1 PCICLK_F2 VDD48 48MHz GND48 VDDSRC NC Vtt_PwrGd#/PD SRCCLKC1 SRCCLKT1 GNDSRC SRCCLKT2 SRCCLKC2 SRCCLKC3 SRCCLKT3 VDDSRC SRCCLKT4 SRCCLKC4 VDDSRC PIN TYPE PWR PWR OUT OUT OUT OUT PWR PWR OUT OUT OUT PWR OUT PWR PWR N/A IN OUT OUT PWR OUT OUT OUT OUT PWR OUT OUT PWR DESCRIPTION Power supply for PCI clocks, nominal 3.3V Ground pin for the PCI outputs PCI clock output. PCI clock output. PCI clock output. PCI clock output. Ground pin for the PCI outputs Power supply for PCI clocks, nominal 3.3V Free running PCI clock not affected by PCI_STOP# . Free running PCI clock not affected by PCI_STOP# . Free running PCI clock not affected by PCI_STOP# . Power pin for the 48MHz output.3.3V 48MHz clock output. Ground pin for the 48MHz outputs Supply for SRC clocks, 3.3V nominal No Connection. Vtt_PwrGd# is an active low input used to determine when latched inputs are ready to be sampled. PD is an asynchronous active high input pin used to put the device into a low power state. The internal clocks, PLLs and the crystal oscillator are stopped. Complement clock of differential push-pull SRC clock pair. True clock of differential SRC clock pair. Ground pin for the SRC outputs True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. Complement clock of differential SRC clock pair. True clock of differential SRC clock pair. Supply for SRC clocks, 3.3V nominal True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. Supply for SRC clocks, 3.3V nominal
1412A--12/10/07
2
Integrated Circuit Systems, Inc.
ICS932S422C
Pin Description (Continued)
Pin # 29 30 31 32 PIN NAME SCLK SDATA CPUCLKC4 CPUCLKT4 Type IN I/O OUT OUT Pin Description Clock pin of SMBus circuitry, 5V tolerant. Data pin for SMBus circuitry, 3.3V tolerant. Complementary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. This pin establishes the reference current for the differential current-mode output pairs. This pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard value. Ground pin for the PLL core. 3.3V power for the PLL core. Complementary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal Complementary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Ground pin for the CPU outputs Complementary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal Complementary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to Test Clarification Table. Ground pin for the REF outputs. Crystal output, Nominally 14.318MHz Crystal input, Nominally 14.318MHz. Ref, XTAL power supply, nominal 3.3V 14.318 MHz reference clock. 14.318 MHz reference clock. 3.3V tolerant input for CPU frequency selection. Low voltage threshold inputs, see input electrical characteristics for Vil_FS and Vih_FS values. TEST_Sel: 3-level latched input to enable test mode. Refer to Test Clarification Table
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
IREF GNDA VDDA CPUCLKC3 CPUCLKT3 VDDCPU CPUCLKC2 CPUCLKT2 GNDCPU CPUCLKC1 CPUCLKT1 VDDCPU CPUCLKC0 CPUCLKT0 VDDCPU FSLA
OUT PWR PWR OUT OUT PWR OUT OUT PWR OUT OUT PWR OUT OUT PWR IN
49 50 51 52 53 54 55
FSLB/TEST_MODE GNDREF X2 X1 VDDREF REF1 REF0
IN PWR OUT IN PWR OUT OUT
56
FSLC/TEST_SEL
IN
1412A--12/10/07
3
Integrated Circuit Systems, Inc.
ICS932S422C
General Description
The ICS932S422C is a main clock synthesizer for CK410-generation Intel server platforms. The ICS932S422C is driven with a 14.318MHz crystal. It generates 5 CPU output pairs up to 400MHz and PCI-Express clocks at 100 or 200 MHz. The 48 MHz USB clock is an exact 48.000 MHz clock.
Block Diagram
REF(1:0)
X1 X2 XTAL OSC. FIXED PLL DIVIDER
48MHz
CPU PLL
DIVIDERS
CPUCLK(4:0)
SRC/PCI PLL
SRCCLK(3:0) DIVIDERS PCICLK(3:0), PCICLK_F(2:0)
FS(C:A) TEST_SEL TEST_MODE VTT_PWRGD#/PD SDATA SCLK
CONTROL LOGIC
IREF
Power Groups Pin Number VDD GND 53 50 1,8 2,7 15,25,28 20 35 34 12 14 47,44,38 41
Description Xtal, Ref PCICLK outputs SRCCLK outputs Master clock, CPU Analog 48MHz, PLL_48 CPUCLK clocks
1412A--12/10/07
4
Integrated Circuit Systems, Inc.
ICS932S422C
Single-ended Output Terminations
ICS932S422
Zo Rs
CL=5pF
SEPP Output Buffer (Single Ended Push Pull)
Test Load
Zo Rs
CL=5pF
Zo Rs SEPP Output Buffer (Single Ended Push Pull)
CL=5pF
The singled-ended outputs of the ICS 932S422 default to a drive strength of 2 loads. The REF clocks can be turned down to 1-load strength via the SMBus. Suggested termination resistors are as follows for transmission lines with Zo = 50 ohms: Single-ended outputs at 2-load strength (Power up default for all single-ended outputs) Single-ended outputs at 1-load strength (REF clock only) Driving 1 load, Rs = 33 ohms Driving 2 loads, Rs = 7.5 ohms Driving 1 load, Rs = 22 ohms
1412A--12/10/07
5
Integrated Circuit Systems, Inc.
ICS932S422C
Absolute Maximum Rating
PARAMETER 3.3V Core Supply Voltage 3.3V Logic Input Supply Voltage Storage Temperature Ambient Operating Temp Case Temperature Input ESD protection HBM
1Guaranteed
SYMBOL VDD_A VDD_In Ts Tambient Tcase ESD prot
CONDITIONS -
MIN
TYP
MAX VDD + 0.5V
UNITS V V
C
Notes 1 1 1 1 1 1
GND - 0.5 -65 0 2000
VDD + 0.5V 150 70 115
C C V
by design and characterization, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER Input High Voltage Input Low Voltage Input High Current SYMBOL VIH VIL IIH IIL1 Input Low Current IIL2 Low Threshold InputHigh Voltage Low Threshold InputLow Voltage Operating Supply Current Operating Current Powerdown Current Input Frequency Pin Inductance Input Capacitance VIH_FS VIL_FS IDD3.3OP IDD3.3OP IDD3.3PD Fi Lpin CIN COUT CINX Clk Stabilization Modulation Frequency Tdrive_PD Tfall_PD Trise_PD SMBus Voltage VDD @ IPULLUP 4 (Max VIL - 0.15) to (Min VIH + 0.15) (Min VIH + 0.15) to (Max VIL - 0.15) 1000 300 Low-level Output Voltage VOL Current sinking at IPULLUP VOL = 0.4 V SCLK/SDATA TRI2C Clock/Data Rise Time SCLK/SDATA TFI2C Clock/Data Fall Time *TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%
1 2
CONDITIONS* 3.3 V +/-5% 3.3 V +/-5% VIN = VDD VIN = 0 V; Inputs with no pull-up resistors VIN = 0 V; Inputs with pull-up resistors 3.3 V +/-5% 3.3 V +/-5% Full Active, CL = Full load; all outputs driven all diff pairs driven all differential pairs tri-stated VDD = 3.3 V Logic Inputs Output pin capacitance X1 & X2 pins From VDD Power-Up or de-assertion of PD to 1st clock Triangular Modulation CPU output enable after PD de-assertion PD fall time of PD rise time of
MIN 2 VSS - 0.3 -5 -5 -200 0.7 VSS - 0.3
TYP
MAX VDD + 0.3 0.8 5
UNITS V V uA uA uA
Notes 1 1 1 1 1 1 1 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VDD + 0.3 0.35 350 400 70 12 14.31818 7 5 6 5 1.8
V V mA mA mA mA MHz nH pF pF pF ms kHz us ns ns V V mA ns ns
TSTAB
30
33 300 5 5
2.7
5.5 0.4
Guaranteed by design and characterization, not 100% tested in production. Input frequency should be measured at the REF pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL outputs.
1412A--12/10/07
6
Integrated Circuit Systems, Inc.
ICS932S422C
Electrical Characteristics - CPU 0.7V Current Mode Differential Pair
PARAMETER Current Source Output Impedance Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Long Accuracy SYMBOL Zo VHigh VLow Vovs Vuds Vx(abs) d-Vx ppm Variation of crossing over all edges see Tperiod min-max values 400MHz nominal 400MHz spread 333.33MHz nominal 333.33MHz spread 266.66MHz nominal 266.66MHz spread Average period Tperiod 200MHz nominal 200MHz spread 166.66MHz nominal 166.66MHz spread 133.33MHz nominal 133.33MHz spread 100.00MHz nominal 100.00MHz spread 400MHz nominal/spread 333.33MHz nominal/spread 266.66MHz nominal/spread Absolute min period Tabsmin 200MHz nominal/spread 166.66MHz nominal/spread 133.33MHz nominal/spread 100.00MHz nominal/spread Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle Skew tr tf d-tr d-tf dt3 tsk3 VOL = 0.175V, VOH = 0.525V VOH = 0.525V VOL = 0.175V VOL = 0.175V, VOH = 0.525V VOH = 0.525V VOL = 0.175V Measurement from differential wavefrom CPU(4:0), VT = 50% 45 -300 2.4993 2.4993 2.9991 2.9991 3.7489 3.7489 4.9985 4.9985 5.9982 5.9982 7.4978 7.4978 9.9970 9.9970 2.4143 2.9141 3.6639 4.8735 5.8732 7.3728 9.8720 175 175 525 525 125 125 55 100 50 CONDITIONS* VO = V x Statistical measurement on single ended signal Measurement on single ended signal using absolute value. MIN 3000 660 -150 -300 250 550 140 300 2.5008 2.5133 3.0009 3.016 3.7511 3.77 5.0015 5.0266 6.0018 6.0320 7.5023 7.5400 10.0030 10.0533 850 150 1150 TYP MAX UNITS mV mV mV mV mV mV ppm ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ps ps ps ps % ps ps NOTES 1 1,3 1,3 1 1 1 1 1,2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1 1 1 1 1 1 1
Measurement from differential wavefrom, tjcyc-cyc Jitter, Cycle to cycle (CPU(4:0)) *TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2, RP=49.9, REF = 475
1 2 3
Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz IREF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50.
1412A--12/10/07
7
Integrated Circuit Systems, Inc.
ICS932S422C
Electrical Characteristics - SRC/SATA 0.7V Current Mode Differential Pair
PARAMETER Current Source Output Impedance Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Long Accuracy Average period Absolute min period Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle Skew Jitter, Cycle to cycle SYMBOL Zo VHigh VLow Vovs Vuds Vx(abs) d-Vx ppm Tperiod Tabsmin tr tf d-tr d-tf dt3 tsk3 tjcyc-cyc Variation of crossing over all edges see Tperiod min-max values 100.00MHz nominal 100.00MHz spread 100.00MHz nominal/spread VOL = 0.175V, VOH = 0.525V VOH = 0.525V VOL = 0.175V VOL = 0.175V, VOH = 0.525V VOH = 0.525V VOL = 0.175V Measurement from differential wavefrom VT = 50% Measurement from differential wavefrom 45 -300 9.9970 9.9970 9.8720 175 175 525 525 125 125 55 250 125 CONDITIONS* VO = V x Statistical measurement on single ended signal Measurement on single ended signal using absolute value. MIN 3000 660 -150 -300 250 550 140 300 10.0030 10.0533 850 150 1150 TYP MAX UNITS mV mV mV mV mV mV ppm ns ns ns ps ps ps ps % ps ps Notes 1 1,3 1,3 1 1 1 1 1,2 2 2 1,2 1 1 1 1 1 1 1
*TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2, RP=49.9, REF = 475
1 2 3
Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz IREF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50.
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Group Skew Jitter, Cycle to cycle
1 3
SYMBOL RDSP VOH VOL IOH IOL tr tf dt1 tskew tjcyc-cyc
CONDITIONS* VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA V OH @MIN = 1.0 V VOH@MAX = 3.135 V VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 12 2.4
TYP
MAX 55 0.55
UNITS V V mA mA mA mA ns ns % ps ps
NOTES 1 1 1 1 1 1 1 1 1 1 1 1
-33 -33 30 38 0.5 0.5 45 2 2 55 250 500
*TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5 pF with Rs = 22 (unless otherwise specified) Guaranteed by design and characterization, not 100% tested in production. Spread Spectrum is off
1412A--12/10/07
8
Integrated Circuit Systems, Inc.
ICS932S422C
Electrical Characteristics - USB48MHz
PARAMETER Long Accuracy Clock period Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Group Skew Jitter, Cycle to cycle
1
SYMBOL ppm Tperiod RDSP VOH VOL IOH IOL tr_USB tf_USB dt1 tskew tjcyc-cyc
CONDITIONS* see Tperiod min-max values 48.00MHz output nominal VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA V OH @MIN = 1.0 V VOH@MAX = 3.135 V VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN -100 20.8313 12 2.4
TYP
MAX 100 20.8354 55 0.55
UNITS ppm ns V V mA mA mA mA ns ns % ps ps
NOTES 1,2 2 1 1 1 1 1 1 1 1 1 1 1 1
-29 -33 29 27 1 1 45 2 2 55 250 500
*TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5 pF with Rs = 22 Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics - REF-14.318MHz
PARAMETER Long Accuracy Clock period Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Skew Duty Cycle Jitter
1 2
SYMBOL ppm Tperiod VOH VOL IOH IOL tr1 tf1 tsk1 dt1 tjcyc-cyc
CONDITIONS see Tperiod min-max values 14.318MHz output nominal IOH = -1 mA IOL = 1 mA V OH @MIN = 1.0 V VOH@MAX = 3.135 V VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN -300 69.8270 2.4
TYP
MAX 300 69.8550 0.4
UNITS ppm ns V V mA mA mA mA ns ns ps % ps
Notes 1,2 2 1 1 1 1 1 1 1 1 1 1 1
-33 -33 30 38 0.5 0.5 45 2 2 500 55 1000
*TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5 pF with Rs = 22 (Rs is used in USB48MHz test only) Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
Electrical Characteristics - Differential Jitter Parameters
PARAMETER Symbol tjphasePLL tjphaseLo tjphaseHigh Jitter, Phase Conditions PCIe Gen 1 PCIe Gen 2 10kHz < f < 1.5MHz PCIe Gen 2 1.5MHz < f < Nyquist (50MHz) Min TYP Max 86 3 3.1 Units ps (p-p) ps (RMS) ps (RMS) Notes 1,2 1,2 1,2
t jphFBD1_3.2
G
FBD1 3.2/4G 11MHz to 33MHz FBD1 4.8G 11MHz to 33MHz
3 2.5
ps (RMS) ps (RMS)
1,2 1,2
t jphFBD1_4.0
G
*TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%
1 2
Guaranteed by design and characterization, not 100% tested in production. See http://www.pcisig.com for compelte specs
1412A--12/10/07
9
Integrated Circuit Systems, Inc.
ICS932S422C
General SMBus serial interface information for the ICS932S422C How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) sends the data byte count = X ICS clock will acknowledge Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) * ICS clock will acknowledge each byte one at a time * Controller (host) sends a Stop bit * * * * * * * *
How to Read:
* * * * * * * * * * * * * * Controller (host) will send start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) will send a separate start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the data byte count = X ICS clock sends Byte N + X -1 ICS clock sends Byte 0 through byte X (if X(H) was written to byte 8). Controller (host) will need to acknowledge each byte Controllor (host) will send a not acknowledge bit Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host) starT bit T Slave Address D2(H) WR WRite Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
Index Block Read Operation
Controller (Host) T starT bit Slave Address D2(H) WR WRite Beginning Byte = N ACK RT Repeat starT Slave Address D3(H) RD ReaD ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
ACK
ACK
Byte N + X - 1 ACK P stoP bit
Byte N + X - 1 N P
1412A--12/10/07
Not acknowledge stoP bit
10
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: SRC Output Byte 0 Pin # NA Bit 7 NA Bit 6 NA Bit 5 26,27 Bit 4 23,24 Bit 3 21,22 Bit 2 18,19 Bit 1 32,31 Bit 0
Enable Register Name SRCCLK7 Enable SRCCLK6 Enable SRCCLK5 Enable SRCCLK4 Enable SRCCLK3 Enable SRCCLK2 Enable SRCCLK1 Enable CPUCLK4
Control Function Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable
Type RW RW RW RW RW RW RW RW
0 Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z Disable-Hi-Z
1 Enable Enable Enable Enable Enable Enable Enable Enable
PWD 1 1 1 1 1 1 1 1
SMBus Table: CPU, REF and 48 MHz Output Enable Register Pin # Name Control Function Byte 1 REF1 Enable Output Enable Bit 7 54 REF0 Enable Output Enable 55 Bit 6 36,37 CPUCLK3 Output Enable Bit 5 39,40 CPUCLK2 Output Enable Bit 4 RESERVED Bit 3 CPUCLK1 Output Enable 42,43 Bit 2 CPUCLK0 Output Enable 45,46 Bit 1 Spread Spectrum Spread Off/On Bit 0 CPU, SRC, PCI Enable SMBus Table: Byte 2 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PCI and PCICLK_F Output Enable Register Pin # Name Control Function PCICLK3 Output Enable 6 PCICLK2 Output Enable 5 4 PCICLK1 Output Enable PCICLK0 Output Enable 3 PCICLK_F2 Enable Output Enable 11 PCICLK_F1 Enable Output Enable 10 PCICLK_F0 Enable Output Enable 9 48MHz Enable Output Enable 13 and SRC Stop Control Register Name PCICLK_F2 Stop En PCICLK_F1 Stop En PCICLK_F0 Stop En SRCCLK4 Stop En SRCCLK3 Stop En SRCCLK2 Stop En SRCCLK1 Stop En Control Function
Type 0 RW Disable-Low RW Disable-Low RW Disable-Hi-Z RW Disable-Hi-Z RW RW RW Disable-Hi-Z Disable-Hi-Z Spread Off
1 Enable Enable Enable Enable Enable Enable Spread On
PWD 1 1 1 1 0 1 1 0
Type RW RW RW RW RW RW RW RW
0 Disable-Low Disable-Low Disable-Low Disable-Low Disable-Low Disable-Low Disable-Low Disable-Low
1 Enable Enable Enable Enable Enable Enable Enable Enable
PWD 1 1 1 1 1 1 1 1
SMBus Table: PCICLK_F Byte 3 Pin # 11 Bit 7 10 Bit 6 9 Bit 5 26,27 Bit 4 23,24 Bit 3 21,22 Bit 2 18,19 Bit 1 Bit 0
Free-Running Control, Default: not affected by PCI/SRC_STOP (Byte 4, bit 5)
Type RW RW RW RW RW RW RW
0 Free-Running Free-Running Free-Running Free-Running Free-Running Free-Running Free-Running
1 Stoppable Stoppable Stoppable Stoppable Stoppable Stoppable Stoppable
RESERVED
PWD 1 1 1 1 1 1 1 0
1412A--12/10/07
11
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: CPU and SRC Stop and Power Down Mode Drive Control Register Byte 4 Pin # Name Control Function Type Drive Mode in PD CPUCLK3 PD Drive RW 36,37 Bit 7 Drive Mode in PD CPUCLK2 PD Drive RW 39,40 Bit 6 Drive mode in PD CPUCLK1 PD Drive RW 42,43 Bit 5 Drive mode in PD 45,46 CPUCLK0 PD Drive RW Bit 4 RESERVED Bit 3 RESERVED Bit 2 RESERVED Bit 1 RESERVED Bit 0 SMBus Table: Output and Spread Spectrum Control Register Byte 5 Pin # Name Control Function Drive Mode in PD CPUCLK4 PD Drive Bit 7 32,31 Driven in STOP SRC Stop Drive Mode SRC Bit 6 Driven in PD SRC PD Drive Mode SRC Bit 5 RESERVED Bit 4 RESERVED Bit 3 RESERVED Bit 2 RESERVED Bit 1 RESERVED Bit 0 SMBus Table: Device ID Register Byte 6 Pin # Name Test Mode Selection Bit 7 Test Clock Mode Entry Bit 6 Bit 5 REF Drive Strength 54,55 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 7 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PCI, SRC PCI_STOP Control FS_C FS_B FS_A
0 Driven Driven Driven Driven
1 Hi-Z Hi-Z Hi-Z Hi-Z
PWD 0 0 0 0 0 0 0 0
Type RW RW RW
0 Driven Driven Driven
1 Hi-Z Hi-Z Hi-Z
PWD 0 0 0 0 0 0 0 0
Control Function Test Mode Selection Test Mode RESERVED 1X or 2X Stop non-free running PC and SRC clocks. FS_C readback FS_B readback FS_A readback
Type RW RW RW RW R R R
0 Hi-Z Disable 1X Stop
1 REF/N Enable 2X Run
PWD 0 0 0 1 1 Latch
See 932S422 Functionality Table
Latch Latch
Vendor & Revision ID Register Pin # Name RID3 RID2 RID1 RID0 VID3 VID2 VID1 VID0
Control Function REVISION ID
VENDOR ID
Type R R R R R R R R
0 -
1 -
PWD 0 0 1 0 0 0 0 1
1412A--12/10/07
12
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: Byte Count Register Byte 8 Pin # Name BC7 Bit 7 BC6 Bit 6 BC5 Bit 5 BC4 Bit 4 BC3 Bit 3 BC2 Bit 2 BC1 Bit 1 BC0 Bit 0 SMBus Table: Device ID Register Byte 9 Pin # Name DID7 Bit 7 DID6 Bit 6 DID5 Bit 5 DID4 Bit 4 DID3 Bit 3 DID2 Bit 2 DID1 Bit 1 DID0 Bit 0
Type 0 1 PWD RW 0 RW 0 Writing to this register will RW 0 configure how many bytes will Byte Count Programming RW 0 be read back, default is 8 b(7:0) RW 1 bytes. RW 0 (0 to 7) RW 0 RW 0
Control Function
Control Function
Device ID (0C hex)
Type R R R R R R R R
0 -
1 -
PWD 0 0 0 0 1 1 0 0
SMBus Table: M/N Programming & Control Register Byte 10 Pin # Name Control Function CPU and SRC M/N_EN Bit 7 M/N Programming RESERVED Bit 6 Spread Spectrum CPU Spread Off/On Bit 5 Enable Spread Spectrum SRC Spread Off/On Bit 4 Enable Set SRC = 96 MHz and SRC Alternate PCI = 32 MHz SRC, PCI Frequency (96% of Bit 3 Only active if Nominal) Byte 10, bit 2 = 1 CPU Alternate Set alternate CPU Frequency (96% of frequency: CPU Nominal) Only active if Bit 2 166 MHz to 160 MHz latched frequency is 333 MHz to 320 MHz 166 MHz or 333 MHz. 1X or 2X REF1 Drive Strength 54 Bit 1 1X or 2X 55 REF0 Drive Strength Bit 0
Type RW
0 Disable
1 Enable
PWD 0 0
RW RW
Spread Off Spread Off
Spread On Spread On Alternate Frequency
0 0
RW
Normal
0
RW
Normal
Alternate Frequency
0
RW RW
See REF Drive Strength Functionality Table
1 1
1412A--12/10/07
13
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: Byte 11 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 12 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
CPU Frequency Control Register Pin # Name Control Function Type 0 1 PWD CPU N Div8 N Divider Prog bit 8 RW The decimal representation of X CPU N Div9 N Divider Prog bit 9 RW M and N Divider in Byte 11 and X CPU M Div5 RW 12 will configure the CPU VCO X CPU M Div4 RW X frequency. Default at power up = latch-in or Byte 0 Rom CPU M Div3 X M Divider Programming RW table. VCO Frequency = bit (5:0) CPU M Div2 RW X 14.318 x [NDiv(9:0)+8] / CPU M Div1 RW X [MDiv(5:0)+2] CPU M Div0 RW X CPU Frequency Control Register Pin # Name Control Function Type 0 1 PWD CPU N Div7 RW The decimal representation of X CPU N Div6 RW M and N Divider in Byte 11 and X CPU N Div5 RW 12 will configure the CPU VCO X N Divider Programming frequency. Default at power CPU N Div4 RW X Byte12 bit(7:0) and up = latch-in or Byte 0 Rom CPU N Div3 RW X Byte11 bit(7:6) table. VCO Frequency = CPU N Div2 RW X 14.318 x [NDiv(9:0)+8] / CPU N Div1 RW X [MDiv(5:0)+2] CPU N Div0 RW X
SMBus Table: CPU Spread Spectrum Control Register Byte 13 Bit Bit Bit Bit Bit Bit Bit Bit 7 6 5 4 3 2 1 0 Pin # Name CPU SSP7 CPU SSP6 CPU SSP5 CPU SSP4 CPU SSP3 CPU SSP2 CPU SSP1 CPU SSP0 Control Function Type 0 1 PWD X X X X X X X X
Spread Spectrum Programming bit(7:0)
RW RW RW These Spread Spectrum bits in RW Byte 13 and 14 will program RW the spread pecentage of CPU RW RW RW
SMBus Table: Byte 14 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
CPU Spread Spectrum Control Register Pin # Name Control Function Type 0 1 PWD 0 Reserved CPU SSP14 RW X CPU SSP13 RW X CPU SSP12 RW These Spread Spectrum bits in X Spread Spectrum CPU SSP11 RW X Byte 13 and 14 will program Programming bit(14:8) CPU SSP10 RW the spread pecentage of CPU X CPU SSP9 RW X CPU SSP8 RW X
1412A--12/10/07
14
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: Byte 15 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 16 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 17 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 18 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SRC Frequency Control Register Pin # Name Control Function Type 0 1 PWD SRC N Div8 N Divider Prog bit 8 RW The decimal representation of X SRC N Div9 N Divider Prog bit 9 RW M and N Divider in Byte 15 and X SRC M Div5 RW 16 will configure the SRC VCO X SRC M Div4 RW X frequency. Default at power up = latch-in or Byte 0 Rom SRC M Div3 X M Divider Programming RW table. VCO Frequency = bits SRC M Div2 RW X 14.318 x [NDiv(9:0)+8] / SRC M Div1 RW X [MDiv(5:0)+2] SRC M Div0 RW X SRC Frequency Control Register Pin # Name Control Function Type 0 1 PWD SRC N Div7 RW The decimal representation of X SRC N Div6 RW M and N Divider in Byte 15 and X SRC N Div5 RW 16 will configure the SRC VCO X N Divider Programming RW frequency. Default at power SRC N Div4 X b(7:0) up = latch-in or Byte 0 Rom SRC N Div3 RW X table. VCO Frequency = SRC N Div2 RW X 14.318 x [NDiv(9:0)+8] / SRC N Div1 RW X [MDiv(5:0)+2] SRC N Div0 RW X SRC Spread Spectrum Control Register Pin # Name Control Function SRC SSP7 SRC SSP6 SRC SSP5 SRC SSP4 Spread Spectrum Programming b(7:0) SRC SSP3 SRC SSP2 SRC SSP1 SRC SSP0 SRC Spread Spectrum Control Register Pin # Name Control Function Reserved Reserved SRC SSP14 SRC SSP13 SRC SSP12 Spread Spectrum SRC SSP11 Programming b(14:8) SRC SSP10 SRC SSP9 SRC SSP8
Type 0 1 PWD RW X RW X RW X These Spread Spectrum bits in RW X Byte 17 and 18 will program RW X the spread pecentage of SRC RW X RW X RW X
Type 0 1 PWD R 0 RW X RW X RW These Spread Spectrum bits in X RW Byte 17 and 18 will program X RW the spread pecentage of SRC X RW X RW X
1412A--12/10/07
15
Integrated Circuit Systems, Inc.
ICS932S422C
SMBus Table: Byte 19 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SMBus Table: Byte 20 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
CPU Programmable Output Divider Register Pin # Name Control Function CPUDiv3 CPU Divider Ratio CPUDiv2 Programming Bits CPUDiv1 CPUDiv0 RESERVED RESERVED RESERVED RESERVED SRC and PCI Programmable Output Divider Register Pin # Name Control Function PCIDiv3 PCI Divider Ratio PCIDiv2 Programming Bits PCIDiv1 PCIDiv0 SRC_Div3 SRC_ Divider Ratio SRC_Div2 Programming Bits SRC_Div1 SRC_Div0
Type RW RW RW RW
0
1
See CPU, SRC and PCI Divider Ratios Table
PWD X X X X X X X X
Type RW RW RW RW RW RW RW RW
0
1
See CPU, SRC and PCI Divider Ratios Table
See CPU, SRC and PCI Divider Ratios Table
PWD X X X X X X X X
SMBusTable: Test Byte Register Byte 21 Test Function Test ICS ONLY TEST Bit 7 ICS ONLY TEST Bit 6 ICS ONLY TEST Bit 5 ICS ONLY TEST Bit 4 ICS ONLY TEST Bit 3 ICS ONLY TEST Bit 2 ICS ONLY TEST Bit 1 ICS ONLY TEST Bit 0 Note: Do NOT write to Bit 21. Erratic device operation will result!
Type RW RW RW RW RW RW RW RW
Test Result Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
PWD 0 0 0 0 0 0 0 0
1412A--12/10/07
16
Integrated Circuit Systems, Inc.
ICS932S422C
PD, Power Down
PD is an asynchronous active high input used to shut off all clocks cleanly prior to system power down. When PD is asserted, all clocks will be driven low before turning off the VCO. All clocks will start without glitches when PD is
PD 1 0
CPU Normal Iref * 2 or Float
CPU # Normal Float
SRC Normal Iref * 2 or Float
SRC# Normal Float
PCIF/PCI 33MHz Low
USB 48MHz Low
REF 14.318MHz Low
Note 1 1
Notes: 1. Refer to SMBus Byte 4 for additional information.
PD Assertion
PD should be sampled low by 2 consecutive CPU# rising edges before stopping clocks. All single ended clocks will be held low on their next high to low transition. All differential clocks will be held high on the next high to low transition of the complimentary clock. If the control register determining to drive mode is set to 'tri-state', the differential pair will be stopped in tri-state mode, undriven. When the drive mode corresponding to the CPU or SRC clock of interest is set to '0' the true clock will be driven high at 2 x Iref and the complementary clock will be tristated. If the control register is programmed to '1' both clocks will be tristated. See SMBus Byte 4 for additional information.
PD
CPU, 133MHz CPU#, 133MHz SRC, 100MHz SRC#, 100MHz USB, 48MHz PCI, 33MHz REF, 14.31818
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CPU, SRC and PCI Divider Ratios Div(3:0) Divider 0000 2 0001 3 0010 5 0011 15 0100 4 0101 6 0110 10 0111 30 1000 8 1001 12 1010 20 1011 60 1100 16 1101 24 1110 40 1111 120
REF Drive Strength Functionality Byte6, Byte 10, Byte 10, bit 4 bit 1 bit 0 REF1 0 X X 1x 1 0 0 1x 1 0 1 1x 1 1 0 2x 1 1 1 2x
REF0 1x 1x 2x 1x 2x
1412A--12/10/07
17
Integrated Circuit Systems, Inc.
ICS932S422C
PD De-assertion
The time from the de-assertion of PD or until power supply ramps to get stable clocks will be less than 1.8ms. If the drive mode control bit for PD tristate is programmed to '1' the stopped differential pair must first be driven high to a minimum of 200mV in less than 300s of PD deassertion.
Tstable <1.8mS PWRDWN# CPU, 133MHz CPU#, 133MHz SRC, 100MHz SRC# 100MHz USB, 48MHz PCI, 33MHz REF, 14.31818 Tdrive_PwrDwn# <300S, >200mV
Test Clarification Table
Comments HW
FSLC/TES FSLB/TES T_SEL T_MODE HW PIN HW PIN
SW TEST ENTRY BIT B6b6 0 X X X REF/N or HI-Z B6b7 OUTPUT X NORMAL 0 HI-Z 1 REF/N 0 REF/N
Power-up w/ TEST_SEL = 1 to enter test mode Cycle power to disable test mode FSLC./TEST_SEL -->3-level latched input If power-up w/ V>2.0V (-0.3V) then use TEST_SEL If power-up w/ V<2.0V (-0.3V) then use FSLC FSLB/TEST_MODE -->low Vth input TEST_MODE is a real time input. If TEST_SEL HW pin is 0 during power-up, test mode can be invoked through B6b6. If test mode is invoked by B6b6, only B6b7 is used to select HI-Z or REF/N FSLB/TEST_Mode pin is not used. Cycle power to disable test mode, one shot control
0 1 1 1
X 0 0 1
1
1
X
1
REF/N
0
X
1
0
HI-Z
0
X
1
1
REF/N
B6b6: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION) B6b7: 1= REF/N, Default = 0 (HI-Z)
1412A--12/10/07
18
Integrated Circuit Systems, Inc.
ICS932S422C
N
c
56-Lead, 300 mil Body, 25 mil, SSOP SYMBOL A A1 b c D E E1 e h L N a VARIATIONS N D mm. MIN 18.31 MAX 18.55 MIN .720 D (inch) MAX .730 In Millimeters COMMON DIMENSIONS MIN MAX 2.41 2.80 0.20 0.40 0.20 0.34 0.13 0.25 SEE VARIATIONS 10.03 10.68 7.40 7.60 0.635 BASIC 0.38 0.64 0.50 1.02 SEE VARIATIONS 0 8 In Inches COMMON DIMENSIONS MIN MAX .095 .110 .008 .016 .008 .0135 .005 .010 SEE VARIATIONS .395 .420 .291 .299 0.025 BASIC .015 .025 .020 .040 SEE VARIATIONS 0 8
L
INDEX AREA
E1
E
12 D h x 45
A A1
-Ce
b SEATING PLANE .10 (.004) C
56
Reference Doc.: JEDEC Publication 95, MO-118
10-0034
Ordering Information
ICS932S422CFLF-T
Example:
ICS XXXX C F LF- T
Designation for tape and reel packaging Annealed Lead Free (optional) Package Type F = SSOP Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS = Standard Device
1412A--12/10/07
19
Integrated Circuit Systems, Inc.
ICS932S422C
N
c
L
INDEX AREA
E1
E
12 D
a
56-Lead 6.10 mm. Body, 0.50 mm. Pitch TSSOP (240 mil) (20 mil) In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A -1.20 -.047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS D 8.10 BASIC 0.319 BASIC E E1 6.00 6.20 .236 .244 0.50 BASIC 0.020 BASIC e L 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS N a 0 8 0 8 aaa -0.10 -.004 VARIATIONS
A2 A1
A
N 56
D mm. MIN MAX 13.90 14.10
D (inch) MIN .547 MAX .555
-Ce
b SEATING PLANE
Ref erence Doc.: JEDEC Publicat ion 95, M O-153 10-0039
aaa C
Ordering Information
ICS932S422CGLF-T
Example:
ICS XXXX C G LF- T
Designation for tape and reel packaging Annealed Lead Free (optional) Package Type G = TSSOP Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS = Standard Device
1412A--12/10/07
20
Integrated Circuit Systems, Inc.
ICS932S422C
Revision History
Rev. A Issue Date Description 12/10/07 Initial Release Page # -
1412A--12/10/07
21


▲Up To Search▲   

 
Price & Availability of ICSXXXXCFLFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X