Part Number Hot Search : 
1E121 12800 T6K53 R5F213 KBL400 SDA004 74LS139 8HC908A
Product Description
Full Text Search
 

To Download ICS8344AYI-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
ICS8344I-01
GENERAL DESCRIPTION
The ICS8344I-01 is a low voltage, low skew IC S fanout buffer and a member of the HiPerClockS TM HiPerClockSTM family of High Performance Clock Solutions from IDT. The ICS8344I-01 has two selectable clock inputs. The CLKx, nCLKx pairs can accept most standard differential input levels. The ICS8344I-01 is designed to translate any differential signal level to LVCMOS/LVTTL levels. The low impedance LVCMOS/LVTTL outputs are designed to drive 50 series or parallel terminated transmission lines. The effective fanout can be increased to 48 by utilizing the ability of the outputs to drive two series terminated lines. Redundant clock applications can make use of the dual clock inputs which also facilitate board level testing. The clock enable is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin. The outputs are driven low when disabled. The ICS8344I-01 is characterized at full 3.3V, full 2.5V and mixed 3.3V input and 2.5V output operating supply modes. Guaranteed output and part-to-part skew characteristics make the ICS8344I-01 ideal for those clock distribution applications demanding well defined performance and repeatability.
FEATURES
* Twenty-four LVCMOS/LVTTL outputs, 7 typical output impedance * Two selectable differential CLKx, nCLKx inputs * CLK0, nCLK0 and CLK1, nCLK1 pairs can accept the following input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL * Maximum output frequency: 200MHz * Translates any single ended input signal to LVCMOS/LVTTL with resistor bias on nCLK input * Synchronous clock enable * Output skew: 250ps (maximum) * Part-to-part skew: 1ns (maximum) * Bank skew: 125ps (maximum) * Propagation delay: 5.25ns (maximum) * Output supply modes: Core/Output 3.3V/3.3V 2.5V/2.5V 3.3V/2.5V * -40C to 85C ambient operating temperature * Available in both standard (RoHS 5) and lead-free (RoHS 6) packages
BLOCK DIAGRAM
CLK_SEL CLK0 nCLK0 CLK1 nCLK1 0 1 Q0:Q7
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37 1 2 3 4 5 48-Lead LQFP 6 7mm x 7mm x 1.4mm 7 package body 8 Y Package 9 Top View 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Q8 Q9 VDDO GND Q10 Q11 Q12 Q13 VDDO GND Q14 Q15
Q8:Q15
Q16:Q23
LE Q
Q16 Q17 VDDO GND Q18 Q19 Q20 Q21 VDDO GND Q22 Q23
ICS8344-01
36 35 34 33 32 31 30 29 28 27 26 25
Q7 Q6 VDDO GND Q5 Q4 Q3 Q2 VDDO GND Q1 Q0
CLK_EN
nc OE CLK_EN CLK0 nCLK0 VDD GND CLK1 nCLK1 VDD GND CLK_SEL
nD
OE
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization and/or qualification. Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
1
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
Number 1, 2, 5, 6 7, 8, 11, 12 3, 9, 28, 34, 39, 45 4, 10, 14,18, 27, 33, 40, 46 13 15, 19 16 17 20 21 22 23 Name Q16, Q17, Q18, Q19 Q20, Q21, Q22, Q23 VDDO GND CLK_SEL VDD nCLK1 CLK1 nCLK0 CLK0 CLK_EN OE Type Output Power Power Input Power Input Input Input Input Input Input Description Q16 thru Q23 outputs. 7 typical output impedance. Output supply pins. Power supply ground. Clock select input. When HIGH, selects CLK1, nCLK inputs, Pulldown When LOW, selects CLK0, nCLK0 inputs. LVCMOS / LVTTL interface levelss. Core supply pins. Pullup Pullup Inver ting differential LVPECL clock input. Inver ting differential LVPECL clock input. Pulldown Non-inver ting differential LVPECL clock input. Pulldown Non-inver ting differential LVPECL clock input. Synchronizing control for enabling and disabling clock Pullup outputs. LVCMOS interface levels. Output enable. Controls enabling and disabling of outputs Pullup Q0 thru Q23. LVCMOS / LVTTL interface levels. No connect.
24 nc Unused 25, 26, 29, 30 Q0, Q1, Q2, Q3 Output Q0 thru Q7 outputs. 7 typical output impedance. 31, 32, 35, 36 Q4, Q5, Q6, Q7 37, 38, 41, 42 Q8, Q9, Q10, Q11 Output Q8 thru Q15 outputs. 7 typical output impedance. 43, 44, 47, 48 Q12, Q13, Q14, Q15 NOTE: Pullup and Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN CPD RPULLUP RPULLDOWN ROUT Parameter Input Capacitance Power Dissipation Capacitance (per output) Input Pullup Resistor Input Pulldown Resistor Output Impedance 5 Test Conditions Minimum Typical 4 Maximum Units pF pF 51 51 7 12 KW K
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
2
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 3A. OUTPUT ENABLE FUNCTION TABLE
Banks 1, 2, 3 Inputs OE 0 1 CLK_EN X 0 Outputs Q0-Q23 Hi-Z Disabled in logic LOW state. NOTE 1
1 1 Enabled. NOTE 1 NOTE 1: The clock enable and disable function is synchronous to the falling edge of the selected reference clock.
TABLE 3B. CLOCK SELECT FUNCTION TABLE
Control Input CLK_SEL 0 1 CLK0, nCLK0 Selected De-selected Clock CLK1, nCLK1 De-selected Selected
TABLE 3C. CLOCK INPUT FUNCTION TABLE
Inputs OE 1 1 1 1 1 CLK0, CLK1 0 1 0 1 Biased; NOTE 1 nCLK0, nCLK1 1 0 Biased; NOTE 1 Biased; NOTE 1 0 Outputs Q0 thru Q23 LOW HIGH LOW HIGH HIGH Input to Output Mode Differential to Single Ended Differential to Single Ended Single Ended to Differential Single Ended to Differential Single Ended to Differential Polarity Non Inver ting Non Inver ting Non Inver ting Non Inver ting Inver ting
1 Biased; NOTE 1 1 LOW Single Ended to Differential Inver ting NOTE 1: Please refer to the Application Information section on page 8, Figure 1, which discusses Wiring the Differential Input to Accept Single-Ended Levels.
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
3
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO 4.6V -0.5V to VDD + 0.5 V -0.5V to VDDO + 0.5V NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Package Thermal Impedance, JA 47.9C/W (0 lfpm) Storage Temperature, TSTG -65C to 150C
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDO = 3.3V5% OR 2.5V 5%, OR VDD = 3.3V 5%, VDDO = 2.5V 5%;
TA = -40C TO 85C
Symbol VDD VDDO IDD IDDO Parameter Core Supply Voltage Output Supply Voltage Power Supply Current Output Supply Current Test Conditions Minimum 3.135 2.375 3.135 2.375 Typical 3.3 2.5 3.3 2.5 Maximum 3.465 2.625 3.465 2.625 70 25 Units V V V V mA mA
TABLE 4B. LVCMOS DC CHARACTERISTICS, VDD = VDDO = 3.3V5% OR 2.5V 5%, OR VDD = 3.3V 5%, VDDO = 2.5V 5%;
TA = -40C TO 85C
Symbol VIH VIL IIH IIL VOH VOL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage CLK_SEL, CLK_EN, OE CLK_SEL, CLK_EN, OE CLK_EN, OE CLK_SEL CLK_EN, OE CLK_SEL Test Conditions Minimum 2 -0.3 VDD = VIN = 3.465V or 2.625V VDD = VIN = 3.465V or 2.625V VDD = 3.465 or 2.625V, VIN = 0V VDD = 3.465 or 2.625V, VIN = 0V VDDO = 3.135V, IOH = -36mA VDDO = 2.375V, IOH = -27mA VDDO = 3.135V, IOL = 36mA VDDO = 2.375V, IOL = 27mA -150 -5 2.6 1.8 0.5 0.5 Typical Maximum VDD + 0.3 0.8 5 150 Units V V A A A A V V V V
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
4
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VDD = VDDO = 3.3V5% OR 2.5V 5%, OR VDD = 3.3V 5%, VDDO = 2.5V 5%;
TA = -40C TO 85C
Symbol Parameter IIH Input High Current Input Low Current nCLK0, nCLK1 CLK0, CLK1 nCLK0, nCLK1 CLK0, CLK1
Test Conditions VDD = VIN = 3.465V or 2.625V VDD = VIN = 3.465V or 2.625V VDD = 3.465V or 2.625V, VIN = 0V VDD = 3.465V or 2.625V, VIN = 0V
Minimum
Typical
Maximum 5 150
Units A A A A
-150 -5 0.15 1.3
IIL VPP VCMR
Peak-to-Peak Input Voltage
V V
Common Mode Input Voltage: GND + 0.5 VDD - 0.85 NOTE 1, 2 NOTE 1: For single ended applications, the maximum input voltage for CLK0, nCLK0 and CLK1, nCLK1 is VDD + 0.3V. NOTE 2: Common mode voltage is defined as VIH.
TABLE 5. AC CHARACTERISTICS, VDD = VDDO = 3.3V5% OR 2.5V 5%, OR VDD = 3.3V 5%, VDDO = 2.5V 5%;
TA = -40C TO 85C
Symbol Parameter fMAX tPD t sk(b) Output Frequency Propagation Delay, NOTE 1 Q0:Q7 Bank Skew; Q8:Q15 NOTE 2, 6 Q16:Q23 Output Skew; NOTE 3, 6 Par t-to-Par t Skew; NOTE 4, 6 Output Rise Time; NOTE 5 Output Fall Time; NOTE 5 Output Duty Cycle Output Enable Time; NOTE 5 Output Disable TIme; NOTE 5 f 200MHz Measured on the rising edge of VDDO/2 Measured on the rising edge of VDDO/2 Measured on the rising edge of VDDO/2 30% to 70% 30% to 70% f 200MHz f = 10MHz f = 10MHz 200 200 40% 2.5 Test Conditions Minimum Typical Maximum Units 200 5.25 125 200 175 250 1 800 800 60% 5 4 MHz ns ps ps ps ps ns ps ps % ns ns
t sk(o) t sk(pp) tR tF o dc tEN tDIS
All parameters measured at 200MHz and VPPtyp unless noted otherwise. NOTE 1: Measured from the differential input crossing point to VDDO/2. NOTE 2: Defined as skew within a bank of outputs at the same voltages and with equal load conditions. NOTE 3: Defined as skew across banks of outputs at the same supply voltages and with equal load conditions. NOTE 4: Defined as between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2. NOTE 5: These parameters are guaranteed by characterization. Not tested in production. NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
5
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
1.65V5% 2.05V5% 1.25V5% VDD, VDDO
Qx
SCOPE
VDD VDDO
SCOPE
Qx
LVCMOS
GND
GND
LVCMOS
-1.65V5% -1.25V5%
3.3V OUTPUT LOAD AC TEST CIRCUIT
1.25V5%
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
VDD
VDD, VDDO
SCOPE
Qx
nCLK0, nCLK1
V
CLK0, CLK1
PP
Cross Points
V
CMR
LVCMOS
GND
GND -1.25V5%
2.5V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
PART 1 Qx
V
DDO
V
DDO
2
Qx
2
PART 2 Qy
V
DDO
V
DDO
2 tsk(pp)
Qy
2 tsk(o)
PART-TO-PART SKEW
OUTPUT SKEW
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
6
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
nCLK0, nCLK1 CLK0, CLK1 Q0:Q23
V
DDO
2
t PW
t
PERIOD
Q0:Q23
t
PD
odc =
t PW t PERIOD
x 100%
PROPAGATION DELAY
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
80% 20% tR
80% 20% tF
Clock Outputs
OUTPUT RISE/FALL TIME
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
7
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
APPLICATION INFORMATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 1 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VDD/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VDD
R1 1K Single Ended Clock Input
CLKx
V_REF
nCLKx
C1 0.1u
R2 1K
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS INPUTS: OUTPUTS:
CLK/nCLK INPUT: For applications not requiring the use of the differential input, both CLK and nCLK can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from CLK to ground. LVCMOS CONTROL PINS: All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k resistor can be used. LVCMOS OUTPUT: All unused LVCMOS output can be left floating. There should be no trace attached.
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
8
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and VCMR input requirements. Figures 2A to 2E show interface examples for the HiPerClockS CLK/nCLK input driven by the most common driver types. The input interfaces suggested here are examples only. Please consult with the vendor of the driver component to confirm the driver termination requirements. For example in Figure 2A, the input termination applies for IDT HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver from another vendor, use their termination recommendation.
3.3V 3.3V
3.3V 1.8V
Zo = 50 Ohm
Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVHSTL ICS HiPerClockS LVHSTL Driver R1 50 R2 50
R3 50 LVPECL Zo = 50 Ohm
CLK
nCLK
HiPerClockS Input
HiPerClockS Input
R1 50
R2 50
FIGURE 2A. HIPERCLOCKS CLK/nCLK INPUT DRIVEN IDT HIPERCLOCKS LVHSTL DRIVER
BY
FIGURE 2B. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
3.3V 3.3V 3.3V R3 125 Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVPECL R1 84 R2 84 HiPerClockS Input R4 125
3.3V 3.3V LVDS_Driv er R1 100 Zo = 50 Ohm Zo = 50 Ohm
CLK
nCLK
Receiv er
FIGURE 2C. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
FIGURE 2D. HIPERCLOCKS CLK/nCLK INPUT DRIVEN 3.3V LVDS DRIVER
BY
3.3V 3.3V 3.3V LVPECL Zo = 50 Ohm C1 R3 125 R4 125 CLK Zo = 50 Ohm C2 nCLK HiPerClockS Input
R5 100 - 200
R6 100 - 200
R1 84
R2 84
R5,R6 locate near the driver pin.
FIGURE 2E. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER WITH AC COUPLE
BY
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
9
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE
FOR
48 LEAD LQFP
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8344I-01 is: 1503
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
10
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
PACKAGE OUTLINE - Y SUFFIX FOR 48 LEAD LQFP
TABLE 7. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L ccc 0.45 0 --0.05 1.35 0.17 0.09 BBC MINIMUM NOMINAL 48 --1.40 0.22 -9.00 BASIC 7.00 BASIC 5.50 Ref. 9.00 BASIC 7.00 BASIC 5.50 Ref. 0.50 BASIC 0.60 --0.75 7 0.08 1.60 0.15 1.45 0.27 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
11
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS8344AYI-01 ICS8344AYI-01T ICS8344AYI-01LF ICS8344AYI-01LFT Marking ICS8344AYI-01 ICS8344AYI-01 ICS8344AYI0lL ICS8344AYI0lL Package 48 Lead LQFP 48 Lead LQFP 48 lead "Lead-Free" LQFP 48 lead "Lead-Free" LQFP Shipping Packaging tray 1000 tape & reel tray 1000 tape & reel Temperature -40C to 85C -40C to 85C -40C to 85C -40C to 85C
NOTE: Par ts that are ordered with an "LF" suffix to the par t number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
IDT TM / ICSTM LVCMOS/LVTTL FANOUT BUFFER
12
ICS8344AYI-01 REV. B MAY 10, 2007
ICS8344I-01 LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PRELIMINARY
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
For Tech Support
netcom@idt.com 480-763-2056
Corporate Headquarters
Integrated Device Technology, Inc. 6024 Silver Creek Valley Road San Jose, CA 95138 United States 800 345 7015 +408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology Singapore (1997) Pte. Ltd. Reg. No. 199707558G 435 Orchard Road #20-03 Wisma Atria Singapore 238877 +65 6 887 5505
Europe
IDT Europe, Limited 321 Kingston Road Leatherhead, Surrey KT22 7TU England +44 (0) 1372 363 339 Fax: +44 (0) 1372 378851
(c) 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT, the IDT logo, ICS and HiPerClockS are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of ICS8344AYI-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X