Part Number Hot Search : 
EVDP610 ANTXV2N BP60200 D211ERU MC10E1 EP7209 2SK3763 L100E
Product Description
Full Text Search
 

To Download HMC-AUH256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-AUH256
v00.0907
GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
Features
Gain: 21 dB P1dB Output Power: +20 dBm Wideband Performance: 17.5 to 40 GHz Supply Voltage: +5V @ 295 mA Small Chip Size: 2.1 x 0.92 x 0.1 mm
Typical Applications
This HMC-AUH256 is ideal for: * Point-to-Point Radios * Point-to-Multi-Point Radios
AMPLIFIERS - DRIVER & GAIN BLOCK - CHIP
* VSAT * SATCOM
Functional Diagram
General Description
The HMC-AUH256 is a GaAs MMIC HEMT four stage Driver Amplifier which covers the frequency range of 17.5 to 40 GHz. The chip can easily be integrated into Multi-Chip-Modules (MCMs) due to its small (1.93 mm2) size. The HMC-AUH256 offers 21 dB of gain and +20 dBm output power at 1 dB compression from a bias supply of +5V @ 295 mA. The HMC-AUH256 may also be used as a frequency doubler. Detail bias condition to achieve doubler operation.
Vdd1 = Vdd2 = Vdd3 = Vdd4 = 5V, Idd1 + Idd2 + Idd3 + Idd4 = 295mA [2]
Parameter Frequency Range Gain Input Return Loss Output Return Loss Output Power for 1 dB Compression Saturated Output Power Output IP3 Supply Current (Idd1 + Idd2 + Idd3 + Idd4) [1] Unless otherwise indicated, all measurements are from probed die [2] Adjust Vgg1 = Vgg2 = Vgg3 = Vgg4 between -1V to +0.3V (Typ. -0.3V) 20 - 30 GHz 30 - 45 GHz Min. Typ. 17.5 - 41 21 8 15 8 20 23 27 295 Max. Units GHz dB dB dB dB dBm dBm dBm mA
Electrical Specifi cations [1], TA = +25C
0-6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-AUH256
v00.0907
GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
Linear Gain vs. Frequency Fixtured Pout vs. Frequency
IP3 @ Pout= 18 dBm/tone
P1dB
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Note: Measured Performance Characteristics (Typical Performance at 25C) Vd1= Vd2= Vd3= Vd4= 5V, Id1= 50mA, Id2= 50mA, Id3= 75mA, Id4= 120mA
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
AMPLIFIERS - DRIVER & GAIN BLOCK - CHIP
-7
P3dB
HMC-AUH256
v00.0907
GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
x2 Pout vs. Frequency (vs Pad) Fixtured Pout vs. Frequency @ Pin= 8 dBm
AMPLIFIERS - DRIVER & GAIN BLOCK - CHIP
Fixtured Pout vs. Frequency @ Pin= 10 dBm
Absolute Maximum Ratings
Drain Bias Voltage RF Input Power Drain Bias Current (Idd1, Idd2) Drain Bias Current (Idd3) Drain Bias Current (Idd4) Gate Bias Voltage Channel Temperature Thermal Resistance (channel to die bottom) Storage Temperature +5.5 Vdc 15 dBm 62 mA 93 mA 150 mA -1 to +0.3 Vdc 180 C 77.5 C/W -65 to +150 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Note: Multiplier Performance Characteristics (Typical Performance at 25C) Vd1= 2V, Vd2= Vd3= Vd4= 5V, Id1= 5mA, Id2+Id3+Id4= 245mA
0-8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-AUH256
v00.0907
GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
Outline Drawing
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM]. 2. TYPICAL BOND PAD IS .004" SQUARE. 3. BACKSIDE METALLIZATION: GOLD. 4. BACKSIDE METAL IS GROUND. 5. BOND PAD METALLIZATION: GOLD. 6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS. 7. OVERALL DIE SIZE .002"
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
AMPLIFIERS - DRIVER & GAIN BLOCK - CHIP
-9


▲Up To Search▲   

 
Price & Availability of HMC-AUH256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X