Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download FTP-628WSL120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BaTTerydrive,MOBiLeTyPe COMPaCTSTandaLOneTherMaLPrinTer 2"eaSyLOadingMOdeL
FTP-628WSL110/120
n OvervieW
The supply voltage of the FTP-628WSL Series is 20VAC (via AC adaptor) or battery. The unit uses 2 inch wide paper. The mechanism and interface board is a standard multiple purpose unit. The semi-rugged printer unit is most suitable for applications such as handheld, mobile and portable devices, as well as for various other equipment.
n FeaTureS
* Lightweight and ultra small size * Easy paper loading * Bluetooth(R), infrared and serial interfaces * 3.7V Lithion battery, 20 or 240 VAC adapter * Drop-test - .5 meters * Water resistant * Prints 2-D barcodes * 3 hour charge cycle * Up to 6 paper rolls / charge * Program download capability * Thin label capability * RoHS compliant * IP54 compliant
FTP-628WSL110/120Series
n ParTnuMBer
Item Bluetooth , IrDA and serial interfaces IrDA and serial (RS232C) interfaces Part Number FTP-628WSL110#10 (includes 120V AC adapter, battery, belt clip and paper roll) FTP-628WSL110#20 (includes 120/240V AC adapter, battery, belt clip and paper roll) FTP-628WSL120#10 (includes 120V AC adapter, battery, belt clip and paper roll) FTP-628WSL120#20 (includes 120/240V AC adapter, battery, belt clip and paper roll)
Serial interface cable FTP-628Y303
n SPeCiFiCaTiOnS
Item Part Number Dot structure Dot pitch (horizontal) Dot pitch (vertical) Effective print area Paper width/diameter Paper thickness Maximum printing speed Character types FTP-628WSL110 / 120 384 dots / line 0.125 mm 0.125 mm 48 m m 58mm / ID 8mm, OD 36mm max. 60 to 80m *1 Maximum 40mm/sec. (320 dotline/s) at 12.5% print ratio Alphanumeric KANA: 159 International characters: 195 Registered characters: 224 JIS KANJI: approx. 6800 12 x 24 dots (1.5 x 3.0mm), 32 columns 24 x 24 dots (3.0 x 3.0mm), 16 columns 8 x 16 dots (1.0 x 2.0mm), 48 columns 16 x 16 dots (2.0 x 2.0mm), 24 columns 3.7VDC lithium ion battery 100VAC to 120VAC adapter #10 100VAC to 240VAC adapter #20 (AC cable not included) 1.6-1.7A Printing (print ratio 12.5%) standby 30-60mA communication 90-170mA 84 x 136.5 x 30.0 mm body / 43.6mm paper holder 275 g (battery and belt clip included) Head Expected Life Battery Paper Holder Pulse durability: 100 million pulse/dot (25% print ratio) Wear resistance: 50Km One charge: 100m (at 12.5% printing ratio), 300 charge cycles 5000 times open / close
2
Specification
Character dimensions (WxH mm), number of characters Battery Power AC Adapter
Power consumption Dimensions (W X D X H) Weight
FTP-628WSL110/120Series
FTP-628WSL0/20 Specs continued Item Bar Code Type Serial Interface IrDA Bluetooth*3 Safety Standard Noise Water resistant Operating temperature Environmental conditions Operting humidity Storage temperature Storage humidity Head temperature Detection functions Mark detect Paper out Cover open Major Functions Specification UPC-A, UPC-E, JAN13, JAN8, CODE 39, ITF, CODABAR, CODE 128, MAXI, PDF417, QR RS-232C Version 1.2 (Ir COMM protocol) Version 1.1 (SPP profile) FCC Class B, FCC Part 15 JIS C0920 Class 2 0C to +50 C*4 30 to 85% RH (no condensation) -20 C to +60C 5 to 90% RH (no condensation) Detected by thermistor Detected by photo-interruptor Detected by photo-interruptor Detected by micro-switch Page mode Registration of character and image Enlarge characters Auto status reply High sensitive paper Standard Paper Recommended thermal sensitive papers Medium term paper TF50KS-E4 (Nippon paper) FTP-020P0704 TF-60KS-E (Nippon paper), PD150R (Oji paper) TF-60KS-F1 (Nippon paper), PD170R (Oji paper), P220VBB-1 (Mitsubishi paper), FH65BC-3H (Oji Film) PD160R-N (Oji paper), AFP-235 (Mitsubishi) HW54T (Nippon paper)
Long term paper Label paper Notes: *: There may be exeptions *2: ESC/POSTM Seiko/Epson trademark *3: FTP-628WSL0 only *4:0to+40Cguaranteeofprintquality
3
FTP-628WSL110/120Series
n diMenSiOnS
36.5
4
FTP-628WSL110/120Series
n COMMandS
Command HT LF FF ECS RS ESC US ESC FF ESC ! + n ESC%+n Horizontal tab. Line feed with printing. Feeds forms (new page). Sets reverse printing. Resets reverse printing. Data printing in page print mode. Sets print mode. Externalregistrationcharacterspecification/cancellation. Externalregistrationcharacterdefinition. Bit image mode registration Sets the line feed length. External registration character deletion. Printer initialization. Sets the space between lines. Sets the page length by character line. Sets the tab position. Feeds paper in forward direction and prints. Reverse paper feed. Page print mode selection. Selects international character. Line print mode selection. RightRotation90specification/cancellation. Print area setting in page print mode. Sleep mode time setting. Sets internal processing. Print speed setting. Sets/resets upside down printing. RS-232C communication setting. Kanjiprintingmodecollectivespecification. Kanjiprintingmodespecification. Contents
ESC&+y+c1+c2+x+d1~dn ESC *+m+n+n2+[d~dn] ESC 3+n ESC ?+n ESC @ ESC A+n ESC C+n ESC D+n ESC J+n ESC K+n ESC L ESC R+n ESC S ESCV+n
ESC W+x+x2+y+y2+Dx+dx2+dy+dy2 ESC X+m+n ESC c++n ESC s+n ESC {+n ESC Y SOH x a DLE + n FS!+n FS&
5
FTP-628WSL110/120Series
Commands continued Command FS . FS 9+n FS C+n FS E+n FS r+n GS$+n+1+2 Kanji printing mode cancellation. Sets the detection functions. Kanji code system selection. Correction of impressed energy. Parameter transmission (valid for non-protocol mode). Verticalabsolutepositionspecificationinpageprintmode. Registration of image data. Prints registered image data. Line feeds to the next mark. Sets the line feed length after mark detection. Bar code angle setting. Print quality setting. Setting and cancelation of status transmission. (non-protocol mode). Bar code width setting. Bar code height setting. Bar code printing. Two dimensional code printing. Bluetooth link time setting. Bluetooth security mode setting. Bluetooth PIN code setting. Bluetooth device name setting Bluetooth, information printing (WSL0 only). Contents
GS &+m+x+y+y2+[d]k GS '+m+n GS < GS A+m+n GS B+n GS E+n GS a+n GS e+n+m GS h+n GS k+m+n+d~dN GS k+m+k+k2+k3+k4+d~dn GS (A ETX +n GS (A ACK +m+n GS (A BS +n+d to dn GS (A HT +n+d to dn GS (A ENQ
Fujitsu Components International Headquarter Offices
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 4 8630, Japan Tel: (8-3) 5449-700 Fax: (8-3) 5449-2626 Email: promothq@fcl.fujitsu.com Web: www.fcl.fujitsu.com northandSouthamerica Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (-408) 745-4900 Fax: (-408) 745-4970 Email: components@us.fujitsu.com Web: http://us.fujitsu.com/printers/ europe Fujitsu Components Europe B.V. Diamantlaan 25 232 WV Hoofddorp Netherlands Tel: (3-23) 556090 Fax: (3-23) 5560950 Email: info@fceu.fujitsu.com Web: emea.fujitsu.com/components/ Asia Pacific Fujitsu Components Asia Ltd. 02E Pasir Panjang Road #0-0 Citilink Warehouse Complex Singapore 8529 Tel: (65) 6375-8560 Fax: (65) 6273-302 Email: fcal@fcal.fujitsu.com Web: http://www.fujitsu.com/sg/services/micro/components/
(c)2007 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.InacontinuingefforttoimproveourproductsFujitsu ComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev. February 2, 2007. 6


▲Up To Search▲   

 
Price & Availability of FTP-628WSL120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X