Part Number Hot Search : 
3362M104 HCF4046 TD425 35LH011 AP1603 TA123 TLMS3101 ACTS374K
Product Description
Full Text Search
 

To Download ERH3530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer
Type: ERH3530/MS
Product Description
44.2x40.6mm Max.(LxW), 29.5mm Max. Height. In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements.
Feature
Max. Operating frequency 500kHz. Max. Operating power 50.0W(500kHz) Ideally used in Switching regulator, EL inverter. RoHS Compliance
Dimensions (mm)
40.6 MAX.
29.5 MAX. 3.80.5
7-5.00.15
16
9
9
16
35.00.25
44.2 MAX.
1.0
1
Schematics (Bottom)
8
8
1
S
8 7
9 10
S
6
11 12
S S S
5
4 3 2
13 14 15 16
S S S S
"S" is winding start.
Specification
Sample No. 03YPD273 Inductance (1-5) 100kHz/0.25V Leakage Inductance (1-5) 100kHz/0.25V 5.3H Max. Hi-pot Winding-winding (50/60Hz) AC 3000Vrms/1sec.
460H 30%
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of ERH3530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X