Part Number Hot Search : 
MS8GE LPQ152 13000 CPH3104 CDRH73 AOW12N60 X9221AWS Z1SMA36
Product Description
Full Text Search
 

To Download EI-255B06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer < Pin Type: EI Series>
Type: EI-255B
Product Description
28.0x21.0mm Max.(LxW), 21.0mm Max. Height. Custom design is available.
Feature
Max. Operating frequency 300kHz. Max Operating Power 38.0W(300kHz) Ideally used in Switching regulator, EL inverter and Power Factor Correction choke RoHS Compliance
4.5 4.5 4.5 4.54.50.2 5.5 5.5 5.5 5.5 0.3
Dimensions (mm)
28.0 Max. 0.8 -0.05
21.0 Max.
21.0 Max.
0.5
3.0
+0.1
15.50.3
Schematics (Bottom)
1. For General Transformer
S S S S S

2. For PFC choke

" S" is winding start
Specification (For General Transformer)
Sample No. 1330-T110 Inductance (2-1) 1kHz/1V D.C.R. (2-1) (m Max.) Hi-pot Winding-winding (50/60Hz) AC 1800Vrms/1min.
1.5mH 25%
2000
Specification (For PFC choke)
Sample No. 1330-T097 Inductance (2-4) 1kHz/1V D.C.R. (2-4) (m Max.) Rated Current (2-4) 5.7 A
35H 20%
98
Rated current: The DC current at which the inductance decreases to 90 % of it's initial value or when t=40, whichever is lower(Ta=20). Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of EI-255B06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X