Part Number Hot Search : 
HD29050P UP0431N PRTR5V MAX970 12Q221 SN66016 D9244 Z5233
Product Description
Full Text Search
 

To Download EE1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEM Transformer< Pin Type: EE Series>
Type: EE1310
Product Description
13.5x13.5mm Max.(LxW),10.6mm Max. Height. In addition to the typical parameters shown here, custom designs are available.
Feature
Ideally used in set-top box ,FAX/MODEM and other related equipment. RoHS Compliance.
Dimensions (mm)
MAX.13.5 (0.531) MAX.10.6 (0.417) 1
MAX.13.5 (0.531)
D10006
Land Pattern (mm)
0.5 (0.019)
1
0.9-10 (0.035) 10
1 0. 16 (0.4000)
CH
5 A DH ES IV E DATE CODE
3.0 -0.5
-0.02
+1.0
5
6 2.5 (0.1000)
(0.118 +0.04 )
Schematics(Bottom)
PRI (LINE)
SEC
(DEVICE)
"S"IS WINDING START.
Specification(Part Number:D10002)
Item Impendance Inductance(Ls) Leakage Inductance(Ls) D.C.R.(at 20) Turns Ratio Dielectric Rating: Longitudinal Balance Frequency Response Insertion Loss Total Harmonic Distortions Return Loss Spec.(D10002) 5mH15%,10kHz,0.1Vac,1-4 (tie 1-4 3.00max (ie2+3) 2+3) Spec.(D10006) 440H6%,10kHz,0.1Vac,1-4 (tie 1-4 3.2max (tie2+3) 2+3) Designed to reflect 100on Pri with 100 on Sec. Designed to reflect 100on Pri with 100 on Sec. 16H Max.100kHz,0.1Vac,1-4(tie2+3, 8+9,7+10) 7-10 5.00Max (ie8+9) Pri-Sec(1-4):(10-7) (tie 2+3,8+9)1:11% 1875Vac for 1sec. ,1-10(tie 2+3,8+9) 40dB Min,30kHz1.1MHz , 1-4(8+9) 1.1B, 30kHz1.1MHz(Ref.300kHz) 0.5dB Max at 300kHz 80B Min,5.3Vrms,30kHz100kHz 16.5B Min at 300kHz 9H Max.100kHz,0.1Vac,1-4(tie2+3, 8+9,7+10) 7-10 3.2Max (tie8+9) Pri-Sec(1-4):(10-7) (tie 2+3,8+9)1:11% 1875Vac for 1sec. ,1-10(tie 2+3,8+9) 45dB Min,30kHz1.1MHz , 1-4(tie 2+3) 2.0dB, 30kHz1.1MHz(Ref.300kHz) 0.5dB Max at 300kHz 32pF Max,100kHz,0.1Vac,1-10(tie2+3, 8+9) 80B Min,5.3Vrms,30kHz100kHz 16.5B Min at 300kHz
Interwinding Capacitance(Cs) 50pF Max,100kHz,0.1Vac,1-10(tie2+3, 8+9)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of EE1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X