Part Number Hot Search : 
BSX59 89E515AE AP9963 40AB8B 1N5447C TC105 12015 2SJ387
Product Description
Full Text Search
 

To Download EDB101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SILICON BRIDGE RECTIFIERS
FEATURES
Rating to 400V PRV Surge overload rating to 30 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded Lead solderable per MIL-STD-202 method 208 Lead: silver plated copper, solderde plated Plastic material has UL flammability classification 94V-O Polarity symbols molded on body Weight: 1.0 grams
.060(1.5)
EDB101 --- EDB106
VOLTAGE RANGE: 50 --- 400 V CURRENT: 1.0 A
DB-1
.255(6.5) .245(6.2)
.310(7.9) .290(7.4)
.350(8.9) .300(7.6)
.365(9.3) .355(9.0)
.135(3.4) .155(2.9) .020(.51) .016(.41) .205(5.2) .195(5.0) .165(4.2) .155(3.9)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
EDB 101
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =55
EDB 102
100 70 100
EDB 103
150 105 150 1.0
EDB 104
200 140 200
EDB 105
300 210 300
EDB 106
400 280 400
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 1.0 A Maximum reverse current at rated DC blocking voltage @TA=25 @TA =100 (NOTE 2)
IFSM
30.0
A
VF IR trr CJ TJ TSTG
15
1.0 10.0 1.0 50 10 - 55 ---- + 150 - 55 ---- + 150
V A mA nS pF
Maximum reverse recovery time (NOTE 1) Typical junction calacitance
Operating junction temperature range Storage temperature range
NOTE: 1. Test conditions: I F =0.5A, I R=-1.0A, I RR=-0.25A. 2. Measured at 1 MHz and applied rev erse v oltage of 4.0 v olts.
www.galaxycn.com
Document Number 0287009
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC AVERAGE FORWARD CURRENT, AMPERSE
EDB101 --- EDB106
FIG.2 -- TYPICAL FORWARD CURRENT DERATING CURVE
2
Single phaes half wave 60Hz resistive or inductive load
50 N 1.
10 N 1.
+0.5A
trr
D.U.T. (+) 25VDC (approx) (-) PULSE GENERATOR (NOTE2)
0 -0.25A
1
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE1)
-1.0A
1cm
0 0
25
50
75
100
125
150
NOTES:1.RISE TIME =7ns MAX. INPUT IMPEDANCE=1M.22pF 2.RISE TIME=10ns MAX. SOURCE IMPEDANCE=5O
SET TIME BASE FOR 10 ns /cm
AMBIENT TEMPERATURE (
)
FIG.3 -- TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
100
INSTANTANEOUS FORWARD CURRENT, AMPERSE
FIG.4 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
TJ=150 10
1 .0
AMPERSE
TJ=100 1.0
0 .1
0.1
TJ=25
.0 1
TJ=125 P u lse W id th =300u S
.01
.0 0 1
0
20
40
60
80
100 120 140
0
0 .2
0 .4
0 .6
0 .8
1 .0
1 .2 1 .4
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.5 -- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.6 -- TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT,
60
200
JUNCTION CAPACITANCE, (pF)
TJ=25
100 60 40 20 10 6 4 2 1 .1 1 4 10 100
50
40
8.3ms Single Half Sine Wave TJ=25
EDB101-EDB104
AMPERSE
30
20
EDB105-EDB106
10
0
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287009
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of EDB101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X