Part Number Hot Search : 
1X392K 54FCT MC74HC 5ETTTS TEVAL 16N50C 1570E5 SMCJ30
Product Description
Full Text Search
 

To Download DR-60-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6 0 W S i n g l e O u60WSingleOutputIndustrialDINRailPowerSupply t put Industrial DIN Rail Power Supply
dr D R --6600 ss eirei e s er s

SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) OVERLOAD PROTECTION OVERVOLTAGE WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE SAFETY & EMC
(Note4)
DR-60-5 5V 6.5A 0~6.5A 32.5W 4.75~5.5V 2.0% 1.0% 1.0%
DR-60-12 12V 4.5A 0~4.5A 54W 120mVp-p 11.1~13.2V 1.0% 1.0% 1.0%
DR-60-15 15V 4A 0~4A 60W 120mVp-p 13.5~16.5V 1.0% 1.0% 1.0%
DR-60-24 24V 2.5A 0~2.5A 60W 150mVp-p 21.6~26.4V 1.0% 1.0% 1.0%
RIPPLE&NOISE(max.) Note.2 80mVp-p
100ms,30ms/230VAC200ms,30ms/115VAC atfullload 100ms/230VAC23ms/115VAC atfullload 88~264VAC124~370VDC 47~63Hz 76% 82% 83% 84% 1.2A/115VAC0.8A/230VAC COLDSTART 18A/115VAC36A/230VAC 105~160% ratedoutputpower Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved 5.75~6.75V 13.8~16.2V 17.25~20.25V 27.6~32.4V Protectiontype:Shutdowno/pvoltage,re-powerontorecover -20~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved,Designreferto EN50178 I/P-O/P:3KVAC
ISOLATIONRESISTANCE I/P-O/P:100MOhms/500VDC EMICONDUCTION&RADIATION CompliancetoEN55011,EN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 HARMONICCURRENT EMSIMMUNITY MTBF CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2,EN61204-3Heavyindustrylevel,criteria A 216.2Khrsmin.MIL-HDBK-217F(25 78*93*56mm(W*H*D) 0.3Kg;48pcs/15.4Kg/1.02CUFT )
OTHERS
NOTE
DIMENSION PACKING

WWW.ASTrOdYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:DR-60-SPEC2005-09-13
6 0 W S i n g l e O u60WSingleOutputIndustrialDINRailPowerSupply t put Industrial DIN Rail Power Supply
MechanicalSpecification
dr D R --6600 ss eirei e s er s
CaseNo.918BUnit:mm
68 45
56
47 27.4
TerminalPin.No Assignment
PinNo. 1 2 3,4 Assignment AC/N AC/L +V PinNo. 5,6 7 8 Assignment -V LED +V ADJ.
3 46.5 93 46.5
12.2 5 5 5 78 37.75
6 5 4 3 7
8
35
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
2 1
5
BlockDiagram
I/P
EMI FILTER
RECTIFIERS & FILTER
POWER SWITCHING
RECTIFIERS & FILTER
+V -V
O.L.P.
PWM CONTROL
DETECTION CIRCUIT O.V.P.
OutputDerating
100
80
60
LOAD(%)
40
20
-20
0
10
20
30
40
50
60
70 (VERTICAL)
AMBIENTTEMPERATURE(
)
WWW.ASTrOdYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:DR-60-SPEC2005-09-13


▲Up To Search▲   

 
Price & Availability of DR-60-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X