Part Number Hot Search : 
PE9094 2SC3157 DA05L12 100ML TM3049 BC548 B1060 ME112S03
Product Description
Full Text Search
 

To Download CMT164B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEM Transformer< SMD Type: CMT Series>
Type: CMT164B
Product Description
12.9x10.0mm Max.(LxW),7.0mm TPY. Height. Operating frequency: 4MHz Max. Encapsulated SMT FAX/MODEM transformer.
Feature
International safety standard approved for reinforced isolation. Silicone Steel is used. Ideally used in set-top box,FAX,MODEM. RoHS Compliance.
16.70.3 4.150.15 0.60.1 ( ) 1 0.15-0. 1
+0.15 2.00.1
0.1 4.0 2.00.1 4 1
Stamp date code
Dimensions
16.70.3 20.00.2
(mm)
8 98 22
4 8 5
5
Land Pattern (mm)
3.5 3.5 3.15 17.0
Schematics(Bottom)
S S
20.75 17.0
Specification
Measuring condition Impedance(5-8) 100Hz 1kHz 10kHz 125010% Within 135010%Within 140010%Within 19015%Within 2715%Within -9.5 dBm Min. 01.0dB -45dB -70dB Within Max. Max 0.1V at 25 1kHz -22dBm 1kHz at 0dB -22dBm
D.C.R. D.C.R.
(5-8) (1-4)
Insertion Loss Ripple (100Hz10kHz) THD 100Hz 1kHz,10kHz
Please refer to the sales offices on our website for a representative near you
3.15
1.5
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of CMT164B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X