Part Number Hot Search : 
HMC294 5328000 SA60C FM22LD16 D1415 ST52F513 ST1335D 17400
Product Description
Full Text Search
 

To Download CMD6NNP-330K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer
Type: CMD-6N
*Y Product Description
*E 6.5*~ 6.5mm Max.(L*~ W), 6.0mm Max. Height. H* 1.0mH *E Inductance Range: 22E
*E Rated current range: 150mA* 1300mA. *E 7 Terminal pins' type gives a flexible design as inductors or transformers. *E Custom design is available.
*Y
*E *E
Feature
Magnetically unshielded construction. Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as DC-DC Converter inductors or transformers, especially suitable for White LED drive. *E RoHS Compliance
*Y
Dimensions (mm)
6.5*0.5 }
1.5 *}0.2 0.5*}0.1 *}0.2
*Y
Land Pattern (mm)
7.35
6.0*}0.5
1.5 1.5
2.25
4.5
2.25
2.25
1.5
6.0*}0.5
6.0 Max.
8.2*0.5 }
1.0
1.0
2.0
2.0
*Y
Specification (for transformers)
Inductance (1-3) 1kHz/1V 258H10% Inductance (4-7) 1kHz/1V 238H(Ref) D.C.R. (1-3) 2.5 Max. D.C.R. (4-7) 3.4 Max. Rated Current (1-3) 240mA
Sample No.
6305-JPS-038 *|
Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when / t=40*Z , whichever is lower(Ta=20*Z ).
*|
Schematics (Bottom)
*gr*h is winding start.
3 2
S1
4S 5 6 7
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
General Power Transformer
Type: CMD-6N
*Y Specification-1 (for inductors)
Part Name *| CMD6NNP-220K* CMD6NNP-270K* CMD6NNP-330K* CMD6NNP-390K* CMD6NNP-470K* CMD6NNP-560K* CMD6NNP-680K* CMD6NNP-820K* CMD6NNP-101K* CMD6NNP-121K* CMD6NNP-151K* CMD6NNP-181K* CMD6NNP-221K* CMD6NNP-271K* CMD6NNP-331K* CMD6NNP-391K* CMD6NNP-471K* CMD6NNP-561K* CMD6NNP-681K* CMD6NNP-821K* CMD6NNP-102K* Stamp 220K 270K 330K 390K 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K Inductance U WithinY u 1 22H 10% 27H 10% 33H 10% 39H 10% 47H 10% 56H 10% 68 H 10% 82 H 10% 100 H 10% 120 H 10% 150 H 10% 180 H 10% 220 H 10% 270 H 10% 330 H 10% 390 H 10% 470 H 10% 560 H 10% 680 H 10% 820 H 10% 1.0 mH 10% D.C.R.(| ) [Max.] (at 20ae ) 0.14 0.16 0.18 0.2 0.23 0.26 0.32 0.37 0.44 0.5 0.65 0.78 1.03 1.19 1.55 1.76 2 2.47 2.84 3.26 4.78 Rate Current (A)u 2 1.3 1.2 1.1 1.0 870m 790m 760m 670m 600m 550m 490m 450m 420m 360m 320m 300m 290m 250m 230m 210m 190m Qu [Min.] u 1 56 54 51 46 44 34 41 33 48 58 73 72 80 79 91 91 86 92 99 100 108 S.R.F. (MHz) U Min.Y 18 17 15 13 12 11 10 9.3 8.1 7.7 6 5.8 5.5 5 4.5 4.2 3.3 2.9 2.8 2.5 2.4
*|
Schematics (Bottom)
"S" is winding start.
3 4 5 S 2 6 1 7
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
General Power Transformer
Type: CMD-6N
*Y Specification-2 (for inductors)
Part Name *| CMD6NNP-220K* CMD6NNP-270K* CMD6NNP-330K* CMD6NNP-390K* CMD6NNP-470K* CMD6NNP-560K* CMD6NNP-680K* CMD6NNP-820K* CMD6NNP-101K* CMD6NNP-121K* CMD6NNP-151K* CMD6NNP-181K* CMD6NNP-221K* CMD6NNP-271K* CMD6NNP-331K* CMD6NNP-391K* CMD6NNP-471K* CMD6NNP-561K* CMD6NNP-681K* CMD6NNP-821K* CMD6NNP-102K* B B B B B B B B B B B B B B B B B B B B B Stamp 220K 270K 330K 390K 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K Inductance U WithinY u 1 22H 10% 27H 10% 33H 10% 39H 10% 47H 10% 56H 10% 68 H 10% 82 H 10% 100 H 10% 120 H 10% 150 H 10% 180 H 10% 220 H 10% 270 H 10% 330 H 10% 390 H 10% 470 H 10% 560 H 10% 680 H 10% 820 H 10% 1.0 mH 10% D.C.R.(| ) [Max.] (at 20ae ) 0.11 0.13 0.15 0.17 0.21 0.24 0.31 0.36 0.5 0.57 0.67 0.95 1.11 1.4 1.62 2.16 2.46 2.8 3.22 4.48 5.18 Rate Current (A)u 2 1.1 1 910m 840m 740m 710m 660m 600m 560m 460m 430m 400m 370m 300m 270m 240m 230m 200m 180m 160m 150m Qu [Min.] u 1 56 54 51 46 44 34 41 33 48 58 73 72 80 79 91 91 86 92 99 100 108 S.R.F. (MHz) U Min.Y 18 17 15 13 12 11 10 9.3 8.1 7.7 6 5.8 5.5 5 4.5 4.2 3.3 2.9 2.8 2.5 2.4
*|
Description of part name
CMD6NNP-220K* B Box C Carrier Tape
*|
1: Measuring Frequency Inductance 22E H * 100E H * *|
22E H * 82E H at 2.52MHz 1.2mH * 10mH at 50kHz 100E H * 10mH at 1kHz 2. Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when / t=40*Z , whichever is lower(Ta=20*Z ).
82E H 1.0mH
at 2.52MHz at 100kHz
Qu
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3


▲Up To Search▲   

 
Price & Availability of CMD6NNP-330K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X