Part Number Hot Search : 
0459005 E10N94 74670 10N16 74VHC02T 12S05 250MHZ LZJ16
Product Description
Full Text Search
 

To Download CM5NP-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer
Type: CM-5
*Y
*E *E *E *E *E
Product Description
5.9*~ 5.9mm Max.(L*~ W), 5.0mm Max. Height. H* 5.6mH. Inductance range: 10E
Rated current range: 21mA* 490mA. 5 Terminal pins' type gives a flexible design as inductors or transformers. Custom design is available.
*Y
*E *E *E
Featurex
Magnetically shielded construction. Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB , Projector, Power supply module etc as DC-DC Converter inductors or transformers. RoHS Compliance.
*Y
Dimensions (mm)
3.5*0.2 }
0.7*0.15 }
*Y
Land Pattern (mm)
3.5
0.5*}0.1
4.4
5.6*0.3 }
3.5*}0.5
*{0.5 5.2*|0.2
2.0
10 .
5.6*}0.3
4.6*0.4 }
4.0*0.5 }
*Y
Specification (for transformers)
Sample No. 6301-T005 Inductance (6-4) 100KHz/0.1V 100H +40* " -20* " Rate Current(6-4) (mA)*| 135 1
*|
Schematics (Bottom)
" S" is winding start.
S S
3 2 1
4
6S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
General Power Transformer
Type: CM-5
*Y Specification (for inductors)
Part Name * | CM5NP-100* CM5NP-120* CM5NP-150* CM5NP-180* CM5NP-220* CM5NP-270* CM5NP-330* CM5NP-390* CM5NP-470* CM5NP-560* CM5NP-680* CM5NP-820* CM5NP-101* CM5NP-121* CM5NP-151* CM5NP-181* CM5NP-221* CM5NP-271* CM5NP-331* CM5NP-391* CM5NP-471* CM5NP-561* CM5NP-681* CM5NP-821* CM5NP-102* CM5NP-122* CM5NP-152* CM5NP-182* CM5NP-222* CM5NP-272* CM5NP-332* CM5NP-392* CM5NP-472* CM5NP-562* Inductance (Tolerance +40%, -20%)[Within*n 10E H 12H 15H 18H 22H 27H 33H 39H 47H 56H 68H 82H 100H 120H 150H 180H 220H 270H 330H 390H 470H 560H 680H 820H 1.0 mH 1.2 mH 1.5 mH 1.8 mH 2.2 mH 2.7 mH 3.3 mH 3.9 mH 4.7 mH 5.6 mH D.C.R.( ) [Max.](at 20*Z ) 0.2 0.25 0.25 0.3 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.7 0.75 0.95 1.25 1.5 1.7 1.9 2.45 3.15 3.65 4.2 4.5 6.9 10 10.5 13 18 22 24 27.5 31 32 36 Rate Current (mA)*| 2 490 460 415 375 305 280 270 245 215 210 190 160 150 140 130 115 105 95 90 80 75 65 60 55 50 45 40 40 35 30 30 25 24 21 Measuring Frequency
2.52 MHz
1 kHz
*|
Description of part name
CM5NP-100* B Box C Carrier Tape
*|
Schematics (Bottom)
S3
4
" S" is winding start.
2 1 6
*| 1.Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when / t=40*Z , whichever is lower(Ta=20*Z ).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CM5NP-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X