Part Number Hot Search : 
A2RKB1 PN1010 SR360 U74HC14 SM5397 SS130 8049AH A143E
Product Description
Full Text Search
 

To Download CGDT76 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gate Driver Transformer
Type: CGDT76
Product Description
7.9x7.0mm Max.(LxW), 6.3mm Max. Height Custom design is available.
Feature
1500Vdc insulation between Gate and Driver. Basic insulation(1.4mm creepage/clearance) and operational available. Operating frequency: 50kHz and up RoHS Compliance
Dimensions (mm)
6 5 4 10.80.3 8.6 Ref. 4 5 6
198
1
2 3 7.9MAX.
7.0MAX.
sumida
6.3MAX.
6-0.7 3 x0.25
2
1 4-2.54
Land Pattern (mm) 2.54
Schematics (Bottom)
1 3
6x2.0
9.98
6
4
6x1.4
Specification
Sample No. Turns Ratio 1:1 Pri.-Sec. Insulation 1500Vdc/1min. Primary L 100kHz/0.01V 1.7mH Min. Leakage L 100kHz/0.01V 8.0H Max. D.C.R. Pri. ( Max.) 2.22 D.C.R. Sec. ( Max.) 2.22 E-T (V*S) 30.24
P05NZ-198
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of CGDT76

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X