Part Number Hot Search : 
HER508 TS6121CH MAX6807 P6KE68CA 72045 SM5818 KE220 HV1816
Product Description
Full Text Search
 

To Download CEP124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors
Type: CEP124
Product Description
12.9x12.9 mm Max.(LxW), 5.0mm Max. Height. Standard type and High Power Type are available. Inductance Range: 0.684.0H (standard type ); 0.352.2H (High Power type). Saturation Current range: 8.820.8 A (Standard type ) ; 16.238.4A (High Power type). Temperature rise current 12.618.4A Custom design is available.
Feature
Magnetically shielded construction. Super high current, Mn-Zn core used, Flat wire used. Ideally used in computer CPU power supply. RoHS Compliance
Dimensions (mm)
12.50.4 5.0 Max.
2.60.2
4.00.2 4.20.2
7.00.2
12.50.4
2.60.2
Land Pattern (mm)
13.5 4.0 4.2
Schematics (Bottom)

10.0
4.0
Please refer to the sales offices on our website for a representative near you
3.0
www.sumida.com
2.50.2
1/2
Power Inductors
Type: CEP124
Specification 1. High Power Type
Part Name Stamp R35MH 0R8MH 1R4MH 2R2MH Inductance H 100kHz/1V 0.3520 0.8020 1.4020 2.2020 D.C.R. (m) Max.(Typ.) (20) 1.6(1.3) 2.4(2.0) 4.2(3.5) 7.6(6.3) Saturation Current A1 (20) 38.4 28.8 20.6 16.2 (100) 32.4 21.0 15.7 13.4 Temperature Rise Current (A) 2 18.4 17.8 13.8 12.6
CEP124NP-R35MC-H CEP124NP-0R8MC-H CEP124NP-1R4MC-H CEP124NP-2R2MC-H
2. Standard Type
Part Name Stamp R68MC 1R5MC 2R7MC 4R0MC Inductance H 100kHz/1V 0.6820 1.5020 2.7020 4.0020 D.C.R. (m) Max.(Typ.) (20) 1.6(1.3) 2.4(2.0) 4.2(3.5) 7.6(6.3) Saturation Current A1 (20) 20.8 14.2 10.6 8.8 (100) 17.0 11.5 8.2 7.0 Temperature Rise Current (A) 2 18.4 17.8 13.8 12.6
CEP124NP-R68MC CEP124NP-1R5MC CEP124NP-2R7MC CEP124NP-4R0MC
1 Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value. 2 Temperature Rise Current: The DC current at which the temperature rise is t40. (Ta20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CEP124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X