Part Number Hot Search : 
UMZ27N08 MJ15012G DRS401K 1N4744A MD2369 74LVC16 MLL5921D 2N5038
Product Description
Full Text Search
 

To Download CEFD1608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power & PoE Transformer
Type: CEFD1608
Product Description
22.3x16.3mm Max.(LxW), 8.4mm Max. Height. Custom design is available.
Feature
Max. Operating frequency 500KHz,Max. Operating Power 8.0W(500kHz). Ideally used in Portable equipment. Ideally used as PoE transformer. RoHS Compliance
Dimensions (mm)
10
16.3 MAX.
8.4 MAX.
4-2.5 0.2
6
6
10
22.3 MAX.
1
5
5
1
Land Pattern (mm)
0.9
2.5
Schematics (Bottom)
For General Power Transformer For Power over Ethernet Transformer
1 9
17.5
22.9
3 4
7 8
5
6
""indicates winding start.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
General Power & PoE Transformer
Type: CEFD1608
Specification (For general power transformer)
Sample No. P04NZ-013
Inductance (1,2-7,8) (100kHz/0.1V) 218%
D.C.R.(1-8) (m Max.) 500
Hi-pot (1,2,7,8-3,4,5,6) (50/60Hz) AC1500Vrms/1s.
Specification (For PoE transformer)
Sample No. PS05-025
Turns Ratio (Pri:Sec:Aux) 1:0.5:0.5:0.67
Primary Inductance 100kHz/1V 47.515
Pri-Sec. Insulation DC650V (0.5mA,1s.)
Leakage L (H Max.) 0.7
D.C.R. (m Max.) Pri. 190 Aux. 410 Sec.1 60 Sec.2 60
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CEFD1608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X