Part Number Hot Search : 
AQV255 IRFZ4 SB8150CT BCM5238 W56932CY IPECRG NE5537 ADUM330
Product Description
Full Text Search
 

To Download CDRR127NP-220MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< SMD Type: CDRR Series>
Type: CDRR127
*Y Product
Description
*E 12.5x12.5mm Max. (LxW),8.5 mm Max. Height.
*E Inductance range: 22EH. *E Rated current range: 4.45A. *E Custom design is available.
*Y Feature
*E Magnetically shielded construction.
*E Ideally used in engine control modle. *E RoHS Compliance.
*Y
Dimensions (mm)
*Y Land Pattern (mm)
13.2
12.5 Max.
7.0
5.0
12.5 Max.
8.5 Max.
7.2 Terminal
*Y Specification
Part Name *| CDRR127NP -220MC Inductance *m Within*n 100kHz/1V 22EH*}20% D.C.R. (m) Max. (at 20*Z ) 37(29) Saturation current Max.(Typ.) *iA*j*|1 4.88(6.10) Temperature rise current Max.(Typ.) (A)*|2 4.45(5.02)
Stamp
220
*|1.Saturation Current: The DC current at which the inductance decreases to 75% of it's initial value . (Ta** 20*Z ) *|2 Temperature rise current: The DC current at which the temperature rise is * 40*Z ** t** .(Ta 20*Z )
NOTE: THIS SPEC IS NOT THE FINAL ISSUE. AND MAYBE SOME PARTS BE CHANGED BEF WILL ORE PRODUCTION.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
5.6


▲Up To Search▲   

 
Price & Availability of CDRR127NP-220MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X