Part Number Hot Search : 
KS0040 BCY79 P40N03 ESD5Z33 MC12040 SO4403 ST8835 C221A
Product Description
Full Text Search
 

To Download CDRH6D3806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH6D38
Product Description
7.0x7.0mm Max.(LxW ) , 4.0mm Max. Height. Inductance range: 3.3100H Rated current range: 0.653.5A In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Magnetically shielded construction. Ideally used in Game machine, HDD, Notebook PC, Projector,PDA, etc as DC-DC Converter inductors. RoHS Compliance.
Dimensions (mm)
5 9. x. Ma
4 5.
6.70.3
6.70.3 (3.8) Max.4.0 Electrode 6 .5
Land Pattern (mm)
2.65
7.3
Please refer to the sales offices on our website for a representative near you
2.65
2.0
www.sumida.com
2.0
6.5
1/2
POWER INDUCTORS
Type: CDRH6D38
Specification
Part Name
CDRH6D38NP-3R3N CDRH6D38NP-5RON CDRH6D38NP-6R2N CDRH6D38NP-7R4N CDRH6D38NP-8R7N CDRH6D38NP-1OON CDRH6D38NP-12ON CDRH6D38NP-15ON CDRH6D38NP-18ON CDRH6D38NP-22ON CDRH6D38NP-27ON CDRH6D38NP-33ON CDRH6D38NP-39ON CDRH6D38NP-47ON CDRH6D38NP-56ON CDRH6D38NP-68ON CDRH6D38NP-82ON CDRH6D38NP-1O1N
Stamp
3R3 5R0 6R2 7R4 8R7 100 120 150 180 220 270 330 390 470 560 680 820 101
Inductance Within 10kHz/1V
3.3H30% 5.0H30% 6.2H30% 7.4H30% 8.7H30% 10H30% 12H30% 15H30% 18H30% 22H30% 27H30% 33H30% 39H30% 47H30% 56H30% 68H30% 82H30% 100H30%
D.C.R.() Max.(Typ.) (at 20)
20m (15m) 24m (18m) 27m (20m) 31m (23m) 34m (25m) 38m (28m) 53m (39m) 57m (42m) 92m (68m) 96m (71m) 109m (81m) 124m (92m) 138m(102m) 155m(115m) 202m(150m) 234m(173m) 324m(240m) 358m(265m)
Rated Current (A) 1 3.50 2.90 2.50 2.30 2.20 2.00 1.70 1.60 1.50 1.30 1.20 1.10 1.00 0.95 0.85 0.75 0.70 0.65
Description of part name
CDRH6D38NP-3R3N
B Box C Carrier Tape
1 Rated current: The DC current at which the inductance decreases to 65% of it's nominal value or when t=30, whichever is lower(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH6D3806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X