Part Number Hot Search : 
2SC42 STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42
Product Description
Full Text Search
 

To Download CDRH4D16FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH4D16FC
Product Description
4.12x4.12mm Max.(LxW), 1.8mm Max. Height. Inductance range: 4.733.0H Rated current range: 0.431.2A
Feature
Magnetically shielded construction. Flat Wire used, Lower Heating Loss Type. Ideally used in DSC/DVC,Notebook PC, Game machine,DVD,LCD TV,STB etc as DC-DC Converter inductors. RoHS Compliance.
Dimensions (mm)
0.800.15
0.
4.00.12
1.650.15
4. 4
2
15 0. 1 1.
4.00.12
0. 80 0. 15
2. 8
1 2.
R1.0
4 2.
4. 5 0.
ELECTRODE(NO ADHESIVE)
12
Land Pattern (mm)
4 1.
Schematics (Bottom)
5. 0
2. 6
1. 2
1. 2
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS
Type: CDRH4D16FC
Specification
Inductance Within 100kHz/0.1V D.C.R.(m) Within
(at 20)
Part No.
Packing
Stamp
Saturation current
MAX. 1
Temperature rise current
MAX. () 2
1-456-995-22 1-456-995-12 1-456-996-22 1-456-996-12 1-456-997-22 1-456-997-12
REEL BOX REEL BOX REEL BOX
4.7H20
+20% -30%
1.20
1.8
10H20 98
+20% -30% +20% 360 -30%
0.80
1.00
33H20
0.43
0.50
1. Saturation current: The DC current at which the inductance decreases to 70% of it's nominal value. 2. Temperature rise current: The DC current when the temperature rise is t40(Ta20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH4D16FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X